Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4816BDY-T1-GE3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI4816BDY-T1-GE3
Description  Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4816BDY-T1-GE3 Datasheet(HTML) 4 Page - Vishay Siliconix

  SI4816BDY-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI4816BDY-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI4816BDY-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI4816BDY-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI4816BDY-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI4816BDY-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI4816BDY-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI4816BDY-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI4816BDY-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.vishay.com
4
Document Number: 73026
S09-0394-Rev. D, 09-Mar-09
Vishay Siliconix
Si4816BDY
CHANNEL-1 TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Gate Charge
Source-Drain Diode Forward Voltage
Threshold Voltage
0
1
2
3
4
5
6
0
2468
10
VDS = 15 V
ID = 6.8 A
Qg – Total Gate Charge (nC)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
TJ = 150 °C
40
10
1
VSD – Source-to-Drain Voltage (V)
TJ = 25 °C
- 0.8
- 0.6
- 0.4
- 0.2
0.0
0.2
0.4
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ – Temperature (°C)
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
0.6
0.8
1.0
1.2
1.4
1.6
- 50
- 25
0
25
50
75
100
125
150
VGS = 10 V
ID = 6.8 A
TJ – Junction Temperature (°C)
0.00
0.01
0.02
0.03
0.04
0.05
0
2468
10
VGS – Gate-to-Source Voltage (V)
ID = 6.8 A
0.001
0
1
100
40
60
10
0.1
Time (s)
20
80
0.01


Similar Part No. - SI4816BDY-T1-GE3

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
SI4816BDY-T1-GE3 TECHPUBLIC-SI4816BDY-T1-GE3 Datasheet
4Mb / 11P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
More results

Similar Description - SI4816BDY-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4808DY VISHAY-SI4808DY Datasheet
46Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4818DY VISHAY-SI4818DY Datasheet
68Kb / 8P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4816BDY VISHAY-SI4816BDY Datasheet
88Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 09-Aug-04
SI4854DY VISHAY-SI4854DY Datasheet
53Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 16-Apr-01
SI4834BDY-T1-E3 VISHAY-SI4834BDY-T1-E3 Datasheet
261Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-May-09
SI4834BDY VISHAY-SI4834BDY Datasheet
93Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. C, 29-Dec-03
SI4650DY VISHAY-SI4650DY Datasheet
155Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-Jan-10
SI4310BDY VISHAY-SI4310BDY_V01 Datasheet
152Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI7872DP VISHAY-SI7872DP_V01 Datasheet
149Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
18-Jul-08
SI7842DP VISHAY-SI7842DP_V01 Datasheet
133Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SIZ980BDT VISHAY-SIZ980BDT Datasheet
239Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com