Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5424DC Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI5424DC
Description  N-Channel 30-V (D-S) MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5424DC Datasheet(HTML) 4 Page - Vishay Siliconix

  SI5424DC_08 Datasheet HTML 1Page - Vishay Siliconix SI5424DC_08 Datasheet HTML 2Page - Vishay Siliconix SI5424DC_08 Datasheet HTML 3Page - Vishay Siliconix SI5424DC_08 Datasheet HTML 4Page - Vishay Siliconix SI5424DC_08 Datasheet HTML 5Page - Vishay Siliconix SI5424DC_08 Datasheet HTML 6Page - Vishay Siliconix SI5424DC_08 Datasheet HTML 7Page - Vishay Siliconix SI5424DC_08 Datasheet HTML 8Page - Vishay Siliconix SI5424DC_08 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.vishay.com
4
Document Number: 73776
S-83054-Rev. B, 29-Dec-08
Vishay Siliconix
Si5424DC
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.001
0.1
0.01
1
10
20
TA = 150 °C
TA = 25 °C
VSD -Source-to-Drain Voltage (V)
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0246
8
10
ID = 4.8 A
TA = 25 °C
TA = 125 °C
VGS - Gate-to-Source Voltage (V)
0
30
50
10
20
Time (s)
40
1
100
600
10
10-1
10-2
10-3
Safe Operating Area, Junction-to-Ambient
10 ms
100 ms
DC
1 s
10 s
1 ms
0.001
100
1
0
0
1
1
1
.
0
0.01
10
0.1
10
TA = 25 C
Single Pulse
BVDSS Limited
Limited by RDS(on)*
VDS - Drain-to-Source Voltage (V)
* VGS > minimum VGS at which RDS(on) is specified


Similar Part No. - SI5424DC_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI5424DC-T1-E3 VISHAY-SI5424DC-T1-E3 Datasheet
111Kb / 7P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 29-Dec-08
SI5424DC VISHAY-SI5424DC_V01 Datasheet
239Kb / 11P
   N-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI5424DC_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com