Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5513CDC-T1-GE3 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # SI5513CDC-T1-GE3
Description  N- and P-Channel 20 V (D-S) MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5513CDC-T1-GE3 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SI5513CDC-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI5513CDC-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI5513CDC-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI5513CDC-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI5513CDC-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix SI5513CDC-T1-GE3 Datasheet HTML 10Page - Vishay Siliconix SI5513CDC-T1-GE3 Datasheet HTML 11Page - Vishay Siliconix SI5513CDC-T1-GE3 Datasheet HTML 12Page - Vishay Siliconix SI5513CDC-T1-GE3 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Document Number: 68806
S10-0547-Rev. C, 08-Mar-10
www.vishay.com
9
Vishay Siliconix
Si5513CDC
P-CHANNEL TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
0.1
1
10
100
0.0
0.20.4
0.60.8
1.0
1.2
TJ = 150 °C
VSD -Source-to-Drain Voltage (V)
TJ = 25 °C
0.6
0.7
0.8
0.9
1.0
1.1
1.2
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power
0.00
0.06
0.12
0.18
0.24
0.30
0246
8
10
12
VGS - Gate-to-Source Voltage (V)
TJ =25 °C
TJ = 125 °C
ID = - 2.4 A
0
10
20
30
40
50
60
Time (s)
1
100
0.01
0.001
0.0001
10
0.1
Safe Operating Area, Junction-to-Case
VDS - Drain-to-Source Voltage (V)
* VGS > minimum VGS at which RDS(on) is specified
10
0.1
0.1
1
10
1
TA = 25 °C
Single Pulse
1ms
10 ms
100 ms
0.01
1s,10s
DC
BVDSS Limited
100
100 µs
Limited byRDS(on)*


Similar Part No. - SI5513CDC-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI5513CDC-T1-E3 VISHAY-SI5513CDC-T1-E3 Datasheet
144Kb / 12P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 13-Oct-08
More results

Similar Description - SI5513CDC-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3588DV VISHAY-SI3588DV Datasheet
59Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI3586DV VISHAY-SI3586DV Datasheet
362Kb / 4P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 16-May-05
SI1553CDL VISHAY-SI1553CDL Datasheet
262Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
SI3586DV VISHAY-SI3586DV_09 Datasheet
212Kb / 13P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. D, 12-Oct-09
logo
Vaishali Semiconductor
SI3585DV VAISH-SI3585DV Datasheet
67Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI4511DY VISHAY-SI4511DY Datasheet
77Kb / 8P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 09-Aug-04
SI5509DC VISHAY-SI5509DC_08 Datasheet
134Kb / 12P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 20-Mar-06
SI5515CDC VISHAY-SI5515CDC_10 Datasheet
276Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. B, 08-Mar-10
SIA519EDJ VISHAY-SIA519EDJ Datasheet
275Kb / 14P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 14-Dec-09
SI4511DY VISHAY-SI4511DY_V01 Datasheet
142Kb / 9P
   N- and P-Channel 20-V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
AO7600 VBSEMI-AO7600 Datasheet
1Mb / 9P
   N- and P- Channel 20 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com