Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5902BDC Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI5902BDC
Description  Dual N-Channel 30 V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5902BDC Datasheet(HTML) 2 Page - Vishay Siliconix

  SI5902BDC Datasheet HTML 1Page - Vishay Siliconix SI5902BDC Datasheet HTML 2Page - Vishay Siliconix SI5902BDC Datasheet HTML 3Page - Vishay Siliconix SI5902BDC Datasheet HTML 4Page - Vishay Siliconix SI5902BDC Datasheet HTML 5Page - Vishay Siliconix SI5902BDC Datasheet HTML 6Page - Vishay Siliconix SI5902BDC Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
2
Document Number: 70415
S10-0548-Rev. B, 08-Mar-10
Vishay Siliconix
Si5902BDC
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
30
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
27
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
- 5
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
1.5
3
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
1
µA
VDS = 30 V, VGS = 0 V, TJ = 85 °C
5
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 10 V
10
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 3.1 A
0.053
0.065
Ω
VGS = 4.5 V, ID = 1 A
0.081
0.100
Forward Transconductancea
gfs
VDS = 15 V, ID = 3.1 A
5S
Dynamicb
Input Capacitance
Ciss
VDS = 15 V, VGS = 0 V, f = 1 MHz
220
pF
Output Capacitance
Coss
50
Reverse Transfer Capacitance
Crss
25
Total Gate Charge
Qg
VDS = 15 V, VGS = 10 V, ID = 3.6 A
4.5
7
nC
VDS = 15 V, VGS = 4.5 V, ID = 3.6 A
23
Gate-Source Charge
Qgs
0.7
Gate-Drain Charge
Qgd
0.7
Gate Resistance
Rg
f = 1 MHz
3
Ω
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 5.8 Ω
ID ≅ 2.6 A, VGEN = 4.5 V, Rg = 1 Ω
15
25
ns
Rise Time
tr
80
120
Turn-Off Delay Time
td(off)
12
20
Fall Time
tf
25
40
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 5.8 Ω
ID ≅ 2.6 A, VGEN = 10 V, Rg = 1 Ω
48
Rise Time
tr
12
20
Turn-Off Delay Time
td(off)
10
15
Fall Time
tf
510
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
2.6
A
Pulse Diode Forward Current
ISM
10
Body Diode Voltage
VSD
IS = 2.6 A, VGS = 0 V
0.8
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 2.6 A, dI/dt = 100 A/µs, TJ = 25 °C
30
50
ns
Body Diode Reverse Recovery Charge
Qrr
20
40
nC
Reverse Recovery Fall Time
ta
23
ns
Reverse Recovery Rise Time
tb
7


Similar Part No. - SI5902BDC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI5902BDC VISHAY-SI5902BDC Datasheet
114Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 02-Jul-07
logo
Vishay Telefunken
SI5902BDC TFUNK-SI5902BDC Datasheet
243Kb / 11P
   Dual N-Channel 30 V (D-S) MOSFET
logo
Vishay Siliconix
SI5902BDC-T1-E3 VISHAY-SI5902BDC-T1-E3 Datasheet
114Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 02-Jul-07
logo
VBsemi Electronics Co.,...
SI5902BDC-T1-GE3 VBSEMI-SI5902BDC-T1-GE3 Datasheet
1Mb / 8P
   Dual N-Channel 20 V (D-S) MOSFET
More results

Similar Description - SI5902BDC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7212DN VISHAY-SI7212DN Datasheet
94Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Jun-05
logo
DinTek Semiconductor Co...
DTM4936 DINTEK-DTM4936 Datasheet
294Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4932DY VISHAY-SI4932DY Datasheet
111Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 22-Dec-08
SIZ340DT VISHAY-SIZ340DT Datasheet
372Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 24-Mar-14
logo
Analog Power
AM6926NH ANALOGPOWER-AM6926NH Datasheet
398Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4276DY-T1-E3 VISHAY-SI4276DY-T1-E3 Datasheet
232Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI4276DY VISHAY-SI4276DY Datasheet
304Kb / 15P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 31-May-10
SI5906DU VISHAY-SI5906DU Datasheet
164Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 20-Jul-09
SI7212DN VISHAY-SI7212DN_09 Datasheet
549Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. F, 14-Sep-09
logo
Analog Power
AM4934N ANALOGPOWER-AM4934N Datasheet
95Kb / 3P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4936ADY VISHAY-SI4936ADY Datasheet
61Kb / 4P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Oct-03
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com