Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI6924AEDQ Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI6924AEDQ
Description  N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6924AEDQ Datasheet(HTML) 4 Page - Vishay Siliconix

  SI6924AEDQ_08 Datasheet HTML 1Page - Vishay Siliconix SI6924AEDQ_08 Datasheet HTML 2Page - Vishay Siliconix SI6924AEDQ_08 Datasheet HTML 3Page - Vishay Siliconix SI6924AEDQ_08 Datasheet HTML 4Page - Vishay Siliconix SI6924AEDQ_08 Datasheet HTML 5Page - Vishay Siliconix SI6924AEDQ_08 Datasheet HTML 6Page - Vishay Siliconix SI6924AEDQ_08 Datasheet HTML 7Page - Vishay Siliconix SI6924AEDQ_08 Datasheet HTML 8Page - Vishay Siliconix SI6924AEDQ_08 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.vishay.com
4
Document Number: 72215
S-81056-Rev. B, 12-May-08
Vishay Siliconix
Si6924AEDQ
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current
On-Resistance vs. Junction Temperature
0
5
10
15
20
25
0.00
0.25
0.50
0.75
1.00
1.25
1.50
VGS = 5 thru 2,5 V
2 V
VDS - Drain-to-Source Voltage (V)
0.00
0.01
0.02
0.03
0.04
0.05
04
8
12
16
20
VGS = 4.5 V
VGS = 2.5 V
ID - Drain Current (A)
VGS = 3 V
0.6
0.8
1.0
1.2
1.4
1.6
1.8
- 50
- 25
0
25
50
75
100
125
150
VGS = 4.5 V
ID = 4.6 A
TJ - Junction Temperature (°C)
Transfer Characteristics
Gate Charge
Source-Drain Diode Forward Voltage
0
5
10
15
20
25
0.0
0.5
1.0
1.5
2.0
2.5
3.0
25 °C
TC = 125 °C
- 55 °C
VGS - Gate-to-Source Voltage (V)
0
1
2
3
4
5
012
34
567
VDS = 10 V
ID = 4.6 A
Qg - Total Gate Charge (nC)
1.0
1.2
1
10
20
0
0.4
0.6
0.8
TJ = 25 °C
TJ = 150 °C
VSD - Source-to-Drain Voltage (V)


Similar Part No. - SI6924AEDQ_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6924AEDQ-T1 VISHAY-SI6924AEDQ-T1 Datasheet
52Kb / 6P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
Rev. A, 13-May-03
SI6924AEDQ VISHAY-SI6924AEDQ_V01 Datasheet
119Kb / 7P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
01-Jan-2022
More results

Similar Description - SI6924AEDQ_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6924EDQ VISHAY-SI6924EDQ Datasheet
49Kb / 5P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
Rev. C, 30-Nov-98
SI6924AEDQ VISHAY-SI6924AEDQ Datasheet
52Kb / 6P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
Rev. A, 13-May-03
SI6924AEDQ VISHAY-SI6924AEDQ_V01 Datasheet
119Kb / 7P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
01-Jan-2022
SI6880EDQ VISHAY-SI6880EDQ Datasheet
44Kb / 4P
   N-Channel 1.8-V (G-S) Battery Switch, ESD Protection
Rev. B, 17-Dec-01
SI6954ADQ VISHAY-SI6954ADQ_V01 Datasheet
222Kb / 10P
   N-Channel 2.5-V (G-S) Battery Switch
01-Jan-2022
SI6954ADQ VISHAY-SI6954ADQ Datasheet
61Kb / 4P
   N-Channel 2.5-V (G-S) Battery Switch
Rev. A, 24-Jan-00
SI6968DQ VISHAY-SI6968DQ Datasheet
60Kb / 4P
   N-Channel 2.5-V (G-S) Battery Switch
Rev. E, 02-Nov-98
logo
Vishay Telefunken
SI6954ADQ TFUNK-SI6954ADQ Datasheet
219Kb / 10P
   N-Channel 2.5-V (G-S) Battery Switch
logo
Vishay Siliconix
SI6968ADQ VISHAY-SI6968ADQ Datasheet
62Kb / 4P
   N-Channel 2.5-V (G-S) Battery Switch
Rev. A, 20-Dec-99
SI6954ADQ VISHAY-SI6954ADQ_08 Datasheet
214Kb / 10P
   N-Channel 2.5-V (G-S) Battery Switch
Rev. C, 02-Jun-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com