Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI6954ADQ Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI6954ADQ
Description  N-Channel 2.5-V (G-S) Battery Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6954ADQ Datasheet(HTML) 2 Page - Vishay Siliconix

  SI6954ADQ_08 Datasheet HTML 1Page - Vishay Siliconix SI6954ADQ_08 Datasheet HTML 2Page - Vishay Siliconix SI6954ADQ_08 Datasheet HTML 3Page - Vishay Siliconix SI6954ADQ_08 Datasheet HTML 4Page - Vishay Siliconix SI6954ADQ_08 Datasheet HTML 5Page - Vishay Siliconix SI6954ADQ_08 Datasheet HTML 6Page - Vishay Siliconix SI6954ADQ_08 Datasheet HTML 7Page - Vishay Siliconix SI6954ADQ_08 Datasheet HTML 8Page - Vishay Siliconix SI6954ADQ_08 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
2
Document Number: 71130
S-81221-Rev. C, 02-Jun-08
Vishay Siliconix
Si6954ADQ
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
1V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
1
µA
VDS = 30 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 10 V
20
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 3.4 A
0.044
0.053
Ω
VGS = 4.5 V, ID = 2.9 A
0.062
0.075
Forward Transconductancea
gfs
VDS = 15 V, ID = 3.4 A
10
S
Diode Forward Voltagea
VSD
IS = 0.83 A, VGS = 0 V
0.8
1.2
V
Dynamicb
Total Gate Charge
Qg
VDS = 10 V, VGS = 10 V, ID = 3.4 A
816
nC
Gate-Source Charge
Qgs
1.4
Gate-Drain Charge
Qgd
1.2
Turn-On Delay Time
td(on)
VDD = 10 V, RL = 10 Ω
ID ≅ 1 A, VGEN = 10 V, RG = 6 Ω
12
20
ns
Rise Time
tr
10
20
Turn-Off Delay Time
td(off)
23
45
Fall Time
tf
815
Source-Drain Reverse Recovery Time
trr
IF = 0.83 A, dI/dt = 100 A/µs
25
40
Output Characteristics
0
4
8
12
16
20
01234
VGS = 10 thru 5 V
4 V
VDS - Drain-to-Source Voltage (V)
3 V
Transfer Characteristics
0
4
8
12
16
20
0
1234
5
TC = 125 °C
- 55 °C
25 °C
VGS - Gate-to-Source Voltage (V)


Similar Part No. - SI6954ADQ_08

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SI6954ADQ-T1-E3 VBSEMI-SI6954ADQ-T1-E3 Datasheet
936Kb / 8P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI6954ADQ VISHAY-SI6954ADQ_V01 Datasheet
222Kb / 10P
   N-Channel 2.5-V (G-S) Battery Switch
01-Jan-2022
More results

Similar Description - SI6954ADQ_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6954ADQ VISHAY-SI6954ADQ_V01 Datasheet
222Kb / 10P
   N-Channel 2.5-V (G-S) Battery Switch
01-Jan-2022
SI6954ADQ VISHAY-SI6954ADQ Datasheet
61Kb / 4P
   N-Channel 2.5-V (G-S) Battery Switch
Rev. A, 24-Jan-00
SI6968DQ VISHAY-SI6968DQ Datasheet
60Kb / 4P
   N-Channel 2.5-V (G-S) Battery Switch
Rev. E, 02-Nov-98
logo
Vishay Telefunken
SI6954ADQ TFUNK-SI6954ADQ Datasheet
219Kb / 10P
   N-Channel 2.5-V (G-S) Battery Switch
logo
Vishay Siliconix
SI6968ADQ VISHAY-SI6968ADQ Datasheet
62Kb / 4P
   N-Channel 2.5-V (G-S) Battery Switch
Rev. A, 20-Dec-99
SI6924AEDQ VISHAY-SI6924AEDQ_08 Datasheet
231Kb / 12P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
Rev. B, 12-May-08
SI6965DQ VISHAY-SI6965DQ Datasheet
53Kb / 4P
   P-Channel 2.5-V (G-S) Battery Switch
Rev. B, 02-Nov-98
SI6924EDQ VISHAY-SI6924EDQ Datasheet
49Kb / 5P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
Rev. C, 30-Nov-98
SI6924AEDQ VISHAY-SI6924AEDQ Datasheet
52Kb / 6P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
Rev. A, 13-May-03
SI6924AEDQ VISHAY-SI6924AEDQ_V01 Datasheet
119Kb / 7P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com