Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI6981DQ Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI6981DQ
Description  Dual P-Channel 1.8-V (G-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6981DQ Datasheet(HTML) 2 Page - Vishay Siliconix

  SI6981DQ Datasheet HTML 1Page - Vishay Siliconix SI6981DQ Datasheet HTML 2Page - Vishay Siliconix SI6981DQ Datasheet HTML 3Page - Vishay Siliconix SI6981DQ Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Vishay Siliconix
SPICE Device Model Si6981DQ
SPECIFICATIONS (TJ = 25°C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Simulated
Data
Measured
Data
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = −300 µA
0.80
V
On-State Drain Current
a
ID(on)
VDS = −5 V, VGS = −4.5 V
205
A
VGS = −4.5 V, ID = −4.8 A
0.027
0.026
Drain-Source On-State Resistance
a
rDS(on)
VGS = −2.5 V, ID = −4.2 A
0.034
0.034
VGS = −1.8 V, ID = −3.5 A
0.047
0.046
Forward Transconductance
a
gfs
VDS = −5 V, ID = −4.8 A
19
17
S
Diode Forward Voltage
a
VSD
IS = −1 A, VGS = 0 V
−0.78
−0.65
V
Dynamic
b
Total Gate Charge
Qg
13.5
15
Gate-Source Charge
Qgs
2.4
2.4
Gate-Drain Charge
Qgd
VDS = −10 V, VGS = −4.5 V, ID = −4.8 A
3.8
3.8
nC
Turn-On Delay Time
td(on)
37
35
Rise Time
tr
55
55
Turn-Off Delay Time
td(off)
117
120
Fall Time
tf
VDD = −10 V, RL = 10 Ω
ID ≅ −1 A, VGEN = −4.5 V, RG = 6 Ω
31
52
ns
Notes
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2%.
b. Guaranteed by design, not subject to production testing.
2
www.vishay.com
Document Number: 72328
S-60146
Rev. B, 13-Feb-06


Similar Part No. - SI6981DQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6981DQ VISHAY-SI6981DQ Datasheet
42Kb / 5P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. A, 26-May-03
SI6981DQ VISHAY-SI6981DQ Datasheet
106Kb / 6P
   Dual P-Channel 20-V (D-S) MOSFET
01-Jan-2022
SI6981DQ-T1 VISHAY-SI6981DQ-T1 Datasheet
42Kb / 5P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. A, 26-May-03
SI6981DQT-1 VISHAY-SI6981DQT-1 Datasheet
42Kb / 5P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. A, 26-May-03
SI6981DQ VISHAY-SI6981DQ_16 Datasheet
107Kb / 6P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 02-Jun-08
More results

Similar Description - SI6981DQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6973DQ VISHAY-SI6973DQ Datasheet
66Kb / 4P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. A, 22-May-00
SI4965DY VISHAY-SI4965DY Datasheet
62Kb / 4P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. B, 13-Oct-03
SI4967DY VISHAY-SI4967DY Datasheet
62Kb / 4P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. C, 13-Oct-03
SI5935DC VISHAY-SI5935DC Datasheet
73Kb / 5P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. A, 16-Jun-03
SI5935DC-T1-E3 VISHAY-SI5935DC-T1-E3 Datasheet
233Kb / 10P
   Dual P-Channel 1.8 V (G-S) MOSFET
Rev. C, 19-Apr-10
logo
Guangdong Kexin Industr...
KI5935DC KEXIN-KI5935DC Datasheet
66Kb / 2P
   Dual P-Channel 1.8-V (G-S) MOSFET
logo
Vishay Siliconix
SI6967DQ-T1-E3 VISHAY-SI6967DQ-T1-E3 Datasheet
216Kb / 10P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. D, 02-Jun-08
SI4967DY VISHAY-SI4967DY_V01 Datasheet
103Kb / 5P
   Dual P-Channel 1.8-V (G-S) MOSFET
01-Jan-2022
SI5905DC VISHAY-SI5905DC_V01 Datasheet
112Kb / 5P
   Dual P-Channel 1.8 V (G-S) MOSFET
SI1905DL VISHAY-SI1905DL Datasheet
57Kb / 4P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Nov-99
SI1907DL VISHAY-SI1907DL Datasheet
202Kb / 3P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. B, 28-Feb-05
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com