Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si7106DN-T1-E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # Si7106DN-T1-E3
Description  N-Channel 20-V (D-S) Fast Switching MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Si7106DN-T1-E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  Si7106DN-T1-E3 Datasheet HTML 1Page - Vishay Siliconix Si7106DN-T1-E3 Datasheet HTML 2Page - Vishay Siliconix Si7106DN-T1-E3 Datasheet HTML 3Page - Vishay Siliconix Si7106DN-T1-E3 Datasheet HTML 4Page - Vishay Siliconix Si7106DN-T1-E3 Datasheet HTML 5Page - Vishay Siliconix Si7106DN-T1-E3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 73142
S-81529-Rev. E, 30-Jun-08
www.vishay.com
3
Vishay Siliconix
Si7106DN
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
On-Resistance vs. Drain Current
Gate Charge
Source-Drain Diode Forward Voltage
0.000
0.002
0.004
0.006
0.008
0.010
0.012
0.014
0.016
0
102030
405060
ID - Drain Current (A)
VGS = 2.5 V
VGS = 4.5 V
0
1
2
3
4
5
04
8
12
16
20
VDS = 10 V
ID = 19.5 A
Qg - Total Gate Charge (nC)
VSD - Source-to-Drain Voltage (V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
TJ = 25 °C
60
10
1
TJ = 150 °C
Capacitance
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-to-Source Voltage
0
700
1400
2100
2800
3500
0
5
10
15
20
Ciss
VDS - Drain-to-Source Voltage (V)
Coss
Crss
0.6
0.8
1.0
1.2
1.4
1.6
- 50
- 25
0
25
50
75
100
125
150
VGS = 4.5 V
ID = 19.5 A
TJ - Junction Temperature (°C)
0.000
0.004
0.008
0.012
0.016
0.020
0.024
0
1234
5
VGS - Gate-to-Source Voltage (V)
ID = 19.5 A
ID = 5 A


Similar Part No. - Si7106DN-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7106DN VISHAY-SI7106DN Datasheet
82Kb / 6P
   N-Channel 20-V (D-S) Fast Switching MOSFET
18-Jul-08
SI7106DN VISHAY-SI7106DN_V01 Datasheet
82Kb / 6P
   N-Channel 20-V (D-S) Fast Switching MOSFET
18-Jul-08
More results

Similar Description - Si7106DN-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7458DP VISHAY-SI7458DP Datasheet
51Kb / 4P
   N-Channel 20-V (D-S) Fast Switching MOSFET
Rev. A, 04-Mar-02
SI7110DN VISHAY-SI7110DN Datasheet
534Kb / 12P
   N-Channel 20-V (D-S) Fast Switching MOSFET
Rev. E, 17-Mar-08
SI7448DP VISHAY-SI7448DP Datasheet
42Kb / 4P
   N-Channel 20-V (D-S) Fast Switching MOSFET
Rev. B, 18-Aug-03
SISH106DN VISHAY-SISH106DN Datasheet
189Kb / 8P
   N-Channel 20 V (D-S) Fast Switching MOSFET
01-Jan-2022
SI7106DN VISHAY-SI7106DN_V01 Datasheet
82Kb / 6P
   N-Channel 20-V (D-S) Fast Switching MOSFET
18-Jul-08
SI7108DN-T1-E3 VISHAY-SI7108DN-T1-E3 Datasheet
536Kb / 12P
   N-Channel 20-V (D-S) Fast Switching MOSFET
Rev. E, 17-Mar-08
SI7108DN VISHAY-SI7108DN_V01 Datasheet
531Kb / 12P
   N-Channel 20-V (D-S) Fast Switching MOSFET
01-Jan-2022
SI7110DN VISHAY-SI7110DN_V01 Datasheet
533Kb / 12P
   N-Channel 20-V (D-S) Fast Switching MOSFET
01-Jan-2022
SI7448DP VISHAY-SI7448DP_V01 Datasheet
216Kb / 8P
   N-Channel 20 V (D-S) Fast Switching MOSFET
01-Jan-2022
SI7108DN VISHAY-SI7108DN Datasheet
107Kb / 6P
   N-Channel 20-V (D-S) Fast Switching MOSFET
Rev. C, 01-Aug-05
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com