Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI7454DP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI7454DP
Description  N-Channel 100-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7454DP Datasheet(HTML) 2 Page - Vishay Siliconix

  SI7454DP Datasheet HTML 1Page - Vishay Siliconix SI7454DP Datasheet HTML 2Page - Vishay Siliconix SI7454DP Datasheet HTML 3Page - Vishay Siliconix SI7454DP Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Vishay Siliconix
SPICE Device Model Si7454DP
SPECIFICATIONS (TJ = 25°C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Simulated
Data
Measured
Data
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
2.8
V
On-State Drain Current
a
ID(on)
VDS ≥ 5 V, VGS = 10 V
177
A
VGS = 10 V, ID = 7.8 A
0.028
0.028
Drain-Source On-State Resistance
a
rDS(on)
VGS = 6 V, ID = 7.2 A
0.029
0.032
Forward Transconductance
a
gfs
VDS = 15 V, ID = 7.8 A
30
25
S
Forward Voltage
a
VSD
IS = 4 A, VGS = 0 V
0.74
0.80
V
Dynamic
b
Total Gate Charge
Qg
27
24
Gate-Source Charge
Qgs
7.6
7.6
Gate-Drain Charge
Qgd
VDS = 50 V, VGS = 10 V, ID = 7.8 A
5.4
5.4
nC
Turn-On Delay Time
td(on)
13
16
Rise Time
tr
17
10
Turn-Off Delay Time
td(off)
31
35
Fall Time
tf
VDD = 50 V, RL = 50 Ω
ID ≅ 1 A, VGEN = 10 V, RG = 6 Ω
55
20
ns
Notes
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2%.
b. Guaranteed by design, not subject to production testing.
2
www.vishay.com
Document Number: 72966
S-60145
Rev. B, 13-Feb-06


Similar Part No. - SI7454DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7454DP VISHAY-SI7454DP Datasheet
48Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 14-May-01
SI7454DP VISHAY-SI7454DP Datasheet
369Kb / 12P
   N-Channel 100 V (D-S) MOSFET
01-Jan-2022
SI7454DP-T1-E3 VISHAY-SI7454DP-T1-E3 Datasheet
166Kb / 7P
   N-Channel 100-V (D-S) MOSFET
Rev. D, 09-Feb-09
SI7454DP-T1-E3 VISHAY-SI7454DP-T1-E3 Datasheet
370Kb / 12P
   N-Channel 100 V (D-S) MOSFET
08-Feb-17
SI7454DP-T1-GE3 VISHAY-SI7454DP-T1-GE3 Datasheet
166Kb / 7P
   N-Channel 100-V (D-S) MOSFET
Rev. D, 09-Feb-09
More results

Similar Description - SI7454DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 25-Dec-01
SIR870ADP_1209 VISHAY-SIR870ADP_1209 Datasheet
481Kb / 13P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 28-Nov-11
SIR876DP VISHAY-SIR876DP Datasheet
191Kb / 9P
   N-Channel 100 V (D-S) MOSFET
Rev. B, 22-Nov-10
SIR882ADP VISHAY-SIR882ADP_15 Datasheet
336Kb / 14P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Aug-11
SI7456CDP VISHAY-SI7456CDP Datasheet
132Kb / 7P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 05-Apr-10
logo
Analog Power
AM90N10-07B ANALOGPOWER-AM90N10-07B Datasheet
365Kb / 5P
   N-Channel 100-V (D-S) MOSFET
AM290N10-02FP ANALOGPOWER-AM290N10-02FP Datasheet
317Kb / 5P
   N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SUM70040M VISHAY-SUM70040M Datasheet
173Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 17-Aug-15
SUA70060E VISHAY-SUA70060E Datasheet
200Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 06-Jun-16
SUD70090E VISHAY-SUD70090E Datasheet
201Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 01-Feb-16
SI2392DS VISHAY-SI2392DS Datasheet
245Kb / 10P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Apr-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com