Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI8402DB Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI8402DB
Description  20-V N-Channel 1.8-V (G-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI8402DB Datasheet(HTML) 3 Page - Vishay Siliconix

  SI8402DB Datasheet HTML 1Page - Vishay Siliconix SI8402DB Datasheet HTML 2Page - Vishay Siliconix SI8402DB Datasheet HTML 3Page - Vishay Siliconix SI8402DB Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Vishay Siliconix
SPICE Device Model Si8402DB
www.vishay.com
Document Number: 72681
S-60410
Rev. B, 20-Mar-06
COMPARISON OF MODEL WITH MEASURED DATA (TJ=25°C UNLESS OTHERWISE NOTED)


Similar Part No. - SI8402DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI8402DB VISHAY-SI8402DB Datasheet
91Kb / 6P
   20-V N-Channel 1.8-V (G-S) MOSFET
Rev. A, 15-Dec-03
SI8402DB VISHAY-SI8402DB Datasheet
208Kb / 10P
   20-V N-Channel 1.8-V (G-S) MOSFET
Rev. C, 08-Sep-08
SI8402DB-T1 VISHAY-SI8402DB-T1 Datasheet
91Kb / 6P
   20-V N-Channel 1.8-V (G-S) MOSFET
Rev. A, 15-Dec-03
SI8402DB-T1-E1 VISHAY-SI8402DB-T1-E1 Datasheet
208Kb / 10P
   20-V N-Channel 1.8-V (G-S) MOSFET
Rev. C, 08-Sep-08
SI8402DB VISHAY-SI8402DB_08 Datasheet
208Kb / 10P
   20-V N-Channel 1.8-V (G-S) MOSFET
Rev. C, 08-Sep-08
More results

Similar Description - SI8402DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI8402DB VISHAY-SI8402DB Datasheet
91Kb / 6P
   20-V N-Channel 1.8-V (G-S) MOSFET
Rev. A, 15-Dec-03
SI8402DB VISHAY-SI8402DB_08 Datasheet
208Kb / 10P
   20-V N-Channel 1.8-V (G-S) MOSFET
Rev. C, 08-Sep-08
SI1012R VISHAY-SI1012R Datasheet
50Kb / 5P
   N-Channel 1.8-V (G-S) MOSFET
Rev. A, 25-Oct-00
SI1012R VISHAY-SI1012R_05 Datasheet
94Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
Rev. B, 28-Feb-05
SI1012R VISHAY-SI1012R_17 Datasheet
172Kb / 8P
   N-Channel 1.8 V (G-S) MOSFET
Rev. E, 15-Apr-13
logo
Leshan Radio Company
LSI1012XT1G LRC-LSI1012XT1G_15 Datasheet
324Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
LSI1012LT1G LRC-LSI1012LT1G_15 Datasheet
457Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
LSI1012N3T5G LRC-LSI1012N3T5G_15 Datasheet
398Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
LSI1012XT1G LRC-LSI1012XT1G Datasheet
341Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
logo
Vishay Siliconix
SI1012R VISHAY-SI1012R_10 Datasheet
204Kb / 10P
   N-Channel 1.8 V (G-S) MOSFET
Rev. D, 25-Oct-10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com