Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI8402DB-T1-E1 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI8402DB-T1-E1
Description  20-V N-Channel 1.8-V (G-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI8402DB-T1-E1 Datasheet(HTML) 1 Page - Vishay Siliconix

  SI8402DB-T1-E1 Datasheet HTML 1Page - Vishay Siliconix SI8402DB-T1-E1 Datasheet HTML 2Page - Vishay Siliconix SI8402DB-T1-E1 Datasheet HTML 3Page - Vishay Siliconix SI8402DB-T1-E1 Datasheet HTML 4Page - Vishay Siliconix SI8402DB-T1-E1 Datasheet HTML 5Page - Vishay Siliconix SI8402DB-T1-E1 Datasheet HTML 6Page - Vishay Siliconix SI8402DB-T1-E1 Datasheet HTML 7Page - Vishay Siliconix SI8402DB-T1-E1 Datasheet HTML 8Page - Vishay Siliconix SI8402DB-T1-E1 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Vishay Siliconix
Si8402DB
Document Number: 72657
S-82118-Rev. C, 08-Sep-08
www.vishay.com
1
20-V N-Channel 1.8-V (G-S) MOSFET
FEATURES
TrenchFET® Power MOSFET
MICRO FOOT® Chipscale Packaging
Reduces Footprint Area Profile (0.62 mm) and
On-Resistance Per Footprint Area
APPLICATIONS
PA, Battery and Load Switch for Portable Devices
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
20
0.037 at VGS = 4.5 V
7.3
0.039 at VGS = 2.5 V
7.1
0.043 at VGS = 1.8 V
6.8
MICRO FOOT
32
41
S
DD
G
Bump Side View
Backside View
Device Marking: 8402
xxx = Date/Lot Traceability Code
8402
xxx
Ordering Information: Si8402DB-T1-E1 (Lead (Pb)-free)
N-Channel MOSFET
G
D
S
Notes:
a. Surface Mounted on 1" x 1" FR4 board.
b. Refer to IPC/JEDEC (J-STD-020C), no manual or hand soldering.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
5 s
Steady State
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
± 8
Continuous Drain Current (TJ = 150 °C)
a
TA = 25 °C
ID
7.3
5.3
A
TA = 70 °C
5.9
4.3
Pulsed Drain Current
IDM
30
Continuous Source Current (Diode Conduction)a
IS
2.3
1.2
Maximum Power Dissipationa
TA = 25 °C
PD
2.77
1.47
W
TA = 70 °C
1.77
0.94
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Package Reflow Conditionsb
IR/Convection
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta
t
≤ 5 s
RthJA
35
45
°C/W
Steady State
72
85
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
16
20
RoHS
COMPLIANT


Similar Part No. - SI8402DB-T1-E1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI8402DB-T1 VISHAY-SI8402DB-T1 Datasheet
91Kb / 6P
   20-V N-Channel 1.8-V (G-S) MOSFET
Rev. A, 15-Dec-03
More results

Similar Description - SI8402DB-T1-E1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI8402DB VISHAY-SI8402DB_06 Datasheet
197Kb / 4P
   20-V N-Channel 1.8-V (G-S) MOSFET
Rev. B, 20-Mar-06
SI8402DB VISHAY-SI8402DB Datasheet
91Kb / 6P
   20-V N-Channel 1.8-V (G-S) MOSFET
Rev. A, 15-Dec-03
SI1012R VISHAY-SI1012R Datasheet
50Kb / 5P
   N-Channel 1.8-V (G-S) MOSFET
Rev. A, 25-Oct-00
SI1012R VISHAY-SI1012R_05 Datasheet
94Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
Rev. B, 28-Feb-05
SI1012R VISHAY-SI1012R_17 Datasheet
172Kb / 8P
   N-Channel 1.8 V (G-S) MOSFET
Rev. E, 15-Apr-13
logo
Leshan Radio Company
LSI1012XT1G LRC-LSI1012XT1G_15 Datasheet
324Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
LSI1012LT1G LRC-LSI1012LT1G_15 Datasheet
457Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
LSI1012N3T5G LRC-LSI1012N3T5G_15 Datasheet
398Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
LSI1012XT1G LRC-LSI1012XT1G Datasheet
341Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
logo
Vishay Siliconix
SI1012R VISHAY-SI1012R_10 Datasheet
204Kb / 10P
   N-Channel 1.8 V (G-S) MOSFET
Rev. D, 25-Oct-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com