Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT15-033S Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # BAT15-033S
Description  HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAT15-033S Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BAT15-033S Datasheet HTML 1Page - Siemens Semiconductor Group BAT15-033S Datasheet HTML 2Page - Siemens Semiconductor Group BAT15-033S Datasheet HTML 3Page - Siemens Semiconductor Group BAT15-033S Datasheet HTML 4Page - Siemens Semiconductor Group BAT15-033S Datasheet HTML 5Page - Siemens Semiconductor Group BAT15-033S Datasheet HTML 6Page - Siemens Semiconductor Group BAT15-033S Datasheet HTML 7Page - Siemens Semiconductor Group BAT15-033S Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BAT 15
Semiconductor Group
4
Draft A03 1998-04-01
2)
Series resistance
2)
I
F1 = 10 mA, IF2 = 50 mA
BAT15-013, -014
BAT15-033, -034
BAT15-043, -044
BAT15-063, -064
BAT15-073, -074
BAT15-093, -094
BAT15-103, -104
BAT15-113, -114
BAT15-123, -124
R
F
-
-
-
-
-
-
-
-
-
3.0
4.0
3.5
4.5
4.5
5.5
6.0
7.0
8.0
3.5
4.5
4.0
5.0
5.5
6.5
7.0
8.0
9.0
W
Table 2
DC Characteristics at
T
A = 25 °C unless otherwise specified (contÕd)
Parameter
Symbol
Limit Values
Unit
min.
typ.
max.
R
F
DV
F
40
10
3
Ð
´
-------------------------
W
=


Similar Part No. - BAT15-033S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAT15-03W SIEMENS-BAT15-03W Datasheet
65Kb / 4P
   Silicon Schottky Diode (DBS mixer applications to 12 GHz Low noise figure Low barrier type)
logo
Infineon Technologies A...
BAT15-03W INFINEON-BAT15-03W Datasheet
525Kb / 10P
   Silicon Schottky Diodes
Jan-30-2003
BAT15-03W INFINEON-BAT15-03W Datasheet
92Kb / 3P
   Silicon Schottky Diode
Oct-07-1999
logo
Guangdong Kexin Industr...
BAT15-03W KEXIN-BAT15-03W Datasheet
33Kb / 1P
   Silicon Schottky diode
logo
Infineon Technologies A...
BAT15-03W INFINEON-BAT15-03W Datasheet
970Kb / 16P
   Silicon Schottky Diodes
2010-03-05
More results

Similar Description - BAT15-033S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAT14 SIEMENS-BAT14 Datasheet
125Kb / 7P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications)
BAS70 SIEMENS-BAS70 Datasheet
97Kb / 4P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching)
BFY183 SIEMENS-BFY183 Datasheet
122Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY182 SIEMENS-BFY182 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY181 SIEMENS-BFY181 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY280 SIEMENS-BFY280 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BAS40 SIEMENS-BAS40 Datasheet
96Kb / 4P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching Circuit protection)
BXY43 SIEMENS-BXY43 Datasheet
132Kb / 8P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY44 SIEMENS-BXY44 Datasheet
135Kb / 8P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY43P SIEMENS-BXY43P Datasheet
101Kb / 4P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com