Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1204_1108 Datasheet(PDF) 9 Page - Texas Instruments

Part # AMC1204_1108
Description  20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1204_1108 Datasheet(HTML) 9 Page - Texas Instruments

Back Button AMC1204_1108 Datasheet HTML 5Page - Texas Instruments AMC1204_1108 Datasheet HTML 6Page - Texas Instruments AMC1204_1108 Datasheet HTML 7Page - Texas Instruments AMC1204_1108 Datasheet HTML 8Page - Texas Instruments AMC1204_1108 Datasheet HTML 9Page - Texas Instruments AMC1204_1108 Datasheet HTML 10Page - Texas Instruments AMC1204_1108 Datasheet HTML 11Page - Texas Instruments AMC1204_1108 Datasheet HTML 12Page - Texas Instruments AMC1204_1108 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
4.5
5
5.5
AVDD (V)
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
−40 −25 −10
5
20
35
50
65
80
95
110 125
Temperature (°C)
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
5
10
15
20
25
Clock Frequency (MHz)
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
40
45
50
55
60
Clock Duty Cycle (%)
60
70
80
90
100
0.1
1
10
100
Frequency (kHz)
80
90
100
110
120
130
140
0.1
1
10
100
1000
Input Signal Frequency (kHz)
Unfiltered
sinc3, OSR = 256
AMC1204
www.ti.com
SBAS512B
– APRIL 2011 – REVISED AUGUST 2011
TYPICAL CHARACTERISTICS (continued)
At AVDD = 5V, DVDD = 3.3V, VINP =
–250mV to +250mV, VINN = 0V, and sinc
3 filter with OSR = 256, unless otherwise
noted.
GAIN ERROR vs ANALOG SUPPLY VOLTAGE
GAIN ERROR vs TEMPERATURE
Figure 8.
Figure 9.
GAIN ERROR vs CLOCK FREQUENCY
GAIN ERROR vs CLOCK DUTY CYCLE
Figure 10.
Figure 11.
POWER-SUPPLY REJECTION RATIO
COMMON-MODE REJECTION RATIO
vs FREQUENCY
vs INPUT SIGNAL FREQUENCY
Figure 12.
Figure 13.
Copyright
© 2011, Texas Instruments Incorporated
9


Similar Part No. - AMC1204_1108

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1204 TI1-AMC1204_12 Datasheet
846Kb / 32P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204 TI1-AMC1204_14 Datasheet
1Mb / 37P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204 TI1-AMC1204_15 Datasheet
1Mb / 37P
[Old version datasheet]   AMC1204 20-MHz, Second-Order, Isolated Delta-Sigma Modulator
More results

Similar Description - AMC1204_1108

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1204 TI1-AMC1204_14 Datasheet
1Mb / 37P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204 TI1-AMC1204_12 Datasheet
846Kb / 32P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204 TI1-AMC1204 Datasheet
478Kb / 29P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204-Q1 TI-AMC1204-Q1_15 Datasheet
988Kb / 33P
[Old version datasheet]   20 MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
logo
Skyworks Solutions Inc.
SI8941 SKYWORKS-SI8941 Datasheet
776Kb / 32P
   Isolated Delta-Sigma Modulator for Current Shunt Measurement
December 12, 2022
logo
Texas Instruments
AMC1204 TI1-AMC1204_15 Datasheet
1Mb / 37P
[Old version datasheet]   AMC1204 20-MHz, Second-Order, Isolated Delta-Sigma Modulator
logo
Analog Devices
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
   Isolated Sigma-Delta Modulator
REV. D
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. D
AD7400 AD-AD7400 Datasheet
951Kb / 10P
   Isolated Sigma-Delta Modulator
Rev. PrH
AD7400 AD-AD7400_15 Datasheet
378Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com