Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ76PL536-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536-Q1
Description  3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV and HEV Applications
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  BQ76PL536-Q1 Datasheet HTML 1Page - Texas Instruments BQ76PL536-Q1 Datasheet HTML 2Page - Texas Instruments BQ76PL536-Q1 Datasheet HTML 3Page - Texas Instruments BQ76PL536-Q1 Datasheet HTML 4Page - Texas Instruments BQ76PL536-Q1 Datasheet HTML 5Page - Texas Instruments BQ76PL536-Q1 Datasheet HTML 6Page - Texas Instruments BQ76PL536-Q1 Datasheet HTML 7Page - Texas Instruments BQ76PL536-Q1 Datasheet HTML 8Page - Texas Instruments BQ76PL536-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
CB2
VC1
VSS
CONV_H
AGND
VSS
VSS
VREF
CB1
VC0
VSS
VC3
DRDY_H
ALERT_H
FAULT_H
SCLK_H
SDO_H
SDI_H
CB4
VC4
HSEL
VC5
CB6
GPAI–
LDOD2
CS_H
CB3
VC2
VC6
GPAI+
CB5
GPIO
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
P0071-04
PAP Package
(Top View)
bq78PL536
TQFP-64
bq76PL536-Q1
SLUSAB1
– MAY 2011
www.ti.com
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
VC2
9
AI
Sense voltage input terminal for the positive terminal of the second cell
VC3
7
AI
Sense voltage input terminal for the positive terminal of the third cell
VC4
5
AI
Sense voltage input terminal for the positive terminal of the fourth cell
VC5
3
AI
Sense voltage input terminal for the positive terminal of the fifth cell
VC6
1
AI
Sense voltage input terminal for the positive terminal of the sixth cell
VREF
16
P
Internal analog voltage reference (+), requires 10-
µF, low-ESR ceramic capacitor to AGND for stability
VSS
14,
P
VSS
33,
34, 35
VSSD
25, 49
P
VSS
Thermal
Thermal pad on bottom of PowerPAD
™ package; this must be soldered to similar-size copper area on
pad
PCB and connected to VSS, to meet stated specifications herein. Provides heat-sinking to part.
PINOUT DIAGRAM
4
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - BQ76PL536-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ76PL536 TI-BQ76PL536 Datasheet
1Mb / 58P
[Old version datasheet]   3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV and HEV Applications
BQ76PL536A TI-BQ76PL536A Datasheet
1Mb / 60P
[Old version datasheet]   3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for Applications
BQ76PL536A-Q1 TI1-BQ76PL536A-Q1 Datasheet
644Kb / 55P
[Old version datasheet]   3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV and HEV Applications
BQ76PL536A-Q1 TI-BQ76PL536A-Q1_13 Datasheet
1Mb / 60P
[Old version datasheet]   3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV and HEV Applications
bq76PL536APAP TI-bq76PL536APAP Datasheet
1Mb / 60P
[Old version datasheet]   3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for Applications
More results

Similar Description - BQ76PL536-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ76PL536A-Q1 TI1-BQ76PL536A-Q1 Datasheet
644Kb / 55P
[Old version datasheet]   3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV and HEV Applications
BQ76PL536A-Q1 TI-BQ76PL536A-Q1_13 Datasheet
1Mb / 60P
[Old version datasheet]   3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV and HEV Applications
BQ76PL536 TI-BQ76PL536 Datasheet
1Mb / 58P
[Old version datasheet]   3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV and HEV Applications
BQ76PL536ATPAPRQ1 TI1-BQ76PL536ATPAPRQ1 Datasheet
1Mb / 60P
[Old version datasheet]   3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV
BQ76PL536TPAPRQ1 TI1-BQ76PL536TPAPRQ1 Datasheet
1Mb / 60P
[Old version datasheet]   3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV
BQ76PL536A TI-BQ76PL536A Datasheet
1Mb / 60P
[Old version datasheet]   3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for Applications
BQ76PL536APAPT TI1-BQ76PL536APAPT Datasheet
1Mb / 60P
[Old version datasheet]   3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for Applications
BQ76PL536A TI1-BQ76PL536A_16 Datasheet
1Mb / 74P
[Old version datasheet]   Cell Lithium-Ion Battery Monitor and Secondary Protection IC
logo
Sanyo Semicon Device
LV51134T SANYO-LV51134T_11 Datasheet
188Kb / 8P
   2-Cell Lithium-Ion Secondary Battery Protection IC
LV51132T SANYO-LV51132T Datasheet
155Kb / 9P
   2-Cell Lithium-Ion Secondary Battery Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com