Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM3725 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DM3725
Description  Digital Media Processors
Download  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM3725 Datasheet(HTML) 4 Page - Texas Instruments

  DM3725 Datasheet HTML 1Page - Texas Instruments DM3725 Datasheet HTML 2Page - Texas Instruments DM3725 Datasheet HTML 3Page - Texas Instruments DM3725 Datasheet HTML 4Page - Texas Instruments DM3725 Datasheet HTML 5Page - Texas Instruments DM3725 Datasheet HTML 6Page - Texas Instruments DM3725 Datasheet HTML 7Page - Texas Instruments DM3725 Datasheet HTML 8Page - Texas Instruments DM3725 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 280 page
background image
DM3730, DM3725
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
www.ti.com
1.2
Description
The DM37x generation of high-performance, digital media processors are based on the enhanced device
architecture and are integrated on TI's advanced 45-nm process technology. This architecture is designed
to provide best in class ARM and Graphics performance while delivering low power consumption. This
balance of performance and power allow the device to support the following example applications:
Portable Data Terminals
Navigation
Auto Infotainment
Gaming
Medical Imaging
Home Automation
Human Interface
Industrial Control
Test and Measurement
Single board Computers
The device can support numerous HLOS and RTOS solutions including Linux and Windows Embedded
CE which are available directly from TI. Additionally, the device is fully backward compatible with previous
Cortex
™-A8 processors and OMAP™ processors.
This DM3730/25 Digital Media Processor data manual presents the electrical and mechanical
specifications for the DM3730/25 Digital Media Processor. The information contained in this data manual
applies to the commercial, industrial, and extended temperature versions of the DM3730/25 Digital Media
Processor unless otherwise indicated. It consists of the following sections:
A description of the DM3730/25 terminals: assignment, electrical characteristics, multiplexing, and
functional description
A presentation of the electrical characteristics requirements: power domains, operating conditions,
power consumption, and dc characteristics
The clock specifications: input and output clocks, DPLL and DLL
A description of thermal characteristics, device nomenclature, and mechanical data about the available
packaging
4
DM3730, DM3725 Digital Media Processors
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725


Similar Part No. - DM3725

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DM3725 TI-DM3725 Datasheet
2Mb / 268P
[Old version datasheet]   Applications Processor
DM3725 TI-DM3725 Datasheet
2Mb / 280P
[Old version datasheet]   Digital Media Processors
DM3725 TI1-DM3725 Datasheet
3Mb / 281P
[Old version datasheet]   Digital Media Processors
DM3725 TI1-DM3725 Datasheet
3Mb / 280P
[Old version datasheet]   Digital Media Processors
DM3725CBC TI-DM3725CBC Datasheet
2Mb / 280P
[Old version datasheet]   Digital Media Processors
More results

Similar Description - DM3725

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XDM3730ACBP TI-XDM3730ACBP Datasheet
2Mb / 280P
[Old version datasheet]   Digital Media Processors
DM3730 TI1-DM3730_14 Datasheet
3Mb / 281P
[Old version datasheet]   Digital Media Processors
DM3730 TI1-DM3730_17 Datasheet
3Mb / 280P
[Old version datasheet]   Digital Media Processors
TMS320DM8168 TI1-TMS320DM8168_15 Datasheet
2Mb / 328P
[Old version datasheet]   DaVinci Digital Media Processors
TMS320DM8168 TI1-TMS320DM8168 Datasheet
2Mb / 312P
[Old version datasheet]   TMS320DM816x DaVinci Digital Media Processors
MARCH2011
TMS320DM8148 TI1-TMS320DM8148 Datasheet
2Mb / 343P
[Old version datasheet]   TMS320DM814x DaVinci??Digital Media Processors
MARCH2011
DM3730 TI1-DM3730_12 Datasheet
3Mb / 280P
[Old version datasheet]   DM3730, DM3725 Digital Media Processors
TMS320DM8148_1109 TI1-TMS320DM8148_1109 Datasheet
2Mb / 360P
[Old version datasheet]   TMS320DM814x DaVinci Digital Media Processors
logo
NXP Semiconductors
PNX1300 PHILIPS-PNX1300 Datasheet
5Mb / 548P
   Media Processors
2002 Feb 15
logo
Texas Instruments
TMS320DM6431 TI-TMS320DM6431 Datasheet
1Mb / 225P
[Old version datasheet]   Digital Media Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com