Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD4S014_1110 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPD4S014_1110
Description  COMPLETE PROTECTION SOLUTION FOR USB CHARGER PORT INCLUDING ESD PROTECTION FOR ALL LINES AND
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD4S014_1110 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPD4S014_1110 Datasheet HTML 7Page - Texas Instruments TPD4S014_1110 Datasheet HTML 8Page - Texas Instruments TPD4S014_1110 Datasheet HTML 9Page - Texas Instruments TPD4S014_1110 Datasheet HTML 10Page - Texas Instruments TPD4S014_1110 Datasheet HTML 11Page - Texas Instruments TPD4S014_1110 Datasheet HTML 12Page - Texas Instruments TPD4S014_1110 Datasheet HTML 13Page - Texas Instruments TPD4S014_1110 Datasheet HTML 14Page - Texas Instruments TPD4S014_1110 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
30-Jul-2011
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins
Package Qty
Eco Plan
(2)
Lead/
Ball Finish
MSL Peak Temp
(3)
Samples
(Requires Login)
TPD4S014DSQR
ACTIVE
SON
DSQ
10
3000
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-2-260C-1 YEAR
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.


Similar Part No. - TPD4S014_1110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4S014 TI1-TPD4S014_15 Datasheet
3Mb / 26P
[Old version datasheet]   USB Charger Port Protection Including ESD Protection for All Lines
More results

Similar Description - TPD4S014_1110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4S014 TI1-TPD4S014 Datasheet
681Kb / 15P
[Old version datasheet]   COMPLETE PROTECTION SOLUTION FOR USB CHARGER PORT INCLUDING ESD
TPD4S014 TI1-TPD4S014_15 Datasheet
3Mb / 26P
[Old version datasheet]   USB Charger Port Protection Including ESD Protection for All Lines
logo
NXP Semiconductors
IP4294CZ10 NXP-IP4294CZ10 Datasheet
609Kb / 2P
   ESD protection for USB 3.0 (SuperSpeed USB) and eSATA data lines
August 2012
logo
STMicroelectronics
ESDA18-1K STMICROELECTRONICS-ESDA18-1K Datasheet
168Kb / 10P
   EOS and ESD Transil protection for charger and battery port
September 2010 Rev 1
ESDA8V2-1MX2 STMICROELECTRONICS-ESDA8V2-1MX2 Datasheet
254Kb / 10P
   EOS and ESD Transil protection for charger and battery port
ESDA8V2-1J STMICROELECTRONICS-ESDA8V2-1J Datasheet
138Kb / 7P
   EOS and ESD Transil??protection for charger and battery port
August 2009 Rev 1
logo
Nexperia B.V. All right...
PESD48VV2BT NEXPERIA-PESD48VV2BT Datasheet
212Kb / 11P
   ESD protection for 48V lines
2 May 2022
logo
STMicroelectronics
ESDA-1K STMICROELECTRONICS-ESDA-1K Datasheet
167Kb / 10P
   EOS and ESD Transil??protection for charger and battery port
September 2010 Rev 1
EMIF04-MMC02F1 STMICROELECTRONICS-EMIF04-MMC02F1 Datasheet
170Kb / 7P
   4 LINES EMI FILTER INCLUDING ESD PROTECTION
EMIF02-MIC02F2 STMICROELECTRONICS-EMIF02-MIC02F2 Datasheet
73Kb / 7P
   2 LINES EMI FILTER INCLUDING ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com