Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL78225 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL78225
Description  4-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78225 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL78225 Datasheet HTML 3Page - Intersil Corporation ISL78225 Datasheet HTML 4Page - Intersil Corporation ISL78225 Datasheet HTML 5Page - Intersil Corporation ISL78225 Datasheet HTML 6Page - Intersil Corporation ISL78225 Datasheet HTML 7Page - Intersil Corporation ISL78225 Datasheet HTML 8Page - Intersil Corporation ISL78225 Datasheet HTML 9Page - Intersil Corporation ISL78225 Datasheet HTML 10Page - Intersil Corporation ISL78225 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
ISL78225
7
FN7909.0
December 15, 2011
Absolute Maximum Ratings
Supply Voltage, VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND-0.3V to +45V
All ISEN_ Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VIN-5V to VIN+0.3V
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND-0.3V to +6V
All Other Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND-0.3V to VCC+0.3V
ESD Rating
Human Body Model (Tested per JESD22-A114E) . . . . . . . . . . . . . . .2.5kV
Machine Model (Tested per JESD-A115-A) . . . . . . . . . . . . . . . . . . . 200V
Charge Device Model (Tested per JESD22-C101C). . . . . . . . . . . . . 1.5kV
Latch Up (Tested per JESD78B, Class II, Level A) . . . . . . . . . . . . . . . 100mA
Thermal Information
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
44 Ld EP-TQFP Package (Notes 4, 5) . . . . . .
28
2.5
Maximum Junction Temperature . . . . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . . . . . .-65°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Voltage at VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +5.6V to +40V
All ISEN_ Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VIN-5V to VIN+0.3V
Voltage at VCC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+5V ±5%
Ambient Temperature (Auto) . . . . . . . . . . . . . . . . . . . . . . .-40°C to +125°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
5. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications Operating Conditions: VIN = 12V, TA = -40°C to +125°C, unless otherwise specified. Typical specifications are
at TA = +25°C. Boldface limits apply over the operating temperature range, -40°C to +125°C.
PARAMETER
TEST CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNITS
SUPPLY INPUT
Input Voltage Range
5.6
12
40
V
Input Supply Current (Normal Mode)
VIN = 12V, RFS = 158kΩ (For fS = 250kHz), EN = 5V
8
12
mA
Input Supply Current (Shutdown Mode)
VIN = 12V, RFS = 158kΩ (For fS = 250kHz), EN = 0V
10
µA
INTERNAL LINEAR REGULATOR
LDO Output Voltage (VCC Pin)
VIN > 5.6V, CL = 4.7µF from VCC to GND, IVCC < 50mA
4.75
5
5.25
V
LDO Current Limit (VCC pin)
VCC = 3V, CL = 4.7µF from VCC to GND
200
(Note 7)
mA
POWER-ON RESET (POR) AND ENABLE
POR Threshold
VCC Rising
4.4
4.5
4.6
V
VCC Falling
4.1
4.2
4.3
V
EN Threshold
Rising
1.1
1.2
1.3
V
Hysteresis
70
mV
OSCILLATOR
Accuracy of Switching Frequency Setting
RFS = 158kΩ from FS to GND
225
250
275
kHz
Adjustment Range of Switching Frequency
75
1000
kHz
FS pin voltage
1V
SOFT-START
Soft-Start Current
CSS = 2.2nF from SS to GND
4
5
6
µA
Soft-Start Pre-Bias Voltage Range
02
V
Soft-Start Pre-Bias Voltage Accuracy
VFB = 500mV
-25
25
mV
Soft-Start Clamp Voltage
3.4
V
REFERENCE VOLTAGE
System Accuracy
-40°C to +125°C, measure at FB pin, VREF2 > 2.5V
1.98
2
2.02
V
FB Pin Input Bias Current
VFB = 2V, VREF2 > 2.5V
-1
1
µA
VREF2 Pin Input Bias Current
VREF2 = 1.6V
-1
1
µA


Similar Part No. - ISL78225

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78225 RENESAS-ISL78225 Datasheet
1Mb / 22P
   4-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
ISL78225ANEZ RENESAS-ISL78225ANEZ Datasheet
1Mb / 22P
   4-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
More results

Similar Description - ISL78225

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78225 RENESAS-ISL78225 Datasheet
1Mb / 22P
   4-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
ISL78220 RENESAS-ISL78220 Datasheet
1Mb / 22P
   6-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
logo
Intersil Corporation
ISL78220 INTERSIL-ISL78220 Datasheet
807Kb / 22P
   6-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
ISL78220ANEZ INTERSIL-ISL78220ANEZ Datasheet
782Kb / 22P
   6-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
December 24, 2013
ISL6334 INTERSIL-ISL6334 Datasheet
559Kb / 30P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring
ISL6334AR5368 INTERSIL-ISL6334AR5368 Datasheet
565Kb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
logo
Renesas Technology Corp
ISL6334B RENESAS-ISL6334B Datasheet
1Mb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
ISL6334AR5368 RENESAS-ISL6334AR5368 Datasheet
1Mb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
logo
Intersil Corporation
ISL6334AR5368 INTERSIL-ISL6334AR5368 Datasheet
562Kb / 30P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
logo
Renesas Technology Corp
ISL6334 RENESAS-ISL6334 Datasheet
1Mb / 31P
   VR11.1, 4-Phase PWM Controller with Light-Load Efficiency Enhancement and Load Current Monitoring Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com