Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL80136IBEAJZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL80136IBEAJZ
Description  40V, Low Quiescent Current, 50mA Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL80136IBEAJZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL80136IBEAJZ Datasheet HTML 1Page - Intersil Corporation ISL80136IBEAJZ Datasheet HTML 2Page - Intersil Corporation ISL80136IBEAJZ Datasheet HTML 3Page - Intersil Corporation ISL80136IBEAJZ Datasheet HTML 4Page - Intersil Corporation ISL80136IBEAJZ Datasheet HTML 5Page - Intersil Corporation ISL80136IBEAJZ Datasheet HTML 6Page - Intersil Corporation ISL80136IBEAJZ Datasheet HTML 7Page - Intersil Corporation ISL80136IBEAJZ Datasheet HTML 8Page - Intersil Corporation ISL80136IBEAJZ Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ISL80136
4
FN7970.0
December 15, 2011
Thermal Shutdown
TSHDN
Junction Temperature Rising
+165
°C
Thermal Shutdown Hysteresis
THYST
+20
°C
NOTES:
6. Dropout voltage is defined as (VIN - VOUT) when VOUT is 2% below the value of VOUT when VIN = VOUT + 3V.
7. Enable to Regulation is the time the output takes to reach 95% of its final value with VIN = 14V and EN is taken from VIL to VIH in 5ns. The output
voltage is set at 5V.
8. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
Electrical Specifications Recommended Operating Conditions, unless otherwise noted. VIN = 14V, IOUT = 1mA, CIN = 0.1μF,
COUT =10μF, TA = TJ = -40°C to +125°C, unless otherwise noted. Typical specifications are at TA = +25°C. Boldface limits apply over the operating
temperature range, -40°C to +125°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8) UNIT


Similar Part No. - ISL80136IBEAJZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80136IBEAJZ INTERSIL-ISL80136IBEAJZ Datasheet
500Kb / 10P
   40V, Low Quiescent Current, 50mA Linear Regulator
August 11, 2015
logo
Renesas Technology Corp
ISL80136IBEAJZ RENESAS-ISL80136IBEAJZ Datasheet
697Kb / 10P
   40V, Low Quiescent Current, 50mA Linear Regulator
More results

Similar Description - ISL80136IBEAJZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL80136 RENESAS-ISL80136 Datasheet
697Kb / 10P
   40V, Low Quiescent Current, 50mA Linear Regulator
logo
Intersil Corporation
ISL80136IBEAJZ INTERSIL-ISL80136IBEAJZ Datasheet
500Kb / 10P
   40V, Low Quiescent Current, 50mA Linear Regulator
August 11, 2015
logo
Altera Corporation
EV1340QI-E ALTERA-EV1340QI-E Datasheet
805Kb / 10P
   40V, Low Quiescent Current, 50mA Linear Regulator
logo
Intersil Corporation
ISL78307FBEAZ INTERSIL-ISL78307FBEAZ Datasheet
368Kb / 9P
   40V, Low Quiescent Current, 50mA Linear Regulator for Automotive Applications
April 7, 2015
logo
Renesas Technology Corp
ISL78307 RENESAS-ISL78307 Datasheet
547Kb / 9P
   40V, Low Quiescent Current, 50mA Linear Regulator for Automotive Applications
logo
E-CMOS Corporation
EC8841 E-CMOS-EC8841 Datasheet
952Kb / 12P
   50mA Ultra-Low Quiescent Current LDO Linear Regulator
logo
Intersil Corporation
ISL80138 INTERSIL-ISL80138_14 Datasheet
336Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
January 11, 2012
logo
Monolithic Power System...
MP2013 MPS-MP2013 Datasheet
668Kb / 15P
   40V, 150mA, Low Quiescent Current Linear Regulator
logo
Intersil Corporation
ISL80138 INTERSIL-ISL80138 Datasheet
418Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
logo
Altera Corporation
EY1603 ALTERA-EY1603 Datasheet
824Kb / 10P
   40V, Low Quiescent Current, 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com