Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL95876 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL95876
Description  PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL95876 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL95876 Datasheet HTML 3Page - Intersil Corporation ISL95876 Datasheet HTML 4Page - Intersil Corporation ISL95876 Datasheet HTML 5Page - Intersil Corporation ISL95876 Datasheet HTML 6Page - Intersil Corporation ISL95876 Datasheet HTML 7Page - Intersil Corporation ISL95876 Datasheet HTML 8Page - Intersil Corporation ISL95876 Datasheet HTML 9Page - Intersil Corporation ISL95876 Datasheet HTML 10Page - Intersil Corporation ISL95876 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
ISL95874, ISL95875, ISL95876
7
FN7933.0
October 21, 2011
ISL95874 Functional Pin Descriptions
PIN NUMBER
SYMBOL
DESCRIPTION
1
GND
IC ground for bias supply and signal reference.
2
RTN
Negative remote sense input of VOUT. If resistor divider consisting of RFB and ROFS is used at FB pin, the same resistor
divider should be used at RTN pin, i.e. keep RFB1=RFB, and ROFS1=ROFS.
3
EN
Enable input for the IC. Pulling EN above the rising threshold voltage initializes the soft-start sequence.
4
SREF
Soft-start and voltage slew-rate programming capacitor input. Connects internally to the inverting input of the VSET voltage
setpoint amplifier.
5
FSEL
Input for programming the regulator switching frequency. Pull this pin to VCC for 1MHz switching. Pull this pin to GND
with a 100k
Ω resistor for 600kHz switching. Leave this pin floating for 500kHz switching. Pull this pin directly to GND
for 300kHz switching.
6
FB
Voltage feedback sense input. Connects internally to the inverting input of the control-loop error amplifier. The converter
is in regulation when the voltage at the FB pin equals the voltage on the SREF pin.
7
OCSET
Input for the overcurrent detection circuit. The overcurrent setpoint programming resistor ROCSET connects from this
pin to the sense node.
8
VO
Output voltage sense input for the R4 modulator. The VO pin also serves as the reference input for the overcurrent
detection circuit.
9
PGOOD
Power-good open-drain indicator output. This pin changes to high impedance when the converter is able to supply
regulated voltage.
10
PHASE
Return current path for the UGATE high-side MOSFET driver, VIN sense input for the R4 modulator, and inductor current
polarity detector input.
11
UGATE
High-side MOSFET gate driver output. Connect to the gate terminal of the high-side MOSFET of the converter.
12
BOOT
Positive input supply for the UGATE high-side MOSFET gate driver. The BOOT pin is internally connected to the cathode
of the Schottky boot-strap diode. Connect an MLCC between the BOOT pin and the PHASE pin.
13
VCC
Input for the IC bias voltage. Connect +5V to the VCC pin and decouple with at least a MLCC to the GND pin.
14
PVCC
Input for the LGATE and UGATE MOSFET driver circuits. The PVCC pin is internally connected to the anode of the Schottky
boot-strap diode. Connect +5V to the PVCC pin and decouple with a MLCC to the PGND pin.
15
LGATE
Low-side MOSFET gate driver output. Connect to the gate terminal of the low-side MOSFET of the converter.
16
PGND
Return current path for the LGATE MOSFET driver. Connect to the source of the low-side MOSFET.


Similar Part No. - ISL95876

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL95876 RENESAS-ISL95876 Datasheet
1Mb / 29P
   PWM DC/DC Controllers with VID Inputs for Portable GPU Core-Voltage Regulator
ISL95876HRZ RENESAS-ISL95876HRZ Datasheet
1Mb / 29P
   PWM DC/DC Controllers with VID Inputs for Portable GPU Core-Voltage Regulator
ISL95876HRZ-T RENESAS-ISL95876HRZ-T Datasheet
1Mb / 29P
   PWM DC/DC Controllers with VID Inputs for Portable GPU Core-Voltage Regulator
ISL95876IRZ RENESAS-ISL95876IRZ Datasheet
1Mb / 29P
   PWM DC/DC Controllers with VID Inputs for Portable GPU Core-Voltage Regulator
ISL95876IRZ-T RENESAS-ISL95876IRZ-T Datasheet
1Mb / 29P
   PWM DC/DC Controllers with VID Inputs for Portable GPU Core-Voltage Regulator
More results

Similar Description - ISL95876

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62873 INTERSIL-ISL62873 Datasheet
534Kb / 17P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
logo
Renesas Technology Corp
ISL62871 RENESAS-ISL62871 Datasheet
1Mb / 25P
   PWM DC/DC Controller With VID Inputs For Portable GPU Core-Voltage Regulator
logo
Intersil Corporation
ISL62875 INTERSIL-ISL62875 Datasheet
695Kb / 22P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
logo
Renesas Technology Corp
ISL62873 RENESAS-ISL62873 Datasheet
919Kb / 17P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
logo
Intersil Corporation
ISL95870 INTERSIL-ISL95870 Datasheet
633Kb / 29P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
logo
Renesas Technology Corp
ISL62875 RENESAS-ISL62875 Datasheet
1Mb / 22P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
logo
Intersil Corporation
ISL62871 INTERSIL-ISL62871 Datasheet
771Kb / 25P
   PWM DC/DC Controller With VID Inputs For Portable GPU Core-Voltage Regulator
logo
Renesas Technology Corp
ISL95870 RENESAS-ISL95870 Datasheet
1Mb / 28P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
ISL95874 RENESAS-ISL95874 Datasheet
1Mb / 29P
   PWM DC/DC Controllers with VID Inputs for Portable GPU Core-Voltage Regulator
logo
Altera Corporation
EC7100VQI ALTERA-EC7100VQI Datasheet
1,004Kb / 21P
   PWM DC/DC Controller with VS Inputs for FPGA Power Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com