Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIZ710DT-T1-GE3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIZ710DT-T1-GE3
Description  N-Channel 20 V (D-S) MOSFETs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIZ710DT-T1-GE3 Datasheet(HTML) 2 Page - Vishay Siliconix

  SIZ710DT-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SIZ710DT-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SIZ710DT-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SIZ710DT-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SIZ710DT-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SIZ710DT-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SIZ710DT-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SIZ710DT-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SIZ710DT-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.vishay.com
2
Document Number: 65733
S10-2248-Rev. A, 04-Oct-10
Vishay Siliconix
SiZ710DT
New Product
Notes:
a. Guaranteed by design, not subject to production testing.
b. Pulse test; pulse width
 300 µs, duty cycle  2 %.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
Ch-1
20
V
VGS = 0 V, ID = 250 µA
Ch-2
20
VDS Temperature Coefficient
V
DS/TJ
ID = 250 µA
Ch-1
19
mV/°C
ID = 250 µA
Ch-2
20
VGS(th) Temperature Coefficient
V
GS(th)/TJ
ID = 250 µA
Ch-1
- 4.8
ID = 250 µA
Ch-2
- 5.3
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
Ch-1
1
2.2
V
VDS = VGS, ID = 250 µA
Ch-2
1
2.2
Gate Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
Ch-1
± 100
nA
Ch-2
± 100
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V
Ch-1
1
µA
VDS = 20 V, VGS = 0 V
Ch-2
1
VDS = 20 V, VGS = 0 V, TJ = 55 °C
Ch-1
5
VDS = 20 V, VGS = 0 V, TJ = 55 °C
Ch-2
5
On-State Drain Currentb
ID(on)
VDS 5 V, VGS = 10 V
Ch-1
15
A
VDS 5 V, VGS = 10 V
Ch-2
20
Drain-Source On-State Resistanceb
RDS(on)
VGS = 10 V, ID = 19 A
Ch-1
0.0055 0.0068
VGS = 10 V, ID = 20 A
Ch-2
0.0027 0.0033
VGS = 4.5 V, ID = 16.5 A
Ch-1
0.0072
0.009
VGS = 4.5 V, ID = 20 A
Ch-2
0.0034 0.0043
Forward Transconductanceb
gfs
VDS = 10 V, ID = 19 A
Ch-1
45
S
VDS = 10 V, ID = 20 A
Ch-2
85
Dynamica
Input Capacitance
Ciss
Channel-1
VDS = 10 V, VGS = 0 V, f = 1 MHz
Channel-2
VDS = 10 V, VGS = 0 V, f = 1 MHz
Ch-1
820
pF
Ch-2
2310
Output Capacitance
Coss
Ch-1
290
Ch-2
730
Reverse Transfer Capacitance
Crss
Ch-1
115
Ch-2
305
Total Gate Charge
Qg
VDS = 10 V, VGS = 10 V, ID = 19 A
Ch-1
11.5
18
nC
VDS = 10 V, VGS = 10 V, ID = 20 A
Ch-2
38
60
Channel-1
VDS = 10 V, VGS = 4.5 V, ID = 16.8 A
Channel-2
VDS = 10 V, VGS = 4.5 V, ID = 20 A
Ch-1
6.9
11
Ch-2
18.2
28
Gate-Source Charge
Qgs
Ch-1
2.4
Ch-2
6.6
Gate-Drain Charge
Qgd
Ch-1
1.7
Ch-2
4.8
Gate Resistance
Rg
f = 1 MHz
Ch-1
0.3
1.3
2.6
Ch-2
0.2
0.8
1.6


Similar Part No. - SIZ710DT-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIZ710DT VISHAY-SIZ710DT Datasheet
192Kb / 14P
   N-Channel 20 V (D-S) MOSFETs
Rev. B, 28-Nov-11
logo
Vishay Telefunken
SIZ710DT TFUNK-SIZ710DT Datasheet
192Kb / 14P
   N-Channel 20 V (D-S) MOSFETs
logo
Vishay Siliconix
SIZ710DT VISHAY-SIZ710DT Datasheet
195Kb / 14P
   N-Channel 20 V (D-S) MOSFETs
01-Jan-2022
SIZ710DT VISHAY-SIZ710DT_12 Datasheet
192Kb / 14P
   N-Channel 20 V (D-S) MOSFETs
Rev. B, 28-Nov-11
SIZ710DT VISHAY-SIZ710DT_V01 Datasheet
195Kb / 14P
   N-Channel 20 V (D-S) MOSFETs
01-Jan-2022
More results

Similar Description - SIZ710DT-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TN0200T VISHAY-TN0200T Datasheet
66Kb / 4P
   N-Channel 20-V (D-S) MOSFETs
Rev. F, 23-Feb-04
SIZ720DT VISHAY-SIZ720DT_V01 Datasheet
193Kb / 14P
   N-Channel 20-V (D-S) MOSFETs
01-Jan-2022
SIZ710DT VISHAY-SIZ710DT_12 Datasheet
192Kb / 14P
   N-Channel 20 V (D-S) MOSFETs
Rev. B, 28-Nov-11
logo
Vishay Telefunken
SIZ710DT TFUNK-SIZ710DT Datasheet
192Kb / 14P
   N-Channel 20 V (D-S) MOSFETs
logo
Vishay Siliconix
SIZ700DT VISHAY-SIZ700DT_V01 Datasheet
213Kb / 14P
   N-Channel 20-V (D-S) MOSFETs
08-Feb-17
SIUD402ED VISHAY-SIUD402ED Datasheet
223Kb / 9P
   N-Channel 20 V (D-S) MOSFETs
01-Jan-2022
TN0200K VISHAY-TN0200K_07 Datasheet
97Kb / 5P
   N-Channel 20-V (D-S) MOSFETs
Rev. B, 18-Jun-07
SIZ700DT-T1-GE3 VISHAY-SIZ700DT-T1-GE3 Datasheet
208Kb / 14P
   N-Channel 20-V (D-S) MOSFETs
Rev. B, 28-Nov-11
SIZ720DT VISHAY-SIZ720DT Datasheet
194Kb / 14P
   N-Channel 20-V (D-S) MOSFETs
Rev. B, 28-Nov-11
SIZ710DT VISHAY-SIZ710DT_V01 Datasheet
195Kb / 14P
   N-Channel 20 V (D-S) MOSFETs
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com