Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1131ID Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1131ID
Description  18-Bit Analog-to-Digital Converter for Bridge Sensors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1131ID Datasheet(HTML) 3 Page - Texas Instruments

  ADS1131ID Datasheet HTML 1Page - Texas Instruments ADS1131ID Datasheet HTML 2Page - Texas Instruments ADS1131ID Datasheet HTML 3Page - Texas Instruments ADS1131ID Datasheet HTML 4Page - Texas Instruments ADS1131ID Datasheet HTML 5Page - Texas Instruments ADS1131ID Datasheet HTML 6Page - Texas Instruments ADS1131ID Datasheet HTML 7Page - Texas Instruments ADS1131ID Datasheet HTML 8Page - Texas Instruments ADS1131ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADS1131
www.ti.com
SBAS449B
– JULY 2009 – REVISED SEPTEMBER 2011
ELECTRICAL CHARACTERISTICS
Minimum/maximum limit specifications apply from
–40°C to +85°C. Typical specifications at +25°C.
All specifications at AVDD = DVDD = VREFP = +5V, and VREFN = GND, unless otherwise noted.
ADS1131
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUTS
±0.5VREF/64
V
Full-scale input voltage (AINP
– AINN)
VREF = AVDD = 5V
±39.0
mV
VREF = AVDD = 3V
±23.4
mV
Common-mode input range
GND + 1.5V
AVDD
– 1.5V
V
Differential input current
±2
nA
LOW-SIDE POWER SWITCH
AVDD = 5V, ISW = 30mA
3.5
5
On-resistance (RON)
AVDD = 3V, ISW = 30mA
4
7
Current through switch
30
mA
SYSTEM PERFORMANCE
Resolution
No missing codes
18
Bits
SPEED = high
80
SPS
Data rate
SPEED = low
10
SPS
Digital filter settling time
Full settling
4
Conversions
Integral nonlinearity (INL)
Differential input, end-point fit
±8
ppm
Input offset error
10
μV
Input offset drift
±15
nV/
°C
Gain error
1
%
Gain drift
±4
ppm/
°C
Normal-mode rejection
fIN = 50Hz or 60Hz ±1Hz, fDATA = 10SPS
90
dB
Common-mode rejection
At dc
110
dB
fDATA = 10SPS, AVDD = VREF = 5V
1
LSB
fDATA = 80SPS, AVDD = VREF = 5V
1.7
LSB
Noise (peak-to-peak)
fDATA = 10SPS, AVDD = VREF = 5V
300
nV
fDATA = 80SPS, AVDD = VREF = 5V
500
nV
Power-supply rejection
At dc
100
dB
VOLTAGE REFERENCE INPUT
Voltage reference input (VREF)
VREF = VREFP – VREFN
1.5
AVDD
AVDD + 0.1V
V
Negative reference input (VREFN)
AGND
– 0.1
VREFP
– 1.5
V
Positive reference input (VREFP)
VREFN + 1.5
AVDD + 0.1
V
Voltage reference input current
10
nA
DIGITAL INPUT/OUTPUT (DVDD = 2.7V to 5.3V)
VIH
0.8 DVDD
DVDD + 0.1
V
VIL
GND
0.2 DVDD
V
Logic levels
VOH
IOH = 500μA
DVDD
– 0.4
V
VOL
IOL = 500μA
0.2 DVDD
V
Input leakage
0
< VDIGITAL INPUT < DVDD
±10
μA
Serial clock input frequency (fSCLK)
5
MHz
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3


Similar Part No. - ADS1131ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1131ID TI1-ADS1131ID Datasheet
600Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1131ID TI1-ADS1131ID Datasheet
623Kb / 31P
[Old version datasheet]   ADS1131REF and ADS1231REF
ADS1131ID TI1-ADS1131ID Datasheet
844Kb / 21P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1131IDR TI1-ADS1131IDR Datasheet
600Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1131IDR TI1-ADS1131IDR Datasheet
844Kb / 21P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
More results

Similar Description - ADS1131ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1130 TI1-ADS1130_13 Datasheet
820Kb / 17P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1131 TI1-ADS1131_12 Datasheet
600Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1131 TI1-ADS1131_14 Datasheet
844Kb / 21P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1130 TI1-ADS1130 Datasheet
780Kb / 16P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1232 TI1-ADS1232 Datasheet
653Kb / 34P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
FEBRUARY 2008
logo
Burr-Brown (TI)
ADS1230 BURR-BROWN-ADS1230 Datasheet
501Kb / 25P
   20-Bit Analog-to-Digital Converter For Bridge Sensors
logo
Texas Instruments
ADS1231 TI1-ADS1231 Datasheet
478Kb / 22P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
DECEMBER2010
ADS1230 TI1-ADS1230_17 Datasheet
1Mb / 30P
[Old version datasheet]   20-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1231 TI1-ADS1231_14 Datasheet
466Kb / 23P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1232 TI1-ADS1232_14 Datasheet
952Kb / 40P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com