Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1131ID Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1131ID
Description  18-Bit Analog-to-Digital Converter for Bridge Sensors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1131ID Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS1131ID Datasheet HTML 7Page - Texas Instruments ADS1131ID Datasheet HTML 8Page - Texas Instruments ADS1131ID Datasheet HTML 9Page - Texas Instruments ADS1131ID Datasheet HTML 10Page - Texas Instruments ADS1131ID Datasheet HTML 11Page - Texas Instruments ADS1131ID Datasheet HTML 12Page - Texas Instruments ADS1131ID Datasheet HTML 13Page - Texas Instruments ADS1131ID Datasheet HTML 14Page - Texas Instruments ADS1131ID Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
17
1
18
19
16
15
0
Data
19thSCLKtoForce
/DOUTHigh
DRDY
DataReady
NewDataReady
DRDY/DOUT
SCLK
DRDY/DOUT
17
16
15
1
18
0
17
SCLK
StandbyMode
DataReady
t
DSS
t
STANDBY
t
S_RDY
StartConversion
ADS1131
www.ti.com
SBAS449B
– JULY 2009 – REVISED SEPTEMBER 2011
STANDBY MODE
When tSTANDBY has passed with SCLK held high,
Standby
mode
dramatically
reduces
power
Standby mode activates. DRDY/DOUT stays high
consumption by shutting down most of the circuitry. In
when Standby mode begins. SCLK must remain high
Standby mode, the entire analog circuitry is powered
to stay in Standby mode. To exit Standby mode
down and only the clock source circuitry is awake to
(wakeup), set SCLK low. The first data after exiting
reduce the wake-up time from the Standby mode. To
Standby mode are valid.
enter Standby mode, simply hold SCLK high after
DRDY/DOUT goes low; see Figure 8. Standby mode
can be initiated at any time during readback; it is not
necessary to retrieve all 18 bits of data beforehand.
Figure 7. Data Retrieval with DRDY/DOUT Forced High Afterwards
Figure 8. Standby Mode Timing (Can be used for single conversions)
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
SCLK high after DRDY/DOUT
SPEED = 1
12.44
ms
tDSS
(1)
goes low to activate Standby
SPEED = 0
99.94
ms
mode
SPEED = 1
0.0125
s
tSTANDBY
Standby mode activation time
SPEED = 0
0.1
s
SPEED = 1
No change (typical time required)
ms
Data ready after exiting Standby
tS_RDY
(1)
mode
SPEED = 0
401.8
ms
(1) Based on an ideal internal oscillator.
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
11


Similar Part No. - ADS1131ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1131ID TI1-ADS1131ID Datasheet
600Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1131ID TI1-ADS1131ID Datasheet
623Kb / 31P
[Old version datasheet]   ADS1131REF and ADS1231REF
ADS1131ID TI1-ADS1131ID Datasheet
844Kb / 21P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1131IDR TI1-ADS1131IDR Datasheet
600Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1131IDR TI1-ADS1131IDR Datasheet
844Kb / 21P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
More results

Similar Description - ADS1131ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1130 TI1-ADS1130_13 Datasheet
820Kb / 17P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1131 TI1-ADS1131_12 Datasheet
600Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1131 TI1-ADS1131_14 Datasheet
844Kb / 21P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1130 TI1-ADS1130 Datasheet
780Kb / 16P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1232 TI1-ADS1232 Datasheet
653Kb / 34P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
FEBRUARY 2008
logo
Burr-Brown (TI)
ADS1230 BURR-BROWN-ADS1230 Datasheet
501Kb / 25P
   20-Bit Analog-to-Digital Converter For Bridge Sensors
logo
Texas Instruments
ADS1231 TI1-ADS1231 Datasheet
478Kb / 22P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
DECEMBER2010
ADS1230 TI1-ADS1230_17 Datasheet
1Mb / 30P
[Old version datasheet]   20-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1231 TI1-ADS1231_14 Datasheet
466Kb / 23P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1232 TI1-ADS1232_14 Datasheet
952Kb / 40P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com