Electronic Components Datasheet Search |
|
SMBP20G-42R027 Datasheet(PDF) 1 Page - Vishay Siliconix |
|
SMBP20G-42R027 Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 5 page Document Number: 36010 For technical questions contact: connectors@vishay.com www.vishay.com Revision: 05-May-09 16 Rack and Panel Connectors Subminiature Rectangular SM20 Vishay Dale ELECTRICAL SPECIFICATIONS Current Rating: 7.5 A Breakdown Voltage: At sea level: 2000 VRMS At 70 000 feet [21 336 meters]: 500 VRMS PHYSICAL SPECIFICATIONS Number of Contacts: 5, 7, 11, 14, 20, 26, 34, 42, 50, 75 Contact Spacing: 0.120" [3.05 mm] Contact Gauge: #20 AWG Minimum Creepage Path Between Contacts: 0.080" [2.03 mm] Minimum Air Space Between Contacts: 0.050" [1.27 mm] FEATURES • Lightweight • Polarized by guides or screwlocks • Screwlocks lock connectors together to withstand vibration and accidental disconnect • Overall height kept to a minimum • Floating contacts aid in alignment and in withstanding vibration • Contacts, precision machined and individually gauged, provide high reliability • Insertion and withdrawal forces kept low without increasing contact resistance • Contact plating provides protection against corrosion, assures low contact resistance and ease of soldering APPLICATIONS For use wherever space is at a premium and a high quality connector is required in avionics, automation, communications, controls, instrumentation, missiles, computers and guidance systems. MATERIAL SPECIFICATIONS Contact Pin: Brass, gold plated Contact Socket: Phosphor bronze, gold plated (Beryllium copper available on request) Guides: Stainless steel, passivated Screwlocks: Stainless steel, passivated Standard Body: Glass-filled diallyl phthalate per MIL-M-14, Model GDI-30F, green SMS20 SMP20 DIMENSIONS in inches [millimeters] SMS With Fixed Standard Guides 0.220 [5.59] 0.156 [3.96] Typ. See Detail B 0.470 [11.94] 0.190 [4.83] Typ. 2-56 UNC-2A Threads Typ. SMDS - DETAIL B Dip Solder Contact Option 0.187 [4.75] Typ. 0.030 [0.762] Typ. SMP With Fixed Standard Guides 0.040 [1.02] Dia. Typ. 0.220 [5.59] 0.120 [3.05] See Detail C 0.046 [1.17] Dia. Solder Cup #20 AWG Typ. 0.141 [3.58] Typ. 0.530 [13.46] SMDP - DETAIL C Dip Solder Contact Option 0.040 ± 0.001 [1.02 ± 0.025] Dia. Typ. 0.030 [0.762] Typ. 0.187 [4.75] Typ. 0.141 [3.58] Typ. SMS With Fixed (SL) Screwlocks 0.110 [2.79] 2-56 UNC-2A Thread is standard 0.520 [13.21] 0.220 [5.59] SMP With Turnable (SK) Screwlocks 0.920 [23.37] 0.220 [5.59] 0.120 [3.05] SMS With Turnable (SK) Screwlocks 0.910 [23.11] 0.220 [5.59] 0.046 [1.17] Wide x 0.062 [1.57] Deep Typ. 0.110 [2.79] 2-56 UNC-2A Thread is standard SMP With Fixed (SL) Screwlocks 0.120 [3.05] 0.220 [5.59] 0.530 [13.46] |
Similar Part No. - SMBP20G-42R027 |
|
Similar Description - SMBP20G-42R027 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |