Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD25302Q2 Datasheet(PDF) 4 Page - Texas Instruments

Part # CSD25302Q2
Description  P-Channel NexFET??Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD25302Q2 Datasheet(HTML) 4 Page - Texas Instruments

  CSD25302Q2 Datasheet HTML 1Page - Texas Instruments CSD25302Q2 Datasheet HTML 2Page - Texas Instruments CSD25302Q2 Datasheet HTML 3Page - Texas Instruments CSD25302Q2 Datasheet HTML 4Page - Texas Instruments CSD25302Q2 Datasheet HTML 5Page - Texas Instruments CSD25302Q2 Datasheet HTML 6Page - Texas Instruments CSD25302Q2 Datasheet HTML 7Page - Texas Instruments CSD25302Q2 Datasheet HTML 8Page - Texas Instruments CSD25302Q2 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
−VDS − Drain to Source Voltage − V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.2
0.4
0.6
0.8
1.0
G001
VGS = −4.5V
VGS = −2.5V
VGS = −3.5V
VGS = −1.8V
VGS = −2V
−VGS − Gate to Source Voltage − V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.5
0.7
0.9
1.1
1.3
1.5
G002
VDS = −5V
TC = −55°C
TC = 25°C
TC = 125°C
Qg − GateCharge − nC
0
1
2
3
4
5
6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
G003
ID = −3A
VDS = −10V
−VDS − Drain to Source Voltage − V
0.0
0.1
0.2
0.3
0.4
0
5
10
15
20
G004
f = 1MHz
VGS = 0V
CRSS = CGD
COSS = CDS + CGD
CISS = CGD + CGS
TC − Case Temperature − °C
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
−75
−25
25
75
125
175
G005
ID = −250µA
−VGS − Gate to Source Voltage − V
0
25
50
75
100
125
150
1
2
3
4
5
6
7
8
G006
ID = −3A
TC = 125°C
TC = 25°C
CSD25302Q2
SLPS234A – NOVEMBER 2009 – REVISED OCTOBER 2010
www.ti.com
TYPICAL MOSFET CHARACTERISTICS (continued)
TA = 25°C, unless otherwise specified
Figure 2. Saturation Characteristics
Figure 3. Transfer Characteristics
Figure 4. Gate Charge
Figure 5. Capacitance
Figure 6. Threshold Voltage vs. Temperature
Figure 7. On-State Resistance vs. Gate to Source Voltage
4
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated


Similar Part No. - CSD25302Q2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD25301W1015 TI1-CSD25301W1015 Datasheet
484Kb / 11P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
CSD25303W1015 TI1-CSD25303W1015 Datasheet
223Kb / 10P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
CSD25304W1015 TI1-CSD25304W1015 Datasheet
420Kb / 12P
[Old version datasheet]   20V P-Channel NexFET Power MOSFET
CSD25304W1015T TI1-CSD25304W1015T Datasheet
420Kb / 12P
[Old version datasheet]   20V P-Channel NexFET Power MOSFET
CSD25304W1015 TI-CSD25304W1015_15 Datasheet
1Mb / 17P
[Old version datasheet]   CSD25304W1015 20-V P-Channel NexFET Power MOSFET
More results

Similar Description - CSD25302Q2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD25213W10 TI-CSD25213W10 Datasheet
1Mb / 12P
[Old version datasheet]   P-Channel NexFET Power MOSFET
CSD25211W1015 TI-CSD25211W1015 Datasheet
789Kb / 10P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
CSD25301W1015 TI1-CSD25301W1015 Datasheet
484Kb / 11P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
CSD25303W1015 TI1-CSD25303W1015 Datasheet
223Kb / 10P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
CSD22202W15 TI-CSD22202W15 Datasheet
999Kb / 12P
[Old version datasheet]   P-Channel NexFET Power MOSFET
CSD75301W1015 TI-CSD75301W1015 Datasheet
148Kb / 9P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
CSD23201W10 TI1-CSD23201W10 Datasheet
147Kb / 8P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
CSD23201W10 TI1-CSD23201W10_16 Datasheet
166Kb / 10P
[Old version datasheet]   P-Channel NexFET Power MOSFET
CSD75205W1015 TI-CSD75205W1015 Datasheet
298Kb / 11P
[Old version datasheet]   P-Channel NexFET Power MOSFET
CSD25201W15 TI1-CSD25201W15 Datasheet
323Kb / 9P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com