Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS92070PW Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS92070PW
Description  High-Efficiency Integrated Dimming LED Lighting Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS92070PW Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS92070PW Datasheet HTML 5Page - Texas Instruments TPS92070PW Datasheet HTML 6Page - Texas Instruments TPS92070PW Datasheet HTML 7Page - Texas Instruments TPS92070PW Datasheet HTML 8Page - Texas Instruments TPS92070PW Datasheet HTML 9Page - Texas Instruments TPS92070PW Datasheet HTML 10Page - Texas Instruments TPS92070PW Datasheet HTML 11Page - Texas Instruments TPS92070PW Datasheet HTML 12Page - Texas Instruments TPS92070PW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
UDG-11187
VDD
VZ
12.5 V
BP
SEN
LP
GATE
PWM switching
0 V
0 V
IOUT
IMIN
7 V
0 V
0 V
6 V
TPS92070
www.ti.com
SLUSAN1
– DRAFT 6 * AUGUST 30, 2011
APPLICATIONS
STARTUP BIAS AND UVLO
During powerup when VDD is less than the UVLO threshold of 8 V, the VZ pin is trickle charged with IVZ(start) of
approximately 10
μA through the startup-resistor connected to the bulk rectified voltage. As VZ is being charged,
VDD tracks VZ (less VGSTH) through the external cascode HV MOSFET (Q1) supplying a VDD startup current of
135
μA. Once VZ reaches the TPS92070 zener clamp regulation level of 12.5 V, the device enters into a
stand-by mode during which the dimmer trigger circuit (DTC), set-point filter, 7-V bias regulator, and a minimal
amount of housekeeping circuitry is active. The TPS92070 remains in this state until the SEN pin exceeds 5 V
indicating that adequate line voltage is present, either through TRIAC firing, or line voltage presence. The typical
start-up waveforms are shown in Figure 5.
Figure 5. Typical Startup Waveforms for a TRIAC Triggered VIN(ac) Input
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) :TPS92070


Similar Part No. - TPS92070PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92074 TI1-TPS92074 Datasheet
954Kb / 24P
[Old version datasheet]   Non-Isolated, Buck PFC LED Driver with Digital Reference Control
TPS92074D TI1-TPS92074D Datasheet
954Kb / 24P
[Old version datasheet]   Non-Isolated, Buck PFC LED Driver with Digital Reference Control
TPS92074DDCR TI1-TPS92074DDCR Datasheet
954Kb / 24P
[Old version datasheet]   Non-Isolated, Buck PFC LED Driver with Digital Reference Control
TPS92074DDCT TI1-TPS92074DDCT Datasheet
954Kb / 24P
[Old version datasheet]   Non-Isolated, Buck PFC LED Driver with Digital Reference Control
TPS92074DR TI1-TPS92074DR Datasheet
954Kb / 24P
[Old version datasheet]   Non-Isolated, Buck PFC LED Driver with Digital Reference Control
More results

Similar Description - TPS92070PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCL64010 TI-UCL64010 Datasheet
378Kb / 19P
[Old version datasheet]   8-PIN HIGH-EFFICIENCY OFFLINE LED LIGHTING CONTROLLER
TPS92010 TI-TPS92010 Datasheet
370Kb / 19P
[Old version datasheet]   8-PIN HIGH-EFFICIENCY, OFFLINE LED LIGHTING CONTROLLER
logo
Integrated Silicon Solu...
IS31LT3918 ISSI-IS31LT3918 Datasheet
270Kb / 11P
   HIGH VOLTAGE LED LIGHTING DRIVER WITH SWITCH DIMMING
IS31LT3918-GRLS2 ISSI-IS31LT3918-GRLS2 Datasheet
270Kb / 11P
   HIGH VOLTAGE LED LIGHTING DRIVER WITH SWITCH DIMMING
logo
List of Unclassifed Man...
LED22V1A ETC2-LED22V1A Datasheet
24Kb / 3P
   HIGH EFFICIENCY LED CONTROLLER
LED22V1A2DW ETC2-LED22V1A2DW Datasheet
275Kb / 4P
   HIGH EFFICIENCY LED CONTROLLER
logo
Microchip Technology
AN1427 MICROCHIP-AN1427 Datasheet
714Kb / 12P
   High-Efficiency Solutions for Portable LED Lighting
11/29/11
logo
ON Semiconductor
NCL2801 ONSEMI-NCL2801 Datasheet
504Kb / 28P
   Power Factor Controller, High-Efficiency, Enhanced for Lighting
September, 2019 ??Rev. 3
logo
Renesas Technology Corp
R2A20134SP RENESAS-R2A20134SP Datasheet
112Kb / 11P
   LED Lighting Power Controller
R2A20134SP RENESAS-R2A20134SP_15 Datasheet
112Kb / 11P
   LED Lighting Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com