Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1200C18K0LP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # ST1200C18K0LP
Description  Phase Control Thyristors (Stud Version), 1650 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST1200C18K0LP Datasheet(HTML) 3 Page - Vishay Siliconix

  ST1200C18K0LP Datasheet HTML 1Page - Vishay Siliconix ST1200C18K0LP Datasheet HTML 2Page - Vishay Siliconix ST1200C18K0LP Datasheet HTML 3Page - Vishay Siliconix ST1200C18K0LP Datasheet HTML 4Page - Vishay Siliconix ST1200C18K0LP Datasheet HTML 5Page - Vishay Siliconix ST1200C18K0LP Datasheet HTML 6Page - Vishay Siliconix ST1200C18K0LP Datasheet HTML 7Page - Vishay Siliconix ST1200C18K0LP Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 94394
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 23-Apr-10
3
ST1200C..KP Series
Phase Control Thyristors
(Stud Version), 1650 A
Vishay High Power Products
Note
• The table above shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC
TRIGGERING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
TYP.
MAX.
Maximum peak gate power
PGM
TJ = TJ maximum, tp
≤ 5 ms
16
W
Maximum average gate power
PG(AV)
TJ = TJ maximum, f = 50 Hz, d% = 50
3
Maximum peak positive gate current
IGM
TJ = TJ maximum, tp
≤ 5 ms
3.0
A
Maximum peak positive gate voltage
+ VGM
20
V
Maximum peak negative gate voltage
- VGM
5.0
DC gate current required to trigger
IGT
TJ = - 40 °C
Maximum required gate trigger/
current/voltage are the lowest
value which will trigger all units
12 V anode to cathode applied
200
-
mA
TJ = 25 °C
100
200
TJ = 125 °C
50
-
DC gate voltage required to trigger
VGT
TJ = - 40 °C
1.4
-
V
TJ = 25 °C
1.1
3.0
TJ = 125 °C
0.9
-
DC gate current not to trigger
IGD
TJ = TJ maximum
Maximum gate current/voltage
not to trigger is the maximum
value which will not trigger any
unit with rated VDRM anode to
cathode applied
10
mA
DC gate voltage not to trigger
VGD
0.25
V
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum operating junction
temperature range
TJ
- 40 to 125
°C
Maximum storage temperature range
TStg
- 40 to 150
Maximum thermal resistance,
junction to heatsink
RthJ-hs
DC operation single side cooled
0.0.42
K/W
DC operation double side cooled
0.021
Maximum thermal resistance,
case to heatsink
RthC-hs
DC operation single side cooled
0.006
DC operation double side cooled
0.003
Mounting force, ± 10 %
24 500
(2500)
N
(kg)
Approximate weight
425
g
Case style
See dimensions - link at the end of datasheet
A-24 (K-PUK)
ΔRthJC CONDUCTION
CONDUCTION ANGLE
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
TEST CONDITIONS
UNITS
SINGLE SIDE
DOUBLE SIDE
SINGLE SIDE
DOUBLE SIDE
180°
0.003
0.003
0.002
0.002
TJ = TJ maximum
K/W
120°
0.004
0.004
0.004
0.004
90°
0.005
0.005
0.005
0.005
60°
0.007
0.007
0.007
0.007
30°
0.012
0.012
0.012
0.012


Similar Part No. - ST1200C18K0LP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST1200C18K0L IRF-ST1200C18K0L Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST1200C18K0L VISHAY-ST1200C18K0L Datasheet
169Kb / 9P
   Phase Control Thyristors
Revision: 09-Jan-15
More results

Similar Description - ST1200C18K0LP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST1200C..KP VISHAY-ST1200C..KP Datasheet
147Kb / 8P
   Phase Control Thyristors (Stud Version), 1650 A
Revision: 23-Apr-10
VS-ST1200CK VISHAY-VS-ST1200CK_V01 Datasheet
206Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 1650 A
01-Jan-2022
ST1120C12K0LPBF VISHAY-ST1120C12K0LPBF Datasheet
133Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 1650 A
Revision: 11-Aug-08
VS-ST1200CK VISHAY-VS-ST1200CK Datasheet
208Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 1650 A
Revision: 27-Sep-17
110RKI40PBF VISHAY-110RKI40PBF Datasheet
138Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
ST110SPBF VISHAY-ST110SPBF Datasheet
136Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
110RKI40PBF VISHAY-110RKI40PBF_09 Datasheet
153Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 04-Nov-09
ST300SPBF VISHAY-ST300SPBF_12 Datasheet
172Kb / 8P
   Phase Control Thyristors (Stud Version), 300 A
Revision: 11-Aug-08
VS-ST180SVPBF VISHAY-VS-ST180SVPBF Datasheet
193Kb / 8P
   Phase Control Thyristors (Stud Version), 200 A
VS-180RKIPBF VISHAY-VS-180RKIPBF_V01 Datasheet
179Kb / 8P
   Phase Control Thyristors (Stud Version), 180 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com