Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST280C04C1PBF Datasheet(PDF) 7 Page - Vishay Siliconix

Part # ST280C04C1PBF
Description  Phase Control Thyristors (Hockey PUK Version), 500 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST280C04C1PBF Datasheet(HTML) 7 Page - Vishay Siliconix

  ST280C04C1PBF Datasheet HTML 1Page - Vishay Siliconix ST280C04C1PBF Datasheet HTML 2Page - Vishay Siliconix ST280C04C1PBF Datasheet HTML 3Page - Vishay Siliconix ST280C04C1PBF Datasheet HTML 4Page - Vishay Siliconix ST280C04C1PBF Datasheet HTML 5Page - Vishay Siliconix ST280C04C1PBF Datasheet HTML 6Page - Vishay Siliconix ST280C04C1PBF Datasheet HTML 7Page - Vishay Siliconix ST280C04C1PBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Document Number: 95074
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 01-Aug-07
1
TO-200AB (A-PUK)
Outline Dimensions
Vishay Semiconductors
DIMENSIONS in millimeters (inches)
4.75 (0.19)
28 (1.10)
6.5 (0.26)
19 (0.75)
DIA. MAX.
0.3 (0.01) MIN.
0.3 (0.01) MIN.
13.7/14.4
(0.54/0.57)
25° ± 5°
Gate terminal for
1.47 (0.06) DIA.
pin receptacle
19 (0.75)
DIA. MAX.
38 (1.50) DIA MAX.
2 holes 3.56 (0.14) x 1.83 (0.07) minimum deep
42 (1.65) MAX.
Anode to gate
Creepage distance: 7.62 (0.30) minimum
Strike distance: 7.12 (0.28) minimum
Quote between upper and lower pole pieces has to be considered after
application of mounting force (see thermal and mechanical specification)


Similar Part No. - ST280C04C1PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST280C IRF-ST280C Datasheet
208Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST280CH IRF-ST280CH Datasheet
206Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
logo
Vishay Siliconix
ST280CH..C VISHAY-ST280CH..C Datasheet
139Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 500 A
Revision: 11-Aug-08
ST280CH06C1-PBF VISHAY-ST280CH06C1-PBF Datasheet
122Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 500 A
Revision: 11-Aug-08
ST280CHPBF VISHAY-ST280CHPBF Datasheet
122Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 500 A
Revision: 11-Aug-08
More results

Similar Description - ST280C04C1PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST280CHPBF VISHAY-ST280CHPBF Datasheet
122Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 500 A
Revision: 11-Aug-08
VS-ST280C VISHAY-VS-ST280C Datasheet
240Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 500 A
Revision: 16-Dec-13
VS-ST280C VISHAY-VS-ST280C_V01 Datasheet
219Kb / 8P
   Phase Control Thyristors(Hockey PUK Version), 500 A
01-Jan-2022
ST280CHPBF VISHAY-ST280CHPBF_12 Datasheet
139Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 500 A
Revision: 11-Aug-08
VS-ST280CH VISHAY-VS-ST280CH_V01 Datasheet
202Kb / 8P
   Phase Control Thyristors(Hockey PUK Version), 500 A
01-Jan-2022
logo
International Rectifier
ST180C IRF-ST180C Datasheet
196Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST3230C IRF-ST3230C Datasheet
157Kb / 6P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST330C IRF-ST330C Datasheet
208Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST700C IRF-ST700C Datasheet
96Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST300C IRF-ST300C Datasheet
207Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com