Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T40HF Datasheet(PDF) 8 Page - Vishay Siliconix

Part # T40HF
Description  Power Rectifier Diodes (T-Modules), 40 A to 110 A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T40HF Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button T40HF_10 Datasheet HTML 4Page - Vishay Siliconix T40HF_10 Datasheet HTML 5Page - Vishay Siliconix T40HF_10 Datasheet HTML 6Page - Vishay Siliconix T40HF_10 Datasheet HTML 7Page - Vishay Siliconix T40HF_10 Datasheet HTML 8Page - Vishay Siliconix T40HF_10 Datasheet HTML 9Page - Vishay Siliconix T40HF_10 Datasheet HTML 10Page - Vishay Siliconix T40HF_10 Datasheet HTML 11Page - Vishay Siliconix T40HF_10 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 93587
8
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 20-May-10
T40HF..., T70HF..., T85HF..., T110HF... Series
Vishay Semiconductors
Power Rectifier Diodes
(T-Modules), 40 A to 110 A
Fig. 19 - Current Ratings Characteristics
Fig. 20 - Current Ratings Characteristics
Fig. 21 - Forward Power Loss Characteristics
Fig. 22 - Forward Power Loss Characteristics
60
70
80
90
100
110
120
130
140
150
0
204060
80
100
120
30°
60°
90°
120°
180°
Conduc tion Angle
Average Forward Current (A)
T110HF.. Series
R
(DC) = 0.47 K/ W
thJC
60
70
80
90
100
110
120
130
140
150
0
20
40
60
80 100 120 140 160 180
DC
30°
60°
90°
120°
180°
Conduc tion Period
T110HF.. Series
R
(DC) = 0.47 K/ W
thJC
Average Forward Current (A)
025
50
75
100
125
150
Ma ximum Allowa ble Ambient Temperature (°C)
5 K/ W
3 K/ W
2 K/W
1.5
K/ W
1 K
/ W
0.7
K/
W
0.5
K/
W
0
10
20
30
40
50
60
70
80
90
100
110
120
130
0
204060
80
100
120
Average Forward Current (A)
RMSLimit
Conduc tion Angle
180°
120°
90°
60°
30°
T110HF.. Series
T = 150°C
J
0
25
50
75
100
125
150
Maximum Allowable Ambient Temperature (°C)
5 K/ W
3 K/ W
2 K/ W
1.5
K/ W
1 K/
W
0.7
K/ W
0.5
K/ W
0.3
K/W
R
=
0.2
K/
W
- D
elt
a
R
0
20
40
60
80
100
120
140
160
180
0
20406080 100 120 140 160 180
DC
180°
120°
90°
60°
30°
RMSLimit
Conduc tion Period
Average Forward Current (A)
T110HF.. Series
T = 150°C
J


Similar Part No. - T40HF_10

ManufacturerPart #DatasheetDescription
logo
International Rectifier
T40HFL100S02 IRF-T40HFL100S02 Datasheet
219Kb / 13P
   FAST RECOVERY DIODES
logo
Vishay Siliconix
T40HFL100S02 VISHAY-T40HFL100S02 Datasheet
409Kb / 15P
   Fast Recovery Diodes, 40/70/85 A (T-Modules)
Revision: 13-Feb-08
T40HFL100S02 VISHAY-T40HFL100S02 Datasheet
426Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
Revision: 19-May-10
logo
International Rectifier
T40HFL100S05 IRF-T40HFL100S05 Datasheet
219Kb / 13P
   FAST RECOVERY DIODES
logo
Vishay Siliconix
T40HFL100S05 VISHAY-T40HFL100S05 Datasheet
409Kb / 15P
   Fast Recovery Diodes, 40/70/85 A (T-Modules)
Revision: 13-Feb-08
More results

Similar Description - T40HF_10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-T40HF VISHAY-VS-T40HF_V01 Datasheet
272Kb / 11P
   Power Rectifiers Diodes (T-modules), 40 A to 110 A
01-Jan-2022
T40HF VISHAY-T40HF Datasheet
303Kb / 11P
   Power Rectifier Diodes (T-Modules), 40 A/70 A/85 A/110 A
Revision: 12-Jun-08
T40HFL VISHAY-T40HFL_10 Datasheet
426Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
Revision: 19-May-10
VS-T40HFL VISHAY-VS-T40HFL_V01 Datasheet
367Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A, 70 A, 85 A
01-Jan-2022
T40HFL VISHAY-T40HFL_V01 Datasheet
427Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
12-Mar-12
VS-T70HFL60S02 VISHAY-VS-T70HFL60S02 Datasheet
423Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
Revision: 19-May-10
VS-T20HF220 VISHAY-VS-T20HF220_V01 Datasheet
138Kb / 6P
   Power Rectifier Diodes (T-Modules), 2200 V, 20 A
01-Jan-2022
VS-T20HF220 VISHAY-VS-T20HF220 Datasheet
145Kb / 6P
   Power Rectifier Diodes (T-Modules), 2200 V, 20 A
Revision: 20-Dec-16
VST20HF220 VISHAY-VST20HF220 Datasheet
137Kb / 6P
   Power Rectifier Diodes (T-Modules), 2200 V, 20 A
T40HFL VISHAY-T40HFL Datasheet
409Kb / 15P
   Fast Recovery Diodes, 40/70/85 A (T-Modules)
Revision: 13-Feb-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com