Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T40HFL Datasheet(PDF) 11 Page - Vishay Siliconix

Part # T40HFL
Description  Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T40HFL Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button T40HFL Datasheet HTML 7Page - Vishay Siliconix T40HFL Datasheet HTML 8Page - Vishay Siliconix T40HFL Datasheet HTML 9Page - Vishay Siliconix T40HFL Datasheet HTML 10Page - Vishay Siliconix T40HFL Datasheet HTML 11Page - Vishay Siliconix T40HFL Datasheet HTML 12Page - Vishay Siliconix T40HFL Datasheet HTML 13Page - Vishay Siliconix T40HFL Datasheet HTML 14Page - Vishay Siliconix T40HFL Datasheet HTML 15Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Document Number: 93184
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 19-May-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
11
T40HFL, T70HFL, T85HFL Series
Fast Recovery Diodes
(T-Modules), 40 A/70 A/85 A
Vishay Semiconductors
Fig. 40 - Frequency Characteristics
Fig. 41 - Frequency Characteristics
Fig. 42 - Maximum Forward Energy Power Loss Characteristics
1E1
1E2
1E3
1E4
1E1
1E2
1E3
1E4
50 Hz
400
1000
200
1500
2500
10000
20000
5000
Pulse Basewidth (µs)
tp
1E4
T70HFL.. Series
Sinusoid a l Pulse
T = 70°C
C
1E1
1E2
1E3
1E4
50 Hz
400
1000
200
1500
2500
5000
Pulse Basewidth (µs)
tp
1E1
T70HFL.. Series
Tra pezoida l Pulse
T = 70°C
C
1E1
1E2
1E3
1E4
1E1
1E2
1E3
1E4
50 Hz
400
1000
200
1500
2500
10000
20000
5000
Pulse Basewidt h (µs)
tp
1E4
T70HFL.. Series
Sinusoid al Pulse
T = 90°C
C
1E1
1E2
1E3
1E4
50 Hz
400
1000
200
1500
2500
5000
Pulse Basewidth (µs)
tp
1E1
T70HFL.. Series
Tra pezoida l Pulse
T = 90°C
C
1E0
1E1
1E2
1E3
1E4
1E1
1E2
1E3
1E4
0.01
0.02
0.04
0.1
0.2
0.4
1
2
4
10
20 joules per pulse
Pulse Basewidth (µs)
tp
1E4
T70HFL.. Series
Sinusoid al Pulse
T = 125°C
J
1E11E2
1E31E4
0.1
20 joules per pulse
10
4
2
1
0.4
0.2
0.04
0.02
0.01
T70HFL.. Series
Trapezoid a l pulse
T = 125°C
di/ dt = 50A/ µs
Pulse Basewidth (µs)
1E1
tp
J


Similar Part No. - T40HFL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T40HFL VISHAY-T40HFL Datasheet
409Kb / 15P
   Fast Recovery Diodes, 40/70/85 A (T-Modules)
Revision: 13-Feb-08
T40HFL VISHAY-T40HFL Datasheet
423Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
Revision: 19-May-10
T40HFL VISHAY-T40HFL Datasheet
366Kb / 16P
   Electrically isolated base plate
Revision: 20-Dec-16
T40HFL VISHAY-T40HFL Datasheet
427Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
12-Mar-12
logo
International Rectifier
T40HFL100S02 IRF-T40HFL100S02 Datasheet
219Kb / 13P
   FAST RECOVERY DIODES
More results

Similar Description - T40HFL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-T40HFL VISHAY-VS-T40HFL_V01 Datasheet
367Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A, 70 A, 85 A
01-Jan-2022
T40HFL VISHAY-T40HFL_V01 Datasheet
427Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
12-Mar-12
VS-T70HFL60S02 VISHAY-VS-T70HFL60S02 Datasheet
423Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
Revision: 19-May-10
T40HFL VISHAY-T40HFL Datasheet
409Kb / 15P
   Fast Recovery Diodes, 40/70/85 A (T-Modules)
Revision: 13-Feb-08
VS-40HFL VISHAY-VS-40HFL Datasheet
220Kb / 14P
   Fast Recovery Diodes (Stud Version), 40 A, 70 A, 85 A
Revision: 02-Mar-17
VS-40HFL60S02 VISHAY-VS-40HFL60S02 Datasheet
1Mb / 14P
   Fast Recovery Diodes (Stud Version), 40 A/70 A/85 A
Revision: 25-May-09
T40HF VISHAY-T40HF Datasheet
303Kb / 11P
   Power Rectifier Diodes (T-Modules), 40 A/70 A/85 A/110 A
Revision: 12-Jun-08
VS-40HFL VISHAY-VS-40HFL_V01 Datasheet
206Kb / 14P
   Fast Recovery Diodes (Stud Version), 40 A, 70 A, 85 A
01-Jan-2022
40HFL VISHAY-40HFL_12 Datasheet
1Mb / 14P
   Fast Recovery Diodes (Stud Version), 40 A/70 A/85 A
Revision: 25-May-09
40HFL VISHAY-40HFL Datasheet
1Mb / 12P
   Fast Recovery Diodes (Stud Version), 40/70/85 A
Revision: 16-May-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com