Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCPT1300X01 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TCPT1300X01
Description  Subminiature Transmissive Optical Sensor with Transistor Output
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCPT1300X01 Datasheet(HTML) 5 Page - Vishay Siliconix

  TCPT1300X01 Datasheet HTML 1Page - Vishay Siliconix TCPT1300X01 Datasheet HTML 2Page - Vishay Siliconix TCPT1300X01 Datasheet HTML 3Page - Vishay Siliconix TCPT1300X01 Datasheet HTML 4Page - Vishay Siliconix TCPT1300X01 Datasheet HTML 5Page - Vishay Siliconix TCPT1300X01 Datasheet HTML 6Page - Vishay Siliconix TCPT1300X01 Datasheet HTML 7Page - Vishay Siliconix TCPT1300X01 Datasheet HTML 8Page - Vishay Siliconix TCPT1300X01 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Document Number: 84778
For technical questions, contact: sensorstechsupport@vishay.com
www.vishay.com
Rev. 1.7, 17-May-11
5
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TCPT1300X01
Subminiature Transmissive Optical
Sensor with Transistor Output
Vishay Semiconductors
Fig. 13 - Relative Collector Current vs. Vertical Displacement
Fig. 14 - Rise/Fall Time vs. Collector Current
Fig. 15 - Application example
REFLOW SOLDER PROFILE
Fig. 16 - Lead (Pb)-free Reflow Solder Profile acc. J-STD-020
FLOOR LIFE
No time limit.
Moisture sensitivity level (MSL) 1, acc. JEDEC, J-STD-020.
0
0.5
1
- 1.5
- 1
- 0.5
0
0.5
1
1.5
S - Vertical Displacement (mm)
20610
Optical axis
0
10
20
30
40
50
60
70
80
90
100
0
250
500
750 1000 1250 1500 1750 2000
I
C - Collector Current (µA)
t
f
t
r
20599
R
L = 100 Ω
13887
74HCT14
GND
IF = 15 mA
+ VC = 5 V
10 k
Ω
VE
U Q
0
50
100
150
200
250
300
0
50
100
150
200
250
300
Time (s)
240 °C
245 °C
max. 260 °C
max. 120 s
max. 100 s
217 °C
max. 30 s
max. ramp up 3 °C/s max. ramp down 6 °C/s
19841
255 °C
RELIABILITY TESTS IN REFERENCE TO AEC-Q101 RELEASE
TEST
CONDITION
DURATION
LOT SIZE - REJECTS
High temperature storage
Tstg (max.) = 100 °C
1000 h
3 x 50 pcs - 0 pcs
Low temperature storage
Tstg (min.) = - 40 °C
1000 h
3 x 50 pcs - 0 pcs
Temperature cycling
- 40 °C/+ 100 °C
1000 x
3 x 77 pcs - 0 pcs
H3TRB
85 °C/85 % RH,
emitters: VR = 4 V, detectors: VCEO = 5 V
1000 h
3 x 77 pcs - 0 pcs
Intermittent operational life
Emitters: IF = 80 mA DC, detectors: VCE = 16 V,
duty cycle: 2 min on, 2 min off, Tamb = 25 °C
1000 h
(15 000 cycles)
3 x 77 pcs - 0 pcs
RELIABILITY TESTS IN REFERENCE TO ENHANCED TEMPERATURE RELEASE ACC. AEC-Q101
TEST
CONDITION
DURATION
LOT SIZE - REJECTS
High temperature storage
Tstg (max.) = 125 °C
1000 h
1 x 50 pcs - 0 pcs
Temperature cycling
- 40 °C/+ 150 °C
1000 x
1 x 77 pcs - 0 pcs
Power temperature cycle
- 25 °C/+ 85 °C, IF = 50 mA, VCE = 16 V,
2 min. on, 2 min. off
1000 h
(15 000 cycles)
1 x 77 pcs - 0 pcs


Similar Part No. - TCPT1300X01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCPT1300X01 VISHAY-TCPT1300X01 Datasheet
191Kb / 9P
   Subminiature Transmissive Optical Sensor with Phototransistor Output, RoHS Compliant, Released for Lead (Pb)-free Solder Process, AEC-Q101 Released
Rev. 1.3, 20-Jul-07
TCPT1300X01 VISHAY-TCPT1300X01 Datasheet
263Kb / 11P
   Reflective Optical Sensor with Transistor Output
Rev. 1.7, 17-Aug-09
TCPT1300X01 VISHAY-TCPT1300X01 Datasheet
317Kb / 13P
   Subminiature Transmissive Optical Sensor with Transistor Output
Rev. 1.0, 14-Mar-13
TCPT1300X01 VISHAY-TCPT1300X01 Datasheet
312Kb / 13P
   Subminiature Transmissive Optical Sensor with Transistor Output
01-Jan-2022
TCPT1300X01 VISHAY-TCPT1300X01_V01 Datasheet
312Kb / 13P
   Subminiature Transmissive Optical Sensor with Transistor Output
01-Jan-2022
More results

Similar Description - TCPT1300X01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCPT1300X01 VISHAY-TCPT1300X01_V01 Datasheet
312Kb / 13P
   Subminiature Transmissive Optical Sensor with Transistor Output
01-Jan-2022
TCPT1350X01 VISHAY-TCPT1350X01 Datasheet
317Kb / 13P
   Subminiature Transmissive Optical Sensor with Transistor Output
Rev. 1.0, 14-Mar-13
TCPT1350X01 VISHAY-TCPT1350X01_V01 Datasheet
319Kb / 13P
   Subminiature Transmissive Optical Sensor with Transistor Output
01-Jan-2022
TCPT1200X01 VISHAY-TCPT1200X01 Datasheet
95Kb / 9P
   Subminiature Transmissive Optical Sensor with Phototransistor Output
Rev. A2, 01-Jun-99
TCPT1200 VISHAY-TCPT1200 Datasheet
95Kb / 9P
   Subminiature Transmissive Optical Sensor with Phototransistor Output
Rev. A5, 01-Jun-99
TCUT1300X01 VISHAY-TCUT1300X01_07 Datasheet
192Kb / 9P
   Subminiature Dual Channel Transmissive Optical Sensor with
Rev. 2.3, 20-Jul-07
TCUT1300X01 VISHAY-TCUT1300X01 Datasheet
190Kb / 8P
   Subminiature Dual Channel Transmissive Optical Sensor with
Rev. 2.2, 10-May-07
TCST5250 VISHAY-TCST5250 Datasheet
310Kb / 12P
   Transmissive Optical Sensor with Phototransistor Output
Rev. 1.5, 17-Aug-09
TCST5250 VISHAY-TCST5250_06 Datasheet
185Kb / 8P
   Transmissive Optical Sensor with Phototransistor Output
Rev. 1.4, 16-Aug-06
TCST1030 VISHAY-TCST1030_10 Datasheet
243Kb / 11P
   Transmissive Optical Sensor with Phototransistor Output
Rev. 1.8, 20-Sep-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com