Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCRT1000 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TCRT1000
Description  Reflective Optical Sensor with Transistor Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCRT1000 Datasheet(HTML) 4 Page - Vishay Siliconix

  TCRT1000_09 Datasheet HTML 1Page - Vishay Siliconix TCRT1000_09 Datasheet HTML 2Page - Vishay Siliconix TCRT1000_09 Datasheet HTML 3Page - Vishay Siliconix TCRT1000_09 Datasheet HTML 4Page - Vishay Siliconix TCRT1000_09 Datasheet HTML 5Page - Vishay Siliconix TCRT1000_09 Datasheet HTML 6Page - Vishay Siliconix TCRT1000_09 Datasheet HTML 7Page - Vishay Siliconix TCRT1000_09 Datasheet HTML 8Page - Vishay Siliconix TCRT1000_09 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.vishay.com
For technical questions, contact: sensorstechsupport@vishay.com
Document Number: 83752
4
Rev. 1.7, 17-Aug-09
TCRT1000, TCRT1010
Vishay Semiconductors
Reflective Optical Sensor with
Transistor Output
Fig. 7 - Collector Current vs. Distance
Fig. 8 - Relative Collector Current vs. Displacement
PACKAGE DIMENSIONS in millimeters
0
0.1
1
10
d - Distance (mm)
95 11077
VCE =5 V
IF = 20 mA
0.01
10
8
6
4
2
1
0
20
40
60
80
120
s - Displacement (mm)
95 11078
100
Sensing Object
d
s
d = 1 mm
VCE =5 V
IF = 20 mA
6
5
4
3
2
14769
14768


Similar Part No. - TCRT1000_09

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCRT1000 VISHAY-TCRT1000_06 Datasheet
132Kb / 7P
   Reflective Optical Sensor with Transistor Output
Rev. 1.6, 04-Sep-06
More results

Similar Description - TCRT1000_09

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCNT2020 VISHAY-VCNT2020 Datasheet
146Kb / 7P
   Reflective Optical Sensor with Transistor Output
Rev. 1.1, 19-Jan-18
CNY70 VISHAY-CNY70_08 Datasheet
147Kb / 7P
   Reflective Optical Sensor with Transistor Output
Rev. 1.6, 04-Sep-06
TCNT2000 VISHAY-TCNT2000 Datasheet
116Kb / 6P
   Reflective Optical Sensor with Transistor Output
Rev. 1.2, 17-Aug-12
VCNT2025X01 VISHAY-VCNT2025X01 Datasheet
205Kb / 8P
   Reflective Optical Sensor With Transistor Output
01-Jan-2022
TCRT1000 VISHAY-TCRT1000 Datasheet
67Kb / 7P
   Reflective Optical Sensor with Transistor Output
Rev. A3, 27-May-99
TCRT1000 VISHAY-TCRT1000_V01 Datasheet
267Kb / 11P
   Reflective Optical Sensor With Transistor Output
01-Jan-2022
TCRT5000 VISHAY-TCRT5000_09 Datasheet
313Kb / 12P
   Reflective Optical Sensor with Transistor Output
Rev. 1.7, 17-Aug-09
CNY70 VISHAY-CNY70 Datasheet
78Kb / 7P
   Reflective Optical Sensor with Transistor Output
Rev. A4, 05-Apr-00
TCRT1000 VISHAY-TCRT1000_06 Datasheet
132Kb / 7P
   Reflective Optical Sensor with Transistor Output
Rev. 1.6, 04-Sep-06
CNY70 VISHAY-CNY70_V01 Datasheet
246Kb / 11P
   Reflective Optical Sensor with Transistor Output
01-Jan-2022
TCRT5000 VISHAY-TCRT5000 Datasheet
436Kb / 8P
   Reflective Optical Sensor with Transistor Output
Rev. A4, 03-Jul-00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com