Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDSY3150 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TDSY3150
Description  Standard 7-Segment Display 10 mm
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TDSY3150 Datasheet(HTML) 2 Page - Vishay Siliconix

  TDSY3150 Datasheet HTML 1Page - Vishay Siliconix TDSY3150 Datasheet HTML 2Page - Vishay Siliconix TDSY3150 Datasheet HTML 3Page - Vishay Siliconix TDSY3150 Datasheet HTML 4Page - Vishay Siliconix TDSY3150 Datasheet HTML 5Page - Vishay Siliconix TDSY3150 Datasheet HTML 6Page - Vishay Siliconix TDSY3150 Datasheet HTML 7Page - Vishay Siliconix TDSY3150 Datasheet HTML 8Page - Vishay Siliconix TDSY3150 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.vishay.com
For technical questions, contact: LED@Vishay.com
Document Number: 83125
2
Rev. 1.6, 23-May-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TDSG3150, TDSG3160, TDSO3150, TDSO3160, TDSY3150, TDSY3160
Vishay Semiconductors Standard 7-Segment Display 10 mm
Note
(1) IVmin. and IV groups are mean values of all segments (a to g, D1 to D4), matching factor within segments is  0.5, excluding decimal points
and colon.
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
TDSO3150, TDSO3160, TDSY3150, TDSY3160, TDSG3150, TDSG3160
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
Reverse voltage per segment or DP
VR
6V
DC forward current per segment or DP
TDSO3150
IF
20
mA
TDSO3160
20
TDSY3150
20
TDSY3160
20
TDSG3150
20
TDSG3160
20
DC forward current per segment or DP
tp  10 μs (non repetitive)
TDSO3150
IFSM
0.15
A
TDSO3160
0.15
TDSY3150
0.15
TDSY3160
0.15
TDSG3150
0.15
TDSG3160
0.15
Power dissipation
Tamb  45 °C
TDSO3150,
TDSO3160,
TDSY3150,
TDSY3160,
TDSG3150,
TDSG3160
PV
480
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
- 40 to + 85
°C
Storage temperature range
Tstg
- 40 to + 85
°C
Soldering temperature
t
 3 s,
2 mm below seating plane
Tsd
260
°C
Thermal resistance LED
junction/ambient
RthJA
120
K/W
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
TDSO3150, TDSO3160, ORANGE RED
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity per segment
(digit average) (1)
IF = 10 mA
TDSO3150
IV
450
4500
-
μcd
TDSO3150-KL
1800
-
5600
TDSO3150-L
2800
-
5600
TDSO3160
450
4500
-
TDSO3160-KL
1800
-
5600
TDSO3160-L
2800
-
5600
Dominant wavelength
IF = 10 mA
TDSO3150,
TDSO3160
d
612
-
625
nm
Peak wavelength
IF = 10 mA
p
-
630
-
nm
Angle of half intensity
IF = 10 mA
-± 50
-
deg
Forward voltage per segment or DP
IF = 20 mA
VF
-2
3
V
Reverse voltage per segment or DP
IR = 10 μA
VR
615
-
V


Similar Part No. - TDSY3150

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDSY3150 VISHAY-TDSY3150 Datasheet
129Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2022
TDSY3150 VISHAY-TDSY3150 Datasheet
127Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2022
TDSY3150 VISHAY-TDSY3150 Datasheet
128Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2023
TDSY3150-K VISHAY-TDSY3150-K Datasheet
127Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2022
TDSY3150-K VISHAY-TDSY3150-K Datasheet
128Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2023
More results

Similar Description - TDSY3150

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDSY3150 VISHAY-TDSY3150_V01 Datasheet
129Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2022
TDSG3150 VISHAY-TDSG3150_V02 Datasheet
128Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2023
TDSG3150-M VISHAY-TDSG3150-M Datasheet
127Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2022
VDMR10.0 VISHAY-VDMR10.0 Datasheet
284Kb / 8P
   Standard 7-Segment SMD Display 10 mm
Rev. 1.2, 29-Nov-13
VDMR10A1 VISHAY-VDMR10A1 Datasheet
232Kb / 8P
   Standard 7-Segment SMD Display 10 mm
Rev. 1.0, 13-May-13
VDMG10A1 VISHAY-VDMG10A1_V01 Datasheet
266Kb / 8P
   Standard 7-Segment SMD Display 10 mm
01-Jan-2022
VDMR10A1 VISHAY-VDMR10A1_V02 Datasheet
265Kb / 8P
   Standard 7-Segment SMD Display 10 mm
01-Jan-2023
VDMG10.0 VISHAY-VDMG10.0_V01 Datasheet
283Kb / 8P
   Standard 7-Segment SMD Display 10 mm
01-Jan-2022
VDMR10.0 VISHAY-VDMR10.0_V02 Datasheet
282Kb / 8P
   Standard 7-Segment SMD Display 10 mm
01-Jan-2023
TDSO1150 VISHAY-TDSO1150 Datasheet
163Kb / 8P
   Standard 7- Segment Display 7 mm
Rev. 1.4, 31-Aug-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com