Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFBS4711 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TFBS4711
Description  Serial Infrared Transceiver SIR, 115.2 kbit/s, 2.4 V to 5.5 V Operation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFBS4711 Datasheet(HTML) 4 Page - Vishay Siliconix

  TFBS4711 Datasheet HTML 1Page - Vishay Siliconix TFBS4711 Datasheet HTML 2Page - Vishay Siliconix TFBS4711 Datasheet HTML 3Page - Vishay Siliconix TFBS4711 Datasheet HTML 4Page - Vishay Siliconix TFBS4711 Datasheet HTML 5Page - Vishay Siliconix TFBS4711 Datasheet HTML 6Page - Vishay Siliconix TFBS4711 Datasheet HTML 7Page - Vishay Siliconix TFBS4711 Datasheet HTML 8Page - Vishay Siliconix TFBS4711 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TFBS4711
Vishay Semiconductors Serial Infrared Transceiver SIR, 115.2 kbit/s,
2.4 V to 5.5 V Operation
www.vishay.com
For technical questions within your region, please contact one of the following:
irdasupportAM@vishay.com, irdasupportAP@vishay.com, irdasupportEU@vishay.com
Document Number: 82633
4
Rev. 3.0, 19-Nov-10
Notes
(1) Tested at Tamb = 25 °C, VCC1 = VCC2 = 2.4 V to 5.5 V unless otherwise noted.
Typical values are for design aid only, not guaranteed nor subject to production testing.
(2) SD mode becomes active when SD is set high for more than 0.2 µs. In SD mode the detector is disabled and the output disconnected.
ELECTRICAL CHARACTERISTICS (1)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
TRANSCEIVER
Supply voltage
VCC1
2.4
5.5
V
Operating temperature range
TA
- 25
+ 85
°C
Data rates
9.6
115.2
kbit/s
Idle supply current at VCC1
(receive mode, no signal)
SD = low,
Tamb = - 25 °C to + 85 °C
independent of ambient light,
VCC1 = VCC2 = 2.4 V to 5.5 V
ICC1
40
70
150
µA
SD = low, Tamb = 25 °C,
VCC1 = VCC2 = 2.4 V to 5.5 V
ICC1
40
70
100
µA
Average dynamic supply
current, transmitting
IIRED = 300 mA, 20 % duty cycle
ICC1
0.6
2
mA
Standby (SD) (2) supply current
SD = high,
Tamb = - 25 °C to + 85 °C,
independent of ambient light
ISD
0.01
1
µA
RXD to VCC1 impedance
RRXD
400
500
600
k
Input voltage low (TXD, SD)
VILo
- 0.3
0.4
V
Input voltage high (SD)
For compliance with ISD spec.
VIHi
VCC1 - 0.3
6
V
Input voltage high (TXD)
VIHi
VCC1 - 0.5
6
V
Timing logic decision level
0.5 x VCC1
Input leakage current low
VILo  0.3 V
IILo
0.01
10
µA
Input leakage current high
VIHi  VCC1 - 0.3 V
IIHi
0.01
10
µA
Input capacitance (TXD, SD)
CIN
5pF
Output voltage low, RXD
Cload = 8 pF, IOLo  |+ 500 µA|
VOLo
0.4
V
Output voltage high, RXD
IOH = - 200 µA
VOHi
0.8 x VCC1
VCC1
V
OPTOELECTRONIC CHARACTERISTICS (1)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
RECEIVER
Minimum irradiance Ee in
angular range (3)
9.6 kbit/s to 115.2 kbit/s
 = 850 nm to 900 nm,
 = 0°, 15°
Ee
35
(3.5)
80
(8)
mW/m2
(µW/cm2)
Maximum irradiance Ee in
angular range (4)
 = 850 nm to 900 nm
Ee
5
(500)
kW/m2
(mW/cm2)
Maximum no detection
irradiance (2)
 = 850 nm to 900 nm,
tr, tf < 40 ns,
tpo = 1.6 µs at f = 115 kHz,
no output signal allowed
Ee
4
(0.4)
mW/m2
(µW/cm2)
Rise time of output signal
10 % to 90 %, CL = 8 pF
tr(RXD)
10
30
80
ns
Fall time of output signal
90 % to 10 %, CL = 8 pF
tf(RXD)
10
30
80
ns
RXD pulse width of output signal
Input pulse length > 1.2 µs
tPW
1.7
2.2
3
µs
Stochastic jitter, leading edge
Input irradiance = 100 mW/m2,
 115.2 kbit/s
350
ns
Standby/shutdown delay,
receiver startup time
After shutdown active
or power-on
500
µs
Latency
tL
50
150
µs


Similar Part No. - TFBS4711

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFBS4711 VISHAY-TFBS4711 Datasheet
202Kb / 12P
   Serial Infrared Transceiver SIR, 115.2 kbit/s, 2.7 V to 5.5 V Operation
Rev. 1.9, 07-Nov-06
TFBS4711 VISHAY-TFBS4711 Datasheet
286Kb / 13P
   Serial Infrared Transceiver (SIR), 115.2 kbit/s, 2.4 V to 5.5 V Operation
01-Jan-2022
TFBS4711 VISHAY-TFBS4711 Datasheet
286Kb / 13P
   Serial Infrared Transceiver (SIR), 115.2 kbit/s, 2.4 V to 5.5 V Operation
01-Jan-2023
TFBS4711-TR1 VISHAY-TFBS4711-TR1 Datasheet
202Kb / 12P
   Serial Infrared Transceiver SIR, 115.2 kbit/s, 2.7 V to 5.5 V Operation
Rev. 1.9, 07-Nov-06
TFBS4711-TR1 VISHAY-TFBS4711-TR1 Datasheet
286Kb / 13P
   Serial Infrared Transceiver (SIR), 115.2 kbit/s, 2.4 V to 5.5 V Operation
01-Jan-2022
More results

Similar Description - TFBS4711

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFBS4711 VISHAY-TFBS4711_V02 Datasheet
286Kb / 13P
   Serial Infrared Transceiver (SIR), 115.2 kbit/s, 2.4 V to 5.5 V Operation
01-Jan-2023
TFBS4711 VISHAY-TFBS4711_V01 Datasheet
286Kb / 13P
   Serial Infrared Transceiver (SIR), 115.2 kbit/s, 2.4 V to 5.5 V Operation
01-Jan-2022
TFDU4100 VISHAY-TFDU4100_05 Datasheet
307Kb / 15P
   Serial Infrared Transceiver SIR, 115.2 kbit/s, 2.7 V to 5.5 V Operation
Rev. 1.6, 05-Dec-05
TFBS4710 VISHAY-TFBS4710 Datasheet
208Kb / 12P
   Serial Infrared Transceiver SIR, 115.2 kbit/s, 2.7 V to 5.5 V Operation
Rev. 1.5, 23-Feb-06
TFBS4711 VISHAY-TFBS4711_06 Datasheet
202Kb / 12P
   Serial Infrared Transceiver SIR, 115.2 kbit/s, 2.7 V to 5.5 V Operation
Rev. 1.9, 07-Nov-06
TFDS4400 VISHAY-TFDS4400 Datasheet
483Kb / 14P
   SIR Transceiver Module (115.2 kbit/s) 2.7 V to 5.5 V
Rev. A1.5, 31-May-00
TFBS4650 VISHAY-TFBS4650_09 Datasheet
258Kb / 13P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.5,16-Sep-09
TFBS4652 VISHAY-TFBS4652 Datasheet
220Kb / 13P
   Infrared Transceiver 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.1, 03-Jul-06
TFBS4652 VISHAY-TFBS4652_V02 Datasheet
348Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
01-Jan-2023
TFBS4650 VISHAY-TFBS4650_08 Datasheet
262Kb / 14P
   Infrared Transceiver 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.2, 28-May-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com