Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFDU6103 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TFDU6103
Description  Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 5.5 V Operation
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFDU6103 Datasheet(HTML) 5 Page - Vishay Siliconix

  TFDU6103 Datasheet HTML 1Page - Vishay Siliconix TFDU6103 Datasheet HTML 2Page - Vishay Siliconix TFDU6103 Datasheet HTML 3Page - Vishay Siliconix TFDU6103 Datasheet HTML 4Page - Vishay Siliconix TFDU6103 Datasheet HTML 5Page - Vishay Siliconix TFDU6103 Datasheet HTML 6Page - Vishay Siliconix TFDU6103 Datasheet HTML 7Page - Vishay Siliconix TFDU6103 Datasheet HTML 8Page - Vishay Siliconix TFDU6103 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TFDU6103
Fast Infrared Transceiver Module (FIR, 4 Mbit/s)
for 2.4 V to 5.5 V Operation
Vishay Semiconductors
Document Number: 81211
For technical questions within your region, please contact one of the following:
irdasupportAM@vishay.com, irdasupportAP@vishay.com, irdasupportEU@vishay.com
www.vishay.com
Rev. 1.4, 29-Jul-09
5
Notes
(1) Tamb = 25 °C, VCC = 2.4 V to 5.5 V unless otherwise noted. All timing data measured with 4 Mbit/s are measured using the IrDA FIR
transmission header. The data given here are valid 5 µs after starting the preamble.
Typical values are for design aid only, not guaranteed nor subject to production testing.
(2) This parameter reflects the backlight test of the IrDA physical layer specification to guarantee immunity against light from fluorescent lamps.
(3) IrDA sensitivity definition: minimum irradiance Ee in angular range, power per unit area. The receiver must meet the BER specification while
the source is operating at the minimum intensity in angular range into the minimum half-angular range at the maximum link length.
(4) Maximum irradiance Ee in angular range, power per unit area. The optical delivered to the detector by a source operating at the maximum
intensity in angular range at minimum link length must not cause receiver overdrive distortion and possible related link errors. If placed at the
active output interface reference plane of the transmitter, the receiver must meet its bit error ratio (BER) specification. For more definitions
see the document “Symbols and Terminology” on the Vishay website
(5) Retriggering once during applied optical pulse may occur.
(6) Maximum value is given by eye safety class 1, IEC 60825-1, simplified method.
(7) Due to this wavelength restriction compared to the IrDA spec of 850 nm to 900 nm the transmitter is able to operate as source for the standard
remote control applications with codes as e.g. Philips RC5/RC6® or RECS 80. When operated under IrDA full range conditions (125 mW/sr)
the RC range to be covered is in the range from 8 m to 12 m, provided that state of the art remote control receivers are used.
TRANSMITTER
IRED operating current,
switched current limiter
Note: no external current limiting resistor is needed
for
VCC1 = VCC2 = 3.3 V
ID
330
440
600
mA
Output pulse width limitation
Input pulse width t < 20 µs
tpw
tµs
Input pulse width 20 µs < t < 150 µs
tpw
18
150
µs
Input pulse width t
 150 µs
tpw_lim
150
µs
Output leakage IRED current
IIRED
- 1
1
µA
Output radiant intensity,
see figure 1, recommended
application circuit
VCC = VIRED = 3.3 V,  = 0°
TXD = high, SD = low, R1 = 1
Ie
110
170
468 (6)
mW/sr
Output radiant intensity,
see figure 1, recommended
application circuit
VCC = VIRED = 3.3 V,  = 0°, 15°
TXD = high, SD = low, R1 = 1
Ie
100
130
468 (6)
mW/sr
Output radiant intensity
VCC1 = 3.3 V,  = 0°, 15°
TXD = low or SD = high (receiver is inactive as long
as SD = high)
Ie
0.04
mW/sr
Output radiant intensity, angle
of half intensity
± 24
deg
Peak - emission wavelength (7)
p
875
886
900
nm
Spectral bandwidth

45
nm
Optical rise time,
Optical fall time
tropt ,
tfopt
10
40
ns
Optical output pulse duration
Input pulse width 217 ns, 1.152 Mbit/s
topt
207
217
227
ns
Input pulse width 125 ns, 4 Mbit/s
topt
117
125
133
ns
Input pulse width 250 ns, 4 Mbit/s
topt
242
250
258
ns
Optical overshoot
25
%
OPTOELECTRONIC CHARACTERISTICS (1)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT


Similar Part No. - TFDU6103

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFDU6103 VISHAY-TFDU6103 Datasheet
265Kb / 15P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 5.5 V Operation
Rev. 1.3, 03-Jul-08
TFDU6103-TR3 VISHAY-TFDU6103-TR3 Datasheet
265Kb / 15P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 5.5 V Operation
Rev. 1.3, 03-Jul-08
TFDU6103-TT3 VISHAY-TFDU6103-TT3 Datasheet
265Kb / 15P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 5.5 V Operation
Rev. 1.3, 03-Jul-08
More results

Similar Description - TFDU6103

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFDU6103 VISHAY-TFDU6103 Datasheet
265Kb / 15P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 5.5 V Operation
Rev. 1.3, 03-Jul-08
TFDU6102 VISHAY-TFDU6102_05 Datasheet
295Kb / 18P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.7 V to 5.5 V Operation
Rev. 1.6, 05-Dec-05
TFDU6300 VISHAY-TFDU6300 Datasheet
214Kb / 15P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 3.6 V Operation
Rev. 1.8, 03-Jul-08
TFDU6102 VISHAY-TFDU6102 Datasheet
420Kb / 16P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.7 V to 5.5 V Operation
Rev. 1.5, 24-Jun-04
TFDU6102E VISHAY-TFDU6102E Datasheet
667Kb / 17P
   Fast Infrared Transceiver Module Family (FIR, 4 Mbit/s) for 2.6 V to 5.5 V Operation
Rev. B1.6, 02-Nov-00
TFDU6101E VISHAY-TFDU6101E Datasheet
667Kb / 17P
   Fast Infrared Transceiver Module Family (FIR, 4 Mbit/s) for 2.6 V to 5.5 V Operation
Rev. B1.6, 02-Nov-00
TFDU6301 VISHAY-TFDU6301 Datasheet
217Kb / 15P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 3.6 V Operation and Low-Voltage Logic (1.8 V)
Rev. 1.8, 03-Jul-08
TFDU5102-TR3 VISHAY-TFDU5102-TR3 Datasheet
243Kb / 12P
   Fast Infrared Transceiver Module Family (MIR, 1 Mbit/s) for 2.6 V to 5.5 V Operation
Rev. A1.1, 12-Nov-02
TFDU6300 VISHAY-TFDU6300_09 Datasheet
193Kb / 12P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s)
Rev. 2.0, 04-Aug-09
TFBS4711 VISHAY-TFBS4711_10 Datasheet
182Kb / 12P
   Serial Infrared Transceiver SIR, 115.2 kbit/s, 2.4 V to 5.5 V Operation
Rev. 3.0, 19-Nov-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com