Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFBS4711-TT1 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # TFBS4711-TT1
Description  Serial Infrared Transceiver SIR, 115.2 kbit/s, 2.4 V to 5.5 V Operation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFBS4711-TT1 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button TFBS4711-TT1 Datasheet HTML 4Page - Vishay Siliconix TFBS4711-TT1 Datasheet HTML 5Page - Vishay Siliconix TFBS4711-TT1 Datasheet HTML 6Page - Vishay Siliconix TFBS4711-TT1 Datasheet HTML 7Page - Vishay Siliconix TFBS4711-TT1 Datasheet HTML 8Page - Vishay Siliconix TFBS4711-TT1 Datasheet HTML 9Page - Vishay Siliconix TFBS4711-TT1 Datasheet HTML 10Page - Vishay Siliconix TFBS4711-TT1 Datasheet HTML 11Page - Vishay Siliconix TFBS4711-TT1 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TFBS4711
Vishay Semiconductors Serial Infrared Transceiver SIR, 115.2 kbit/s,
2.4 V to 5.5 V Operation
www.vishay.com
For technical questions within your region, please contact one of the following:
irdasupportAM@vishay.com, irdasupportAP@vishay.com, irdasupportEU@vishay.com
Document Number: 82633
8
Rev. 3.0, 19-Nov-10
PACKAGE DIMENSIONS in millimeters
Fig. 6 - Package Drawing of TFBS4711, Tolerance of Height is + 0.1 mm, - 0.2 mm, other Tolerances ± 0.2 mm
Fig. 7 - Soldering Footprints
TABLE 2 - TRUTH TABLE
INPUTS
OUTPUTS
REMARK
SD
TXD
OPTICAL INPUT IRRADIANCE
mW/m2
RXD
TRANSMITTER
OPERATION
High
> 1 ms
xx
Weakly pulled
(500
) to V
CC1
0
Shutdown
Low
High
x
Low (active)
Ie
Transmitting
Low
High
> 100 µs
x
High inactive
0
Protection is active
Low
Low
< 4
High inactive
0
Ignoring low signals below the
IrDA defined threshold for noise
immunity
Low
Low
> min. detection threshold irradiance
< max. detection threshold irradiance
Low (active)
0
Response to an IrDA compliant
optical input signal
Low
Low
> min. detection threshold irradiance
Undefined
0
Overload conditions can cause
unexpected outputs
19612
19728
Emitter
Detector
5 x 0.95 = 4.75
0.95
0.64
12
3
4
5
6
Recommended Footprint
Side View Application
19301
Emitter
Detector
5 x 0.95 = 4.75
0.95
0.64
123
45
6
Recommended Footprint
Top View Application


Similar Part No. - TFBS4711-TT1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFBS4711-TT1 VISHAY-TFBS4711-TT1 Datasheet
202Kb / 12P
   Serial Infrared Transceiver SIR, 115.2 kbit/s, 2.7 V to 5.5 V Operation
Rev. 1.9, 07-Nov-06
TFBS4711-TT1 VISHAY-TFBS4711-TT1 Datasheet
286Kb / 13P
   Serial Infrared Transceiver (SIR), 115.2 kbit/s, 2.4 V to 5.5 V Operation
01-Jan-2022
More results

Similar Description - TFBS4711-TT1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFBS4711 VISHAY-TFBS4711_V02 Datasheet
286Kb / 13P
   Serial Infrared Transceiver (SIR), 115.2 kbit/s, 2.4 V to 5.5 V Operation
01-Jan-2023
TFBS4711 VISHAY-TFBS4711_V01 Datasheet
286Kb / 13P
   Serial Infrared Transceiver (SIR), 115.2 kbit/s, 2.4 V to 5.5 V Operation
01-Jan-2022
TFDU4100 VISHAY-TFDU4100_05 Datasheet
307Kb / 15P
   Serial Infrared Transceiver SIR, 115.2 kbit/s, 2.7 V to 5.5 V Operation
Rev. 1.6, 05-Dec-05
TFBS4710 VISHAY-TFBS4710 Datasheet
208Kb / 12P
   Serial Infrared Transceiver SIR, 115.2 kbit/s, 2.7 V to 5.5 V Operation
Rev. 1.5, 23-Feb-06
TFBS4711 VISHAY-TFBS4711_06 Datasheet
202Kb / 12P
   Serial Infrared Transceiver SIR, 115.2 kbit/s, 2.7 V to 5.5 V Operation
Rev. 1.9, 07-Nov-06
TFDS4400 VISHAY-TFDS4400 Datasheet
483Kb / 14P
   SIR Transceiver Module (115.2 kbit/s) 2.7 V to 5.5 V
Rev. A1.5, 31-May-00
TFBS4650 VISHAY-TFBS4650_09 Datasheet
258Kb / 13P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.5,16-Sep-09
TFBS4652 VISHAY-TFBS4652 Datasheet
220Kb / 13P
   Infrared Transceiver 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.1, 03-Jul-06
TFBS4652 VISHAY-TFBS4652_V02 Datasheet
348Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
01-Jan-2023
TFBS4650 VISHAY-TFBS4650_08 Datasheet
262Kb / 14P
   Infrared Transceiver 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.2, 28-May-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com