Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPC43A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TPC43A
Description  Surface Mount PAR Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TPC43A Datasheet(HTML) 2 Page - Vishay Siliconix

  TPC43A Datasheet HTML 1Page - Vishay Siliconix TPC43A Datasheet HTML 2Page - Vishay Siliconix TPC43A Datasheet HTML 3Page - Vishay Siliconix TPC43A Datasheet HTML 4Page - Vishay Siliconix TPC43A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 89056
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 10-May-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TPC6.8 thru TPC43A
Vishay General Semiconductor
New Product
Notes
(1) VBR measured after IT applied for 300 μs, IT = square wave pulse or equivalent
(2) Surge current waveform per fig. 3 and derated per fig. 2
(3) All terms and symbols are consistent with ANSI/IEEE C62.35
ELECTRICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
DEVICE
TYPE
DEVICE
MARKING
CODE
BREAKDOWN
VOLTAGE
VBR (1) AT IT (V)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE
VWM
(V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
IR (μA)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
TJ = 150 °C
ID (μA)
MAXIMUM
PEAK PULSE
SURGE
CURRENT
IPPM (2) (A)
MAXIMUM
CLAMPING
VOLTAGE
AT IPPM
VC (V)
MIN.
MAX.
TPC6.8
DDP
6.12
7.48
10
5.50
1500
10 000
139
10.8
TPC6.8A
DEP
6.45
7.14
10
5.80
1500
10 000
143
10.5
TPC7.5
DFP
6.75
8.25
10
6.05
500
5000
128
11.7
TPC7.5A
DGP
7.13
7.88
10
6.40
500
5000
133
11.3
TPC8.2
DHP
7.38
9.02
10
6.63
200
2000
120
12.5
TPC8.2A
DKP
7.79
8.61
10
7.02
200
2000
124
12.1
TPC9.1
DLP
8.19
10.0
1.0
7.37
50
500
109
13.8
TPC9.1A
DMP
8.65
9.55
1.0
7.78
50
500
112
13.4
TPC10
DNP
9.0
11.0
1.0
8.10
20
200
100
15.0
TPC10A
DPP
9.5
10.5
1.0
8.55
20
200
103
14.5
TPC11
DQP
9.9
12.1
1.0
8.92
5.0
50
92.6
16.2
TPC11A
DRP
10.5
11.6
1.0
9.40
5.0
50
96.2
15.6
TPC12
DSP
10.8
13.2
1.0
9.72
2.0
10
86.7
17.3
TPC12A
DTP
11.4
12.6
1.0
10.2
2.0
10
89.8
16.7
TPC13
DUP
11.7
14.3
1.0
10.5
2.0
10
78.9
19.0
TPC13A
DVP
12.4
13.7
1.0
11.1
2.0
10
82.4
18.2
TPC15
DWP
13.5
16.5
1.0
12.1
1.0
10
68.2
22.0
TPC15A
DXP
14.3
15.8
1.0
12.8
1.0
10
70.8
21.2
TPC16
DYP
14.4
17.6
1.0
12.9
1.0
10
63.8
23.5
TPC16A
DZP
15.2
16.8
1.0
13.6
1.0
10
66.7
22.5
TPC18
EDP
16.2
19.8
1.0
14.5
1.0
10
56.6
26.5
TPC18A
EEP
17.1
18.9
1.0
15.3
1.0
10
59.5
25.2
TPC20
EFP
18.0
22.0
1.0
16.2
1.0
10
51.5
29.1
TPC20A
EGP
19.0
21.0
1.0
17.1
1.0
10
54.2
27.7
TPC22
EHP
19.8
24.2
1.0
17.8
1.0
10
47.0
31.9
TPC22A
EKP
20.9
23.1
1.0
18.8
1.0
10
49.0
30.6
TPC24
ELP
21.6
26.4
1.0
19.4
1.0
10
43.2
34.7
TPC24A
EMP
22.8
25.2
1.0
20.5
1.0
10
45.2
33.2
TPC27
ENP
24.3
29.7
1.0
21.8
1.0
10
38.4
39.1
TPC27A
EPP
25.7
28.4
1.0
23.1
1.0
10
40.0
37.5
TPC30
EQP
27.0
33.0
1.0
24.3
1.0
10
34.5
43.5
TPC30A
ERP
28.5
31.5
1.0
25.6
1.0
10
36.2
41.4
TPC33
ESP
29.7
36.3
1.0
26.8
1.0
10
31.4
47.7
TPC33A
ETP
31.4
34.7
1.0
28.2
1.0
10
32.8
45.7
TPC36
EUP
32.4
39.6
1.0
29.1
1.0
15
28.8
52.0
TPC36A
EVP
34.2
37.8
1.0
30.8
1.0
15
30.1
49.9
TPC39
EWP
35.1
42.9
1.0
31.6
1.0
15
26.6
56.4
TPC39A
EXP
37.1
41.0
1.0
33.3
1.0
15
27.8
53.9
TPC43
EYP
38.7
47.3
1.0
34.8
1.0
20
24.2
61.9
TPC43A
EZP
40.9
45.2
1.0
36.8
1.0
20
25.3
59.3


Similar Part No. - TPC43A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TPC43A VISHAY-TPC43A Datasheet
110Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 04-Aug-08
TPC43A VISHAY-TPC43A Datasheet
102Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors
01-Jan-2022
More results

Similar Description - TPC43A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SM8S40AHE3 VISHAY-SM8S40AHE3 Datasheet
94Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Sep-12
5KASMC10A VISHAY-5KASMC10A_18 Datasheet
92Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Jan-18
TPSMA6.8A VISHAY-TPSMA6.8A_17 Datasheet
84Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 11-Jul-17
SM5S10 VISHAY-SM5S10_11 Datasheet
87Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Apr-11
SM8S24AHE3 VISHAY-SM8S24AHE3 Datasheet
98Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 14-Sep-11
SM6A27 VISHAY-SM6A27_11 Datasheet
85Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Apr-11
3KASMC10 VISHAY-3KASMC10_11 Datasheet
92Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 29-Jul-11
SM5A27 VISHAY-SM5A27_11 Datasheet
85Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Apr-11
SM6S10 VISHAY-SM6S10_11 Datasheet
87Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Apr-11
SM8A27 VISHAY-SM8A27_11 Datasheet
85Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 09-Feb-11
TPSMA6.8 VISHAY-TPSMA6.8_11 Datasheet
81Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 09-Feb-11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com