Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UH2DHE3-52T Datasheet(PDF) 3 Page - Vishay Siliconix

Part # UH2DHE3-52T
Description  Surface Mount Ultrafast Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UH2DHE3-52T Datasheet(HTML) 3 Page - Vishay Siliconix

  UH2DHE3-52T Datasheet HTML 1Page - Vishay Siliconix UH2DHE3-52T Datasheet HTML 2Page - Vishay Siliconix UH2DHE3-52T Datasheet HTML 3Page - Vishay Siliconix UH2DHE3-52T Datasheet HTML 4Page - Vishay Siliconix UH2DHE3-52T Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
New Product
UH2B, UH2C & UH2D
Vishay General Semiconductor
Document Number: 89108
Revision: 03-Jun-09
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Figure 1. Maximum Forward Current Derating Curve
Figure 2. Forward Power Loss Characteristics
Figure 3. Typical Instantaneous Forward Characteristics
0
2.4
95
105
115
125
135
145
155
175
TM - Mount Temperature (°C)
Resistive or Inductive Load
2.0
1.6
1.2
0.8
0.4
165
T
M Measured
at Mount of Terminal
0
0.4
0.8
1.2
1.6
2.0
0
2.4
0.4
Average Forward Current (A)
2.0
1.6
1.2
0.8
D = t
p/T
t
p
T
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 0.8
D = 1.0
0.2
0.6
1.0
1.4
1.8
T
A = 150 °C
T
A = 125 °C
T
A = 100 °C
T
A = 25 °C
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Instantaneous Forward Voltage (V)
100
10
1
0.1
0.01
T
A = 175 °C
Figure 4. Typical Reverse Characteristics
Figure 5. Typical Junction Capacitance
Figure 6. Typical Transient Thermal Impedance
0.1
1
10
100
1000
T
A = 150 °C
T
A = 125 °C
T
A = 100 °C
T
A = 25 °C
Percent of Rated Peak Reverse Voltage (%)
20
40
60
80
100
0.01
10
30
50
70
90
T
A = 175 °C
Reverse Voltage (V)
0.1
10
1
100
10
100
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
t - Pulse Duration (s)
0.001
10
1
100
100
1000
1
10
0.1
Junction to Ambient
0.01


Similar Part No. - UH2DHE3-52T

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
UH2D SUNMATE-UH2D Datasheet
394Kb / 2P
   SUFACE MOUNT ULTAFAST PLASTIC RECTIFIER DIODES
logo
Vishay Siliconix
UH2D VISHAY-UH2D Datasheet
91Kb / 5P
   Surface Mount Ultrafast Rectifier
02-Oct-12
UH2D-M3 VISHAY-UH2D-M3 Datasheet
88Kb / 4P
   Surface Mount Ultrafast Rectifier
02-Oct-12
More results

Similar Description - UH2DHE3-52T

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF1A PANJIT-UF1A_04 Datasheet
38Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER
US1A PANJIT-US1A_05 Datasheet
47Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Vishay Siliconix
UH1PB VISHAY-UH1PB Datasheet
83Kb / 5P
   Surface Mount Ultrafast Rectifier
Revision: 19-Apr-11
US1A VISHAY-US1A_11 Datasheet
85Kb / 5P
   Surface Mount Ultrafast Rectifier
Revision: 19-Apr-11
US1K-E3 VISHAY-US1K-E3 Datasheet
84Kb / 5P
   Surface Mount Ultrafast Rectifier
Revision: 30-Oct-13
UH3B VISHAY-UH3B Datasheet
108Kb / 5P
   Surface Mount Ultrafast Rectifier
Revision: 29-May-08
US1A VISHAY-US1A Datasheet
107Kb / 5P
   Surface Mount Ultrafast Rectifier
Revision: 27-Aug-07
logo
Pan Jit International I...
UF3A PANJIT-UF3A_09 Datasheet
113Kb / 3P
   SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Vishay Siliconix
UH3B VISHAY-UH3B_V01 Datasheet
90Kb / 5P
   Surface Mount Ultrafast Rectifier
02-Oct-12
UH1B VISHAY-UH1B_V01 Datasheet
91Kb / 5P
   Surface Mount Ultrafast Rectifier
02-Oct-12
US1 VISHAY-US1_V01 Datasheet
1Mb / 5P
   Surface-Mount Ultrafast Rectifier
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com