Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC846PN Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # BC846PN
Description  NPN/PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BC846PN Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BC846PN Datasheet HTML 1Page - Siemens Semiconductor Group BC846PN Datasheet HTML 2Page - Siemens Semiconductor Group BC846PN Datasheet HTML 3Page - Siemens Semiconductor Group BC846PN Datasheet HTML 4Page - Siemens Semiconductor Group BC846PN Datasheet HTML 5Page - Siemens Semiconductor Group BC846PN Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BC 846PN
Semiconductor Group
Sep-07-1998
3
Electrical Characteristics at
TA=25°C, unless otherwise specified
Parameter
Symbol
Unit
Values
min.
typ.
max.
AC Characteristics per Transistor
Transition frequency
IC = 20 mA, VCE = 5 V, f = 100 MHz
-
-
MHz
250
fT
2
Ccb
Collector-base capacitance
VCB = 10 V, f = 1 MHz
-
-
pF
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz
-
10
Ceb
-
Short-circuit input impedance
IC = 2 mA, VCE = 5 V, f = 1 kHz
4.5
k
-
h11e
-
-
Open-circuit reverse voltage transfer ratio
IC = 2 mA, VCE = 5 V, f = 1 kHz
2
-
10-4
h12e
Short-circuit forward current transfer ratio
IC = 2 mA, VCE = 5 V, f = 1 kHz
-
-
330
-
h21e
Open-circuit output admittance
IC = 2 mA, VCE = 5 V, f = 1 kHz
h22e
-
30
-
µs
Semiconductor Group
3
1998-11-01


Similar Part No. - BC846PN

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BC846PN INFINEON-BC846PN Datasheet
59Kb / 6P
   NPN/PNP Silicon AF Transistor Array
2007-04-20
logo
Nanjing International G...
BC846PN DGNJDZ-BC846PN Datasheet
1Mb / 6P
   SOT-363 Plastic-Encapsulate Transistors
logo
Infineon Technologies A...
BC846PN-E6327 INFINEON-BC846PN-E6327 Datasheet
853Kb / 10P
   NPN/PNP Silicon AF Transistor Arrays
2011-10-05
More results

Similar Description - BC846PN

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC846S SIEMENS-BC846S Datasheet
40Kb / 6P
   NPN Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BC847S SIEMENS-BC847S Datasheet
156Kb / 6P
   NPN Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BCW61 SIEMENS-BCW61 Datasheet
271Kb / 9P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)
BC846-BC850 SIEMENS-BC846-BC850 Datasheet
273Kb / 8P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
BCW60 SIEMENS-BCW60 Datasheet
282Kb / 9P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
BC847PN SIEMENS-BC847PN Datasheet
229Kb / 6P
   NPN/PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC856S SIEMENS-BC856S Datasheet
42Kb / 6P
   PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC857S SIEMENS-BC857S Datasheet
159Kb / 6P
   PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC846W-BC850W SIEMENS-BC846W-BC850W Datasheet
272Kb / 8P
   NPN Silicon AF Transistor (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BCP72 SIEMENS-BCP72 Datasheet
29Kb / 3P
   PNP Silicon AF Power Transistor (For AF driver and output stages High collector current High current gain)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com