Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC847BW Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BC847BW
Description  NPN Silicon AF Transistor (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BC847BW Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BC847BW Datasheet HTML 1Page - Siemens Semiconductor Group BC847BW Datasheet HTML 2Page - Siemens Semiconductor Group BC847BW Datasheet HTML 3Page - Siemens Semiconductor Group BC847BW Datasheet HTML 4Page - Siemens Semiconductor Group BC847BW Datasheet HTML 5Page - Siemens Semiconductor Group BC847BW Datasheet HTML 6Page - Siemens Semiconductor Group BC847BW Datasheet HTML 7Page - Siemens Semiconductor Group BC847BW Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Semiconductor Group
1
04.96
NPN Silicon AF Transistor
BC 846 W ... BC 850 W
Features
q
For AF input stages and driver applications
q
High current gain
q
Low collector-emitter saturation voltage
q
Low noise between 30Hz and 15 kHz
q
Complementary types: BC 856 W, BC 857 W,
BC 858 W,BC 859 W,
BC 860 W (PNP)
Type
Marking
Ordering code
(tape and reel)
Pin Configuration
123
Package
BC 846 AW
BC 846 BW
BC 847 AW
BC 847 BW
BC 847 CW
BC 848 AW
BC 848 BW
BC 848 CW
BC 849 BW
BC 849 CW
BC 850 BW
BC 850 CW
1 As
1 Bs
1 Es
1 Fs
1 Gs
1 Js
1 Ks
1 Ls
2 Bs
2 Cs
2 Fs
2 Gs
Q62702-C2319
Q62702-C2279
Q62702-C2304
Q62702-C2305
Q62702-C2306
Q62702-C2307
Q62702-C2308
Q62702-C2309
Q62702-C2310
Q62702-C2311
Q62702-C2312
Q62702-C2313
BEC
SOT 323
SOT 323
SOT 323
SOT 323
SOT 323
SOT 323
SOT 323
SOT 323
SOT 323
SOT 323
SOT 323
SOT 323


Similar Part No. - BC847BW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BC847BW NEXPERIA-BC847BW Datasheet
233Kb / 12P
   45 V, 100 mA NPN general-purpose transistors
Rev. 13 - 1 July 2022
logo
NXP Semiconductors
BC847BW PHILIPS-BC847BW Datasheet
50Kb / 8P
   NPN general purpose transistors
1999 Apr 23
logo
Diodes Incorporated
BC847BW DIODES-BC847BW Datasheet
123Kb / 3P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 9 - 2
logo
Taiwan Semiconductor Co...
BC847BW TSC-BC847BW Datasheet
334Kb / 5P
   NPN Transistor
logo
Guangdong Youtai Semico...
BC847BW UMW-BC847BW Datasheet
712Kb / 5P
   For Switching and AF Amplifier Applications
More results

Similar Description - BC847BW

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC847PN SIEMENS-BC847PN Datasheet
229Kb / 6P
   NPN/PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC856S SIEMENS-BC856S Datasheet
42Kb / 6P
   PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC857S SIEMENS-BC857S Datasheet
159Kb / 6P
   PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC856W-BC860W SIEMENS-BC856W-BC860W Datasheet
273Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC856-BC860 SIEMENS-BC856-BC860 Datasheet
271Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC846S SIEMENS-BC846S Datasheet
40Kb / 6P
   NPN Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BC847S SIEMENS-BC847S Datasheet
156Kb / 6P
   NPN Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BC846-BC850 SIEMENS-BC846-BC850 Datasheet
273Kb / 8P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
BCW60 SIEMENS-BCW60 Datasheet
282Kb / 9P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
BC846PN SIEMENS-BC846PN Datasheet
68Kb / 6P
   NPN/PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com