Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VESD05-02V-G-08 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VESD05-02V-G-08
Description  Single ESD-Protection Diode in SOD-523
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VESD05-02V-G-08 Datasheet(HTML) 1 Page - Vishay Siliconix

  VESD05-02V-G-08 Datasheet HTML 1Page - Vishay Siliconix VESD05-02V-G-08 Datasheet HTML 2Page - Vishay Siliconix VESD05-02V-G-08 Datasheet HTML 3Page - Vishay Siliconix VESD05-02V-G-08 Datasheet HTML 4Page - Vishay Siliconix VESD05-02V-G-08 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Single ESD-Protection Diode in SOD-523
VESDxx-02V
Vishay Semiconductors
Document Number: 83367
For technical questions, contact: ESDprotection@vishay.com
www.vishay.com
Rev. 1.0, 08-Nov-10
1
MARKING (example only)
Bar = cathode marking
X = date code
Y = type code (see table below)
FEATURES
• Single-line ESD-protection
• Low leakage current
• ESD-immunity acc. IEC 61000-4-2
± 8 kV contact discharge
± 15 kV air discharge
•e3 - Sn
• Compliant to RoHS Directive 2002/95/EC and
in accordance to WEEE 2002/96/EC
19344
20278
1
2
20279
XY
ORDERING INFORMATION
DEVICE NAME
ORDERING CODE
TAPED UNITS PER REEL
(8 mm TAPE ON 7" REEL)
MINIMUM ORDER QUANTITY
VESD01-02V
VESD01-02V-G-08
3000
3000
VESD03-02V
VESD03-02V-G-08
3000
3000
VESD05-02V
VESD05-02V-G-08
3000
3000
VESD08-02V
VESD08-02V-G-08
3000
3000
VESD12-02V
VESD12-02V-G-08
3000
3000
PACKAGE DATA
DEVICE NAME
PACKAGE
NAME
TYPE
CODE
WEIGHT
MOLDING COMPOUND
FLAMMABILITY RATING
MOISTURE
SENSITIVITY LEVEL
SOLDERING
CONDITIONS
VESD01-02V
SOD-523
.
1.4 mg
UL 94 V-0
MSL level 1
(according J-STD-020)
260 °C/10 s at terminals
VESD03-02V
SOD-523
.
1.4 mg
UL 94 V-0
MSL level 1
(according J-STD-020)
260 °C/10 s at terminals
VESD05-02V
SOD-523
.
1.4 mg
UL 94 V-0
MSL level 1
(according J-STD-020)
260 °C/10 s at terminals
VESD08-02V
SOD-523
.
1.4 mg
UL 94 V-0
MSL level 1
(according J-STD-020)
260 °C/10 s at terminals
VESD12-02V
SOD-523
.
1.4 mg
UL 94 V-0
MSL level 1
(according J-STD-020)
260 °C/10 s at terminals
** Please see document “Vishay Material Category Policy”: www.vishay.com/doc?99902


Similar Part No. - VESD05-02V-G-08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VESD05-02V VISHAY-VESD05-02V Datasheet
383Kb / 5P
   Single ESD Protection Diode in SOD523
Rev. 1.3, 11-Dec-06
VESD05-02V VISHAY-VESD05-02V Datasheet
84Kb / 5P
   Single ESD-Protection Diode in SOD-523
Rev. 1.1, 20-Jun-12
More results

Similar Description - VESD05-02V-G-08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VESD05A1B-02V VISHAY-VESD05A1B-02V Datasheet
63Kb / 4P
   Single ESD-Protection Diode in SOD-523
Rev. 1.0, 08-Nov-10
VESDXX-02V VISHAY-VESDXX-02V Datasheet
84Kb / 5P
   Single ESD-Protection Diode in SOD-523
Rev. 1.1, 20-Jun-12
VESD05A1B-02V-GS08 VISHAY-VESD05A1B-02V-GS08 Datasheet
63Kb / 4P
   Single ESD-Protection Diode in SOD-523
Rev. 1.0, 08-Nov-10
VESD05B1-02V VISHAY-VESD05B1-02V Datasheet
112Kb / 6P
   Single ESD-Protection Diode in SOD-523
Rev. 1.2, 05-Aug-2020
VESD05A1-02V VISHAY-VESD05A1-02V_V01 Datasheet
107Kb / 6P
   Single ESD-Protection Diode in SOD-523
01-Jan-2019
VESD05B1-02V VISHAY-VESD05B1-02V_V01 Datasheet
113Kb / 6P
   Single ESD-Protection Diode in SOD-523
01-Jan-2022
VESD05A1-02V VISHAY-VESD05A1-02V_V02 Datasheet
118Kb / 6P
   Single ESD-Protection Diode in SOD-523
01-Jan-2022
VESD01C1-02V VISHAY-VESD01C1-02V Datasheet
137Kb / 10P
   Single-Line ESD-Protection Diode in SOD-523
Rev. 1.3, 05-Aug-2020
VESD01C1-02V VISHAY-VESD01C1-02V_V01 Datasheet
134Kb / 10P
   Single-Line ESD-Protection Diode in SOD-523
01-Jan-2022
VBUS05M1-02V VISHAY-VBUS05M1-02V Datasheet
107Kb / 6P
   Low Capacitance Single Line ESD-Protection Diode in SOD-523
Rev. 1.2, 02-Dec-2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com