Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VESD08-02V-G-08 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VESD08-02V-G-08
Description  Single ESD-Protection Diode in SOD-523
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VESD08-02V-G-08 Datasheet(HTML) 3 Page - Vishay Siliconix

  VESD08-02V-G-08 Datasheet HTML 1Page - Vishay Siliconix VESD08-02V-G-08 Datasheet HTML 2Page - Vishay Siliconix VESD08-02V-G-08 Datasheet HTML 3Page - Vishay Siliconix VESD08-02V-G-08 Datasheet HTML 4Page - Vishay Siliconix VESD08-02V-G-08 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
VESDxx-02V
Single ESD-Protection Diode in
SOD-523
Vishay Semiconductors
Document Number: 83367
For technical questions, contact: ESDprotection@vishay.com
www.vishay.com
Rev. 1.0, 08-Nov-10
3
ELECTRICAL CHARACTERISTICS VESD01-02V
PARAMETER
TEST CONDITIONS/REMARKS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Protection paths
Number of lines which can be protected
Nchannel
-
-
1
lines
Reverse working voltage
at IRmax.
VRWM
1-
-
V
Reverse current
at VRWM
IR
-
-
100
µA
Reverse breakdown voltage
at IR = 1 mA
VBR
1.5
-
-
V
Reverse clamping voltage
at IPP (see fig. 1)
VC
-9-
V
Capacitance
at VR = 0 V; f = 1 MHz
CD
-
180
-
pF
ELECTRICAL CHARACTERISTICS VESD03-02V
PARAMETER
TEST CONDITIONS/REMARKS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Protection paths
Number of lines which can be protected
Nchannel
-
-
1
lines
Reverse working voltage
at IRmax.
VRWM
3-
-
V
Reverse current
at VRWM
IR
--
20
µA
Reverse breakdown voltage
at IR = 1 mA
VBR
4-
-
V
Reverse clamping voltage
at IPP (see fig. 1)
VC
-12-
V
Capacitance
at VR = 0 V; f = 1 MHz
CD
-
110
-
pF
ELECTRICAL CHARACTERISTICS VESD05-02V
PARAMETER
TEST CONDITIONS/REMARKS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Protection paths
Number of lines which can be protected
Nchannel
-
-
1
lines
Reverse working voltage
at IRmax.
VRWM
5-
-
V
Reverse current
at VRWM
IR
--
0.1
µA
Reverse breakdown voltage
at IR = 1 mA
VBR
6.5
-
-
V
Reverse clamping voltage
at IPP (see fig. 1)
VC
-20-
V
Capacitance
at VR = 0 V; f = 1 MHz
CD
-55-
pF
ELECTRICAL CHARACTERISTICS VESD08-02V
PARAMETER
TEST CONDITIONS/REMARKS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Protection paths
Number of lines which can be protected
Nchannel
-
-
1
lines
Reverse working voltage
at IRmax.
VRWM
8-
-
V
Reverse current
at VRWM
IR
--
0.1
µA
Reverse breakdown voltage
at IR = 1 mA
VBR
9-
-
V
Reverse clamping voltage
at IPP (see fig. 1)
VC
-30-
V
Capacitance
at VR = 0 V; f = 1 MHz
CD
-35-
pF
ELECTRICAL CHARACTERISTICS VESD12-02V
PARAMETER
TEST CONDITIONS/REMARKS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Protection paths
Number of lines which can be protected
Nchannel
-
-
1
lines
Reverse working voltage
at IRmax.
VRWM
12
-
-
V
Reverse current
at VRWM
IR
--
0.1
µA
Reverse breakdown voltage
at IR = 1 mA
VBR
14
-
-
V
Reverse clamping voltage
at IPP (see fig. 1)
VC
-25-
V
Capacitance
at VR = 0 V; f = 1 MHz
CD
-30-
pF


Similar Part No. - VESD08-02V-G-08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VESD08-02V VISHAY-VESD08-02V Datasheet
383Kb / 5P
   Single ESD Protection Diode in SOD523
Rev. 1.3, 11-Dec-06
VESD08-02V VISHAY-VESD08-02V Datasheet
84Kb / 5P
   Single ESD-Protection Diode in SOD-523
Rev. 1.1, 20-Jun-12
More results

Similar Description - VESD08-02V-G-08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VESD05A1B-02V VISHAY-VESD05A1B-02V Datasheet
63Kb / 4P
   Single ESD-Protection Diode in SOD-523
Rev. 1.0, 08-Nov-10
VESDXX-02V VISHAY-VESDXX-02V Datasheet
84Kb / 5P
   Single ESD-Protection Diode in SOD-523
Rev. 1.1, 20-Jun-12
VESD05A1B-02V-GS08 VISHAY-VESD05A1B-02V-GS08 Datasheet
63Kb / 4P
   Single ESD-Protection Diode in SOD-523
Rev. 1.0, 08-Nov-10
VESD05B1-02V VISHAY-VESD05B1-02V Datasheet
112Kb / 6P
   Single ESD-Protection Diode in SOD-523
Rev. 1.2, 05-Aug-2020
VESD05A1-02V VISHAY-VESD05A1-02V_V01 Datasheet
107Kb / 6P
   Single ESD-Protection Diode in SOD-523
01-Jan-2019
VESD05B1-02V VISHAY-VESD05B1-02V_V01 Datasheet
113Kb / 6P
   Single ESD-Protection Diode in SOD-523
01-Jan-2022
VESD05A1-02V VISHAY-VESD05A1-02V_V02 Datasheet
118Kb / 6P
   Single ESD-Protection Diode in SOD-523
01-Jan-2022
VESD01C1-02V VISHAY-VESD01C1-02V Datasheet
137Kb / 10P
   Single-Line ESD-Protection Diode in SOD-523
Rev. 1.3, 05-Aug-2020
VESD01C1-02V VISHAY-VESD01C1-02V_V01 Datasheet
134Kb / 10P
   Single-Line ESD-Protection Diode in SOD-523
01-Jan-2022
VBUS05M1-02V VISHAY-VBUS05M1-02V Datasheet
107Kb / 6P
   Low Capacitance Single Line ESD-Protection Diode in SOD-523
Rev. 1.2, 02-Dec-2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com