Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

300 Datasheet(PDF) 2 Page - E-SWITCH

Part # 300
Description  ROCKER AND PADDLE SWITCHES - MINIATURE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

300 Datasheet(HTML) 2 Page - E-SWITCH

  300 Datasheet HTML 1Page - E-SWITCH 300 Datasheet HTML 2Page - E-SWITCH 300 Datasheet HTML 3Page - E-SWITCH 300 Datasheet HTML 4Page - E-SWITCH 300 Datasheet HTML 5Page - E-SWITCH 300 Datasheet HTML 6Page - E-SWITCH 300 Datasheet HTML 7Page - E-SWITCH 300 Datasheet HTML 8Page - E-SWITCH 300 Datasheet HTML 9Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
POS 1
POS 2
POS 3
25˚
( ) = Momentary
POS 1
POS 2
POS 3
Model No.
SP-1
ON
NONE
ON
SP-2
ON
NONE
(ON)
SP-3
ON
OFF
ON
SP-4
(ON)
OFF
(ON)
SP-5
ON
OFF
(ON)
Term. Comm.
2-3
OPEN
2-1
POS 1
POS 2
POS 3
25˚
POS 1
POS 2
POS 3
25˚
POS 1
POS 2
POS 3
Epoxy
Seal
25˚
Epoxy
Seal
4PDT
SPDT
DPDT
3PDT
SCHEMATIC
SCHEMATIC
SCHEMATIC
SCHEMATIC
( ) = Momentary
POS 1
POS 2
POS 3
Model No.
3P-1
ON
NONE
ON
3P-2
ON
NONE
(ON)
3P-3
ON
OFF
ON
3P-4
(ON)
OFF
(ON)
3P-5
ON
OFF
(ON)
Term. Comm.
2-3, 5-6
OPEN
2-1, 5-4
8-9
8-7
( ) = Momentary
POS 1
POS 2
POS 3
Model No.
4P-1
ON
NONE
ON
4P-2
ON
NONE
(ON)
4P-3
ON
OFF
ON
4P-4
(ON)
OFF
(ON)
4P-5
ON
OFF
(ON)
Term. Comm.
2-3, 5-6
OPEN
2-1, 5-4
8-9, 11-12
8-7, 11-10
4P-6
ON
ON
ON
Term. Comm.
2-3, 5-6
2-3, 5-4
2-1, 5-4
8-9, 11-12 8-9, 11-10 8-7, 11-10
Phone: 800-867-2717
Fax: 763-531-8235
138
SERIES 300 SWITCHES
ROCKER AND PADDLE SWITCHES - MINIATURE
( ) = Momentary
POS 1
POS 2
POS 3
Model No.
DP-1
ON
NONE
ON
DP-2
ON
NONE
(ON)
DP-3
ON
OFF
ON
DP-4
(ON)
OFF
(ON)
DP-5
ON
OFF
(ON)
DP-7
ON
ON
(ON)
DP-8
(ON)
ON
(ON)
Term. Comm.
2-3, 5-6
OPEN
2-1, 5-4
DP-6
ON
ON
ON
Term. Comm.
2-3, 5-6
2-3, 5-4
2-1, 5-4


Similar Part No. - 300

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
300 DBLECTRO-300 Datasheet
387Kb / 1P
   SCREW TYPE SERIES
logo
Cornell Dubilier Electr...
300 CDE-300 Datasheet
487Kb / 11P
   Long-Life, Switching Power Grade Radial
logo
Intel Corporation
300 INTEL-300 Datasheet
2Mb / 95P
   Celeron D Processor
logo
Magnetrol International...
300 MAGNETROL-300 Datasheet
768Kb / 8P
   ECHOTEL짰NON-CONTACTULTRASOUND
logo
Cornell Dubilier Electr...
300 CDE-300 Datasheet
764Kb / 12P
   High Capacitance and Ultra-Low ESR
More results

Similar Description - 300

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
47ASP1J2M6RT GRAYHILL-47ASP1J2M6RT Datasheet
237Kb / 6P
   Miniature Rocker and Paddle Switches
logo
E-SWITCH
300A E-SWITCH-300A Datasheet
745Kb / 6P
   ROCKER AND PADDLE SWITCHES - MINIATURE
logo
GREATECS
RK13 GREATECS-RK13 Datasheet
888Kb / 5P
   Miniature Rocker & Paddle Switches
logo
Grayhill, Inc
47BWSP1J2M6RT GRAYHILL-47BWSP1J2M6RT Datasheet
204Kb / 6P
   Sealed Miniature Rocker and Paddle Switches
logo
GREATECS
RK14 GREATECS-RK14 Datasheet
526Kb / 4P
   Sealed Miniature Rocker & Paddle Switches
logo
Carling Technologies
RA901 CARLINGTECH-RA901 Datasheet
2Mb / 2P
   Single Pole Rocker & Paddle Switches
RG-SERIES CARLINGTECH-RG-SERIES Datasheet
421Kb / 3P
   Single/Double Pole Lighted Rocker & Paddle Switches
logo
Tyco Electronics
A103J1ZQ0 MACOM-A103J1ZQ0 Datasheet
579Kb / 14P
   Rocker/Paddle Switches, A Series, Part Number Matrix
logo
Copal Electronics
ELE COPAL-ELE Datasheet
837Kb / 6P
   Miniature Rocker Switches
HLA COPAL-HLA Datasheet
557Kb / 6P
   Miniature Rocker Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com