Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCP71 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # BCP71
Description  NPN Silicon AF Power Transistor (Drain switch for RF power amplifier stages For AF driver and output stages High collector current)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCP71 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BCP71 Datasheet HTML 1Page - Siemens Semiconductor Group BCP71 Datasheet HTML 2Page - Siemens Semiconductor Group BCP71 Datasheet HTML 3Page - Siemens Semiconductor Group BCP71 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BCP 71M
Semiconductor Group
Au -12-1998
3
Total power dissipation
Ptot = f (TA*;TS)
* Package mounted on epoxy
0
20
40
60
80
100
120 °C
150
TA,TS
0
200
400
600
800
1000
1200
1400
1600
mW
2000
TS
TA
Permissible Pulse Load
RthJS = f (tp)
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
-1
10
0
10
1
10
2
10
K/W
0.5
0.2
0.1
0.05
0.02
0.01
0.005
D = 0
Permissible Pulse Load
Ptotmax / PtotDC = f (tp)
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
0
10
1
10
2
10
3
10
-
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
Semiconductor Group
3
1998-11-01


Similar Part No. - BCP71

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCP70 SIEMENS-BCP70 Datasheet
29Kb / 4P
   PNP Silicon AF Power Transistor (For AF driver and output stages High collector current)
BCP70M SIEMENS-BCP70M Datasheet
29Kb / 4P
   PNP Silicon AF Power Transistor (For AF driver and output stages High collector current)
BCP72 SIEMENS-BCP72 Datasheet
29Kb / 3P
   PNP Silicon AF Power Transistor (For AF driver and output stages High collector current High current gain)
BCP72M SIEMENS-BCP72M Datasheet
30Kb / 4P
   PNP Silicon AF Power Transistor (Drain switch for RF power amplifier stages For AF driver and output stages High collector current)
logo
List of Unclassifed Man...
BCP75W ETC-BCP75W Datasheet
395Kb / 12P
   5V and 3.3V, "Half-Brick" 75 Watt, DC/DC Converters
More results

Similar Description - BCP71

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCP72M SIEMENS-BCP72M Datasheet
30Kb / 4P
   PNP Silicon AF Power Transistor (Drain switch for RF power amplifier stages For AF driver and output stages High collector current)
BCP70M SIEMENS-BCP70M Datasheet
29Kb / 4P
   PNP Silicon AF Power Transistor (For AF driver and output stages High collector current)
BCP54BCP56 SIEMENS-BCP54BCP56 Datasheet
131Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCP54MBCP56M SIEMENS-BCP54MBCP56M Datasheet
31Kb / 4P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCX54BCX56 SIEMENS-BCX54BCX56 Datasheet
146Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCP51MBCP53M SIEMENS-BCP51MBCP53M Datasheet
31Kb / 4P
   PNP Silicon AF Transistor (For AF driver and output stages High collector current)
BCP72 SIEMENS-BCP72 Datasheet
29Kb / 3P
   PNP Silicon AF Power Transistor (For AF driver and output stages High collector current High current gain)
BCP51-BCP53 SIEMENS-BCP51-BCP53 Datasheet
140Kb / 5P
   PNP Silicon AF Transistors (For AF driver and output stages High collector current)
BDP951 SIEMENS-BDP951 Datasheet
41Kb / 4P
   NPN Silicon AF Power Transistors (For AF drivers and output stages High collector current High current gain)
logo
Fairchild Semiconductor
BC80725MTF FAIRCHILD-BC80725MTF Datasheet
77Kb / 6P
   Suitable for AF-Driver stages and low power output stages
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com