Selected language     English  ▼


BCP72M Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part No. BCP72M
Description  PNP Silicon AF Power Transistor (Drain switch for RF power amplifier stages For AF driver and output stages High collector current)
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

   
 1 page
background image
BCP 72M
Semiconductor Group
Jun-05-1998
1
PNP Silicon AF Power Transistor
Preliminary data
• Drain switch for RF power amplifier stages
• For AF driver and output stages
• High collector current
• Low collector-emitter saturation voltage
VPW05980
1
2
3
5
4
Type
Marking Ordering Code Pin Configuration
Package
BCP 72M
PAs
Q62702-C2517
1 = E
2 = C 3 = E
SCT-595
4 = B 5 = C
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
VCEO
10
V
Collector-base voltage
VCBO
10
Emitter-base voltage
VEBO
5
DC collector current
IC
3
A
Peak collector current
ICM
6
Base current
200
mA
IB
Peak base current
IBM
500
Total power dissipation,
TS ≤ 94 °C
Ptot
1.7
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65...+150
Thermal Resistance
Junction ambient 1)
RthJA
≤ 88
K/W
Junction - soldering point
RthJS
≤ 33
1) Package mounted on pcb 40mm x 40mm x 1.5mm / 6cm2 Cu
Semiconductor Group
1
1998-11-01




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BCP71MNPN Silicon AF Power Transistor Drain switch for RF power amplifier stages For AF driver and output stages High collector current 1 2 3 4 Siemens Semiconductor Group
BCP70MPNP Silicon AF Power Transistor For AF driver and output stages High collector current 1 2 3 4 Siemens Semiconductor Group
BCP72PNP Silicon AF Power Transistor For AF driver and output stages High collector current High current gain 1 2 3 Siemens Semiconductor Group
BDP948PNP Silicon AF Power Transistor For AF drivers and output stages High collector current High current gain 1 2 3 4 Siemens Semiconductor Group
BCP51MBCP53MPNP Silicon AF Transistor For AF driver and output stages High collector current 1 2 3 4 Siemens Semiconductor Group
BDP952PNP Silicon AF Power Transistor For AF drivers and output stages High collector current High current gain 1 2 3 4 Siemens Semiconductor Group
BCP51-BCP53PNP Silicon AF Transistors For AF driver and output stages High collector current 1 2 3 4 5 Siemens Semiconductor Group
BC846PNNPN/PNP Silicon AF Transistor Array For AF input stages and driver applications High current gain 1 2 3 4 5 MoreSiemens Semiconductor Group
BC847PNNPN/PNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
BC856SPNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl