Selected language     English  ▼


BCP72M Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part No. BCP72M
Description  PNP Silicon AF Power Transistor (Drain switch for RF power amplifier stages For AF driver and output stages High collector current)
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

   
 4 page
background image
BCP 72M
Semiconductor Group
Jun-05-1998
4
DC current gain
hFE = f (IC)
VCE = 2V
10
0
10
1
10
2
10
3
mA
IC
0
10
1
10
2
10
3
10
-
hFE
-50°C
25°C
100°C
Collector-emitter saturation voltage
IC = f (VCEsat), hFE = 10
0.00 0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40 V
0.50
VCEsat
0
10
1
10
2
10
3
10
4
10
mA
IC
100°C
25°C
-50°C
Base-emitter saturation voltage
IC = f (VBEsat), hFE = 10
0.0
0.2
0.4
0.6
0.8
1.0
V
1.3
VBEsat
0
10
1
10
2
10
3
10
4
10
mA
IC
-50°C
25°C
100°C
Collector current
IC = f (VBE)
VCE = 2V
0.0
0.2
0.4
0.6
0.8
1.0
V
1.3
VBE
0
10
1
10
2
10
3
10
4
10
mA
IC
-50°C
25°C
100°C
Semiconductor Group
4
1998-11-01




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BCP71MNPN Silicon AF Power Transistor Drain switch for RF power amplifier stages For AF driver and output stages High collector current 1 2 3 4 Siemens Semiconductor Group
BCP70MPNP Silicon AF Power Transistor For AF driver and output stages High collector current 1 2 3 4 Siemens Semiconductor Group
BCP72PNP Silicon AF Power Transistor For AF driver and output stages High collector current High current gain 1 2 3 Siemens Semiconductor Group
BDP948PNP Silicon AF Power Transistor For AF drivers and output stages High collector current High current gain 1 2 3 4 Siemens Semiconductor Group
BCP51MBCP53MPNP Silicon AF Transistor For AF driver and output stages High collector current 1 2 3 4 Siemens Semiconductor Group
BDP952PNP Silicon AF Power Transistor For AF drivers and output stages High collector current High current gain 1 2 3 4 Siemens Semiconductor Group
BCP51-BCP53PNP Silicon AF Transistors For AF driver and output stages High collector current 1 2 3 4 5 Siemens Semiconductor Group
BC846PNNPN/PNP Silicon AF Transistor Array For AF input stages and driver applications High current gain 1 2 3 4 5 MoreSiemens Semiconductor Group
BC847PNNPN/PNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
BC856SPNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl