Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAR04LAGR Datasheet(PDF) 1 Page - E-SWITCH

Part # KAR04LAGR
Description  PIANO DIP SWITCHES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

KAR04LAGR Datasheet(HTML) 1 Page - E-SWITCH

  KAR04LAGR Datasheet HTML 1Page - E-SWITCH KAR04LAGR Datasheet HTML 2Page - E-SWITCH KAR04LAGR Datasheet HTML 3Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SERIES KAR SWITCHES
Switch Function:
SPST, 1 thru 12 positions (excluding position 11)
Contact Rating:
Switch: 25mA @24VDC; Carry: 100mA @50VDC
Insulation Resistance:
1,000 Megaohms min @ 100VDC
Contact Resistance:
Initial: 50 milliohms max
After Life: 100 milliohms max
Mechanical Life:
2000 make-and-break cycles, each circuit
Operating Force:
500gf max
Dielectric Strength:
500 VAC for 60 seconds
Storage Temperature:
-40C to +85C
Operating Temperature:
-30C to +85C
Specifications subject to change without notice.
SERIES
PACKAGING
02 = 2
03 = 3
04 = 4
05 = 5
06 = 6
08 = 8
10 = 10
12 = 12
NO. of POSITIONS
T = Std. Tube Qty.
(Pin Termination)
R = Tape & Reel
(SMT Termination
only)
KA
PIANO DIP SWITCheS
7153 NORTHLAND DRIvE NORTH
BROOKLyN PARK, MN  55428
www.e-switch.com
email: info@e-switch.com
SPECIFICATIONS
MATERIALS
HOW TO ORDER
PhONe: 763.504.3525
FAx: 763.531.8235
Example Ordering Number:
KA R 08 S H G R
FEATURES & BENEFITS
•Process sealed option
•SMT termination option
•Low profile actuator
APPLICATIONS / MARKETS
• Garage door openers
• Controller applications
• Telecommunications
• Testing/instrumentation
Base & Cover:
PPS, UL94-V0
Actuator:
Nylon, UL94-V0
Movable Contacts:
Copper alloy with gold over tin plate
Terminal Contacts:
Brass with gold over tin plate
PACKAGING
Switches are supplied with all poles in the “OFF” position.
R = Low Profile
MODEL NO.
L = Extended
S = Low Profile
(w/o tape seal)
ACTUATOR
("L" Dimension)
A = Splayed Pins
H = Straight Pins
J = J-Leads
G = Gull Wing
TERMINATION
G = Gold
TERMINAL 
FINISH


Similar Part No. - KAR04LAGR

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KAR42 KEXIN-KAR42 Datasheet
50Kb / 1P
   Small Signal Schottky Diodes
KAR43 KEXIN-KAR43 Datasheet
50Kb / 1P
   Small Signal Schottky Diodes
KAR43A KEXIN-KAR43A Datasheet
50Kb / 1P
   Small Signal Schottky Diodes
KAR43C KEXIN-KAR43C Datasheet
50Kb / 1P
   Small Signal Schottky Diodes
KAR43S KEXIN-KAR43S Datasheet
50Kb / 1P
   Small Signal Schottky Diodes
More results

Similar Description - KAR04LAGR

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
KAP E-SWITCH-KAP Datasheet
139Kb / 2P
   PIANO DIP SWITCHES
logo
OEN India Limited
OEN27 OENINDIA-OEN27 Datasheet
372Kb / 1P
   SLIDE & PIANO TYPE DIP SWITCHES
27S-024S OENINDIA-27S-024S Datasheet
372Kb / 1P
   SLIDE&PIANO TYPE DIP SWITCHES
logo
Omron Electronics LLC
A6FR OMRON-A6FR Datasheet
138Kb / 2P
   Box type Through-hole Mounting Piano DIP Switches
logo
DB Lectro Inc
RP-02 DBLECTRO-RP-02 Datasheet
314Kb / 2P
   PIANO TYPE DIP SWITCH
logo
Adam Technologies, Inc.
SW-DP-XX-SPST-V-T-P-L ADAM-TECH-SW-DP-XX-SPST-V-T-P-L Datasheet
80Kb / 1P
   PIANO TYPE DIP SWITCH
logo
Omron Electronics LLC
A6SR OMRON-A6SR Datasheet
403Kb / 4P
   DIP Switch (Piano Type)
A6TR OMRON-A6TR Datasheet
334Kb / 4P
   DIP Switch (Piano Type)
logo
DB Lectro Inc
RPL-02 DBLECTRO-RPL-02 Datasheet
280Kb / 3P
   Piano Type Dip Switch
logo
List of Unclassifed Man...
CHP-040TB ETC2-CHP-040TB Datasheet
199Kb / 6P
   PIANO SWITCHES(HALF PITCH)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com