Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL1100DF260QGRY Datasheet(PDF) 2 Page - E-SWITCH

Part # TL1100DF260QGRY
Description  TACT SWITCHES - 12mm x 12mm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

TL1100DF260QGRY Datasheet(HTML) 2 Page - E-SWITCH

  TL1100DF260QGRY Datasheet HTML 1Page - E-SWITCH TL1100DF260QGRY Datasheet HTML 2Page - E-SWITCH TL1100DF260QGRY Datasheet HTML 3Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.e-switch.com
info@e-switch.com
31
TL 1100 E
TL 1100 A
TL 1100 C
TL 1100 B & D
Actuator Length
(L) in mm
B = 4.55mm
D = 4.3mm
SCHEMATIC
P.C. MOUNTING
SCHEMATIC
P.C. MOUNTING
SCHEMATIC
P.C. MOUNTING
SCHEMATIC
P.C. MOUNTING


Similar Part No. - TL1100DF260QGRY

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
TL1100DF260QGRY E-SWITCH-TL1100DF260QGRY Datasheet
229Kb / 3P
   TACT SWITCHES
More results

Similar Description - TL1100DF260QGRY

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SML-LX4747MWC-TR10 LUMEX-SML-LX4747MWC-TR10 Datasheet
355Kb / 4P
   12mm x 12mm SURFACE MOUNT LED, WARM WHITE
SML-LX4747MWCATR10 LUMEX-SML-LX4747MWCATR10 Datasheet
374Kb / 4P
   12mm x 12mm SRFACE MOUNT LED. WARM WHITE
SML-LX4747NWC-TR10 LUMEX-SML-LX4747NWC-TR10 Datasheet
355Kb / 4P
   12mm x 12mm SURFACE MOUNT LED, NEUTRAL WHITE
SML-LX4747NWCATR10 LUMEX-SML-LX4747NWCATR10 Datasheet
379Kb / 4P
   12mm x 12mm SURFACE MOUNT LED, NEuTRAL WHITE
SML-LX4747UWC-TR10 LUMEX-SML-LX4747UWC-TR10 Datasheet
356Kb / 4P
   12mm x 12mm SURFACE MOUNT LED, COOL WHITE
SML-LX4747UWCATR10 LUMEX-SML-LX4747UWCATR10 Datasheet
379Kb / 4P
   12mm x 12mm SURFACE MOUNT LED, COOL WHITE
logo
ALPS ELECTRIC CO.,LTD.
SK2AA00540 ALPS-SK2AA00540 Datasheet
507Kb / 5P
   TACT SwitchTM 12mm Square (Snap-in Type)
SKHCAAA010 ALPS-SKHCAAA010 Datasheet
144Kb / 5P
   TACT SwitchTM 12×12mm (Snap-in)Type
logo
EUROQUARTZ limited
MP43050 EUROQUARTZ-MP43050 Datasheet
115Kb / 1P
   12mm x 4.5mm SMD
logo
List of Unclassifed Man...
SWLP2450124B02 ETC2-SWLP2450124B02 Datasheet
1Mb / 13P
   12mm*12mm*4mm 2.4GHz SMD Patch Antenna
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com