Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL1250F280AQNBLK Datasheet(PDF) 1 Page - E-SWITCH

Part # TL1250F280AQNBLK
Description  ILLUMInATED RIGhT AnGLE TACT SWITCh
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

TL1250F280AQNBLK Datasheet(HTML) 1 Page - E-SWITCH

  TL1250F280AQNBLK Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SERIES TL 1250 SWITCHES
Mechanical Life:
50,000 cycles
Force:
120 ± 60 gf; 180 ± 60 gf; 280 ± 70 gf
Travel:
0.2mm ± 0.1mm
Specifications subject to change without notice.
SERIES
CONTACT
MATERIAL
A = None
B = Blue
R = Red
G = Green
y = yellow
LED OPTION
1250
Q = Silver
R = Gold
BLK = Black *
RED = Red*
GRy = Gray*
CLR = Clear
WHT = White*
CAP OPTION
CAPCOLOR
MODEL NO.
TL
ILLUMInATED RIGhT AnGLE TACT SWITCh
7153 NORTHLAND DRIVE NORTH
BROOKLyN PARK, MN 55428
www.e-switch.com
email: info@e-switch.com
MECHANICAL SPECIFICATIONS
Contact Rating:
12VDC @ 50mA
Contact Resistance (Initial Max.):
100 mohms @ 5VDC
Insulation Resistance (min.@100V):
100 Mohms
Dielectric Strength (1 Min.):
250VAC
Bounce:
5m Second Max
ELECTRICAL SPECIFICATIONS
operating Temperature:
-20°C to +70°C
ENVIRONMENTAL SPECIFICATIONS
HOW TO ORDER
PhonE: 763.504.3525
FAx: 763.531.8235
Example Ordering Number
TL1250 F180AQ RCLR
FEATURES & BENEFITS
• Right-angle, thru hole termination
• Single color LED options available
• Sharp, tactile response
• Long travel
APPLICATIONS / MARKETS
• Telecommunications
• Consumer Electronics
• Audio/visual
• Medical
• Testing/instrumentation
• Computer/servers/peripherals
OPERATING
FORCE
F120 = 120 gf
F180 = 180 gf
F280 = 280 gf
R = Round Style
N = No Cap
*Denotes an opaque cap, not to be used
with an LED


Similar Part No. - TL1250F280AQNBLK

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
TL1250F180ARN E-SWITCH-TL1250F180ARN Datasheet
170Kb / 1P
   GOLD DOME WAS P990004
More results

Similar Description - TL1250F280AQNBLK

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
TL1290 E-SWITCH-TL1290 Datasheet
242Kb / 1P
   TACT SWITCHES ILLUMINATED - RIGHT ANGLE
logo
C&K Components
ITS CK-COMPONENTS-ITS_V02 Datasheet
850Kb / 9P
   Illuminated Tact Switch
3 Dec 21
ITS CK-COMPONENTS-ITS_V01 Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
K5V CK-COMPONENTS-K5V_V01 Datasheet
782Kb / 5P
   Illuminated Tact Switch
13 May 22
ITS CK-COMPONENTS-ITS Datasheet
895Kb / 9P
   Illuminated Tact Switch
logo
E-SWITCH
TL1220 E-SWITCH-TL1220 Datasheet
1Mb / 3P
   ILLUMINATED TACT SWITCH
logo
C&K Components
K5AT CK-COMPONENTS-K5AT_V01 Datasheet
341Kb / 2P
   Illuminated SMT Tact Switch
10 jan 18
logo
ITT Industries
K5V ITT-K5V Datasheet
740Kb / 6P
   Right Angle Lighted SMT Tact Switch
K5V_THT ITT-K5V_THT Datasheet
461Kb / 2P
   Right Angle Lighted THT Tact Switch
K5V_SMT ITT-K5V_SMT Datasheet
220Kb / 2P
   Right Angle Lighted SMT Tact Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com