Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WBL2UEEGQR05CLR Datasheet(PDF) 1 Page - E-SWITCH

Part # WBL2UEEGQR05CLR
Description  ILLUMINATED PUSHBUTTON SWITCH
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

WBL2UEEGQR05CLR Datasheet(HTML) 1 Page - E-SWITCH

  WBL2UEEGQR05CLR Datasheet HTML 1Page - E-SWITCH WBL2UEEGQR05CLR Datasheet HTML 2Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BUTTON
(optional)
SERIES WBL SWITCHES
www.e-switch.com
email: info@e-switch.com
7153 NORTHLAND DRIVE NORTH
PHONE: 800-867-2717
MINNEAPOLIS, MN 55428
FAX: 763-531-8235
ILLUMINATED PUSHBUTTON SWITCH
FEATURES & BENEFITS
2 or 4 pole options
Cap Option
Multiple LED colors
APPLICATIONS / MARKETS
Telecommunications
Consumer electronics
Audio/Visual
Medical equipment
Computer/servers/peripherals
MECHANICAL SPECIFICATIONS
HOW TO ORDER:
ELECTRICAL SPECIFICATIONS
ENVIRONMENTAL SPECIFICATIONS
Mechanical Life:
10,000 cycles
Force:
200 +/- 100 grams
Travel:
Full: 3.30 +/- 0.3mm; To Lock: 2.50 +/- 0.3mm
Contact Arrangement:
DPDT & 4PDT
Contact Rating:
30VDC, 300mA
Contact Resistance:
50mW (initial max)
Insulation Resistance:
100MW (Min @ 500VDC)
Dielectric Strength:
500VAC
Operating Temperature:
-20ºC to +70ºC
Storage Temperature:
-20ºC to +70ºC
LED COLOR
CONFIGURATION
POLES
SERIES
WBL
BUTTON COLOR
(optional)
PLATING
OA = Momentary
EE = Latching
R = Red
G = Green
Y = Yellow
X = None
B = Blue
RG = Red-Green
RB = Red-Blue
RY = Red-Yellow
GB = Green-Blue
GY = Green-Yellow
YB = Yellow-Blue
Q = Silver
R05 = 10mm Dia.
CLR = Transparent
2U = 2 pole
4U = 4 pole
Specifications subject to change without notice.
Parts to be packaged in trays, 84 pieces per tray.
Optional Button:


Similar Part No. - WBL2UEEGQR05CLR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WBLXT9785HED0 ETC2-WBLXT9785HED0 Datasheet
1Mb / 244P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
More results

Similar Description - WBL2UEEGQR05CLR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
YB2 ETC-YB2 Datasheet
4Mb / 15P
   illuminated pushbutton switch
logo
E-SWITCH
TL2205 E-SWITCH-TL2205 Datasheet
211Kb / 2P
   ILLUMINATED PUSHBUTTON SWITCH
LP37 E-SWITCH-LP37 Datasheet
293Kb / 2P
   ILLUMINATED PUSHBUTTON SWITCH
logo
GREATECS
PB40 GREATECS-PB40 Datasheet
1Mb / 7P
   Illuminated Pushbutton Switch with LED
logo
E-SWITCH
LP1OA1AR E-SWITCH-LP1OA1AR Datasheet
123Kb / 1P
   ILLUMINATED PUSHBUTTON
LP6 E-SWITCH-LP6 Datasheet
234Kb / 2P
   ILLUMINATED PUSHBUTTON
logo
CIT Relay & Switch
EH12NMSSBBO CIT-EH12NMSSBBO Datasheet
172Kb / 3P
   Illuminated Pushbutton
logo
Schneider Electric
XB4BWCUST04 SCHNEIDER-XB4BWCUST04 Datasheet
162Kb / 1P
   ILLUMINATED PUSHBUTTON
logo
C&K Components
PBA CK-COMPONENTS-PBA Datasheet
231Kb / 3P
   Illuminated Pushbutton
logo
Schneider Electric
XB5AWCUST07 SCHNEIDER-XB5AWCUST07 Datasheet
157Kb / 1P
   ILLUMINATED PUSHBUTTON
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com