Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2320241 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 2320241
Description  QUINT-UPS/ 24DC/ 24DC/40
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2320241 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  2320241 Datasheet HTML 1Page - PHOENIX CONTACT 2320241 Datasheet HTML 2Page - PHOENIX CONTACT 2320241 Datasheet HTML 3Page - PHOENIX CONTACT 2320241 Datasheet HTML 4Page - PHOENIX CONTACT 2320241 Datasheet HTML 5Page - PHOENIX CONTACT 2320241 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
QUINT-UPS/ 24DC/ 24DC/40 Order No.: 2320241
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2320241
PHOENIX CONTACT Inc., USA
Page 4 / 6
http://www.phoenixcon.com
Sep 21, 2011
Conductor cross section AWG/kcmil max
12
Tightening torque, min
0.5 Nm
Tightening torque max
0.6 Nm
Screw thread
M4
Signalization designation
Alarm
Output name
Switching output
Output description
Relay
Maximum switching voltage
≤ 30 V AC/DC
Continuous load current
≤ 100 mA
Status display
LED
Note on status display
Static to
Signalization designation
Battery charge
Output name
Switching output
Output description
Relay
Maximum switching voltage
≤ 30 V AC/DC
Output voltage
24 V
Continuous load current
≤ 100 mA
Status display
LED bar graph
Note on status display
dynamic
Signalization designation
Battery mode
Output name
Switching output
Output description
Relay
Type of signaling
Battery mode
Maximum switching voltage
≤ 30 V AC/DC
Output voltage
24 V
Continuous load current
≤ 100 mA
Status display
LED
Note on status display
Static to
Certificates / Approvals
Certification
CUL, CUL Listed, UL, UL Listed
Certifications applied for:
UL-EX LIS / CUL-EX LIS


Similar Part No. - 2320241

ManufacturerPart #DatasheetDescription
logo
Littelfuse
23202.5 LITTELFUSE-23202.5 Datasheet
124Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to METI Standard
23202.5XE LITTELFUSE-23202.5XE Datasheet
124Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to METI Standard
23202.5XW LITTELFUSE-23202.5XW Datasheet
124Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to METI Standard
logo
PHOENIX CONTACT
2320212 PHOENIX-2320212 Datasheet
161Kb / 6P
   QUINT-UPS/24DC/24DC/5
2320225 PHOENIX-2320225 Datasheet
162Kb / 6P
   QUINT-UPS/ 24DC/ 24DC/10
More results

Similar Description - 2320241

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2320212 PHOENIX-2320212 Datasheet
161Kb / 6P
   QUINT-UPS/24DC/24DC/5
2320238 PHOENIX-2320238 Datasheet
162Kb / 6P
   QUINT-UPS/ 24DC/ 24DC/20
2320225 PHOENIX-2320225 Datasheet
162Kb / 6P
   QUINT-UPS/ 24DC/ 24DC/10
2320393 PHOENIX-2320393 Datasheet
76Kb / 6P
   Buffer module - QUINT-BUFFER/24DC/24DC/40
2320254 PHOENIX-2320254 Datasheet
125Kb / 9P
   Uninterruptible power supply - QUINT-UPS/ 24DC/ 24DC/5/1.3AH
09/12/2020
2320267 PHOENIX-2320267 Datasheet
124Kb / 9P
   Uninterruptible power supply - QUINT-UPS/ 24DC/24DC/10/3.4AH
09/12/2020
2866802 PHOENIX-2866802 Datasheet
511Kb / 20P
   QUINT-PS/3AC/24DC/40
102126 PHOENIX-102126 Datasheet
618Kb / 12P
   QUINT-PS-24DC/24DC/10
2907077 PHOENIX-2907077 Datasheet
115Kb / 9P
   Uninterruptible power supply - QUINT4-UPS/24DC/24DC/40
09/12/2020
2320542 PHOENIX-2320542 Datasheet
399Kb / 21P
   QUINT-PS/24DC/24DC/ 5/CO
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com